Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74ABT162240 Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. 74ABT162240
Description  16-bit inverting buffer/driver with 30ohm series termination resistors
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT162240 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74ABT162240 Datasheet HTML 2Page - NXP Semiconductors 74ABT162240 Datasheet HTML 3Page - NXP Semiconductors 74ABT162240 Datasheet HTML 4Page - NXP Semiconductors 74ABT162240 Datasheet HTML 5Page - NXP Semiconductors 74ABT162240 Datasheet HTML 6Page - NXP Semiconductors 74ABT162240 Datasheet HTML 7Page - NXP Semiconductors 74ABT162240 Datasheet HTML 8Page - NXP Semiconductors 74ABT162240 Datasheet HTML 9Page - NXP Semiconductors 74ABT162240 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
74ABT162240
74ABTH162240
16-bit inverting buffer/driver with 30
Ω series
termination resistors (3-State)
1998 Feb 25
6
DC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = +25°C
Tamb = –40°C
to +85
°C
UNIT
Min
Typ
Max
Min
Max
VIK
Input clamp voltage
VCC = 4.5V; IIK = –18mA
–0.9
–1.2
–1.2
V
VCC = 4.5V; IOH = –3mA; VI = VIL or VIH
2.5
2.9
2.5
V
VOH
High-level output voltage
VCC = 5.0V; IOH = –3mA; VI = VIL or VIH
3.0
3.4
3.0
V
VCC = 4.5V; IOH = –32mA; VI = VIL or VIH
2.0
2.4
2.0
V
VOL
Low-level output voltage
VCC = 4.5V; IOL = 8mA; VI = VIL or VIH
0.65
0.65
V
VOL
Low-level out ut voltage
VCC = 4.5V; IOL = 12mA; VI = VIL or VIH
0.80
0.80
V
II
Input leakage current
VCC = 5.5V; VI = GND or 5.5V
±0.01
±1.0
±1.0
µA
I
Input leakage current
VCC = 5.5V; VI = VCC or GND
Control
pins
±0.01
±1
±1
µA
II
In ut leakage current
74ABTH162240
VCC = 5.5V; VI = VCC
Data pins
0.01
1
1
µA
VCC = 5.5V; VI = 0
Data ins
–2
–3
–5
µA
Bus Hold current A inputs3
VCC = 4.5V; VI = 0.8V
50
50
IHOLD
Bus Hold current A inputs3
74ABTH162240
VCC = 4.5V; VI = 2.0V
–75
–75
µA
74ABTH162240
VCC = 5.5V; VI = 0 to 5.5V
±500
IOFF
Power-off leakage current
VCC = 0.0V; VO or VI ≤ 4.5V
±5.0
±100
±100
µA
IPU/IPD
Power-up/down 3-State
output current
VCC = 2.0V; VO = 0.5V; VI = GND or VCC;
VOE = VCC
±5.0
±50
±50
µA
IOZH
3-State output High current
VCC = 5.5V; VO = 2.7V; VI = VIL or VIH
1.0
10
10
µA
IOZL
3-State output Low current
VCC = 5.5V; VO = 0.5V; VI = VIL or VIH
–1.0
–10
–10
µA
ICEX
Output high leakage current
VCC = 5.5V; VO = 5.5V; VI = GND or VCC
1.0
50
50
µA
IO
Output current1
VCC = 5.5V; VO = 2.5V
–50
–70
–180
–50
–180
mA
ICCH
VCC = 5.5V; Outputs High, VI = GND or VCC
0.5
1.0
1.0
mA
ICCL
Quiescent supply current
VCC = 5.5V; Outputs Low, VI = GND or VCC
8
19
19
mA
ICCZ
Quiescent su
ly current
VCC = 5.5V; Outputs 3-State;
VI = GND or VCC
0.5
1.0
1.0
mA
∆ICC
Additional supply current per
input pin2
74ABT162240
Outputs enabled, one input at 3.4V, other
inputs at VCC or GND; VCC = 5.5V
10
200
200
µA
∆ICC
Additional supply current per
input pin2
74ABTH162240
Outputs enabled, one input at 3.4V, other
inputs at VCC or GND; VCC = 5.5V
0.2
1.0
1.0
mA
NOTES:
1. Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
2. This is the increase in supply current for each input at 3.4V.
3. This is the bus hold overdrive current required to force the input to the opposite logic state.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn