Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74ABT162240 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. 74ABT162240
Description  16-bit inverting buffer/driver with 30ohm series termination resistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT162240 Datasheet(HTML) 5 Page - NXP Semiconductors

  74ABT162240 Datasheet HTML 1Page - NXP Semiconductors 74ABT162240 Datasheet HTML 2Page - NXP Semiconductors 74ABT162240 Datasheet HTML 3Page - NXP Semiconductors 74ABT162240 Datasheet HTML 4Page - NXP Semiconductors 74ABT162240 Datasheet HTML 5Page - NXP Semiconductors 74ABT162240 Datasheet HTML 6Page - NXP Semiconductors 74ABT162240 Datasheet HTML 7Page - NXP Semiconductors 74ABT162240 Datasheet HTML 8Page - NXP Semiconductors 74ABT162240 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
Product specification
74ABT162240
74ABTH162240
16-bit inverting buffer/driver with 30
Ω series
termination resistors (3-State)
1998 Feb 25
5
ABSOLUTE MAXIMUM RATINGS1, 2
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
-0.5 to +7.0
V
IIK
DC input diode current
VI < 0
–18
mA
VI
DC input voltage3
–1.2 to +7.0
V
IOK
DC output diode current
VO < 0
–50
mA
VOUT
DC output voltage3
Output in Off or High state
–0.5 to +5.5
V
IOUT
DC output current
Output in Low state
128
mA
IOUT
DC out ut current
Output in High state
-64
mA
Tstg
Storage temperature range
-65 to +150
°C
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150
°C.
3. The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings are observed.
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
MIN
MAX
UNIT
VCC
DC supply voltage
4.5
5.5
V
VI
Input voltage
0
VCC
V
VIH
High-level input voltage
2.0
V
VIL
Input voltage
0.8
V
IOH
High-level output current
–32
mA
IOL
Low-level output current
32
mA
Low-level output current; current duty cycle
≤ 50%; f ≥ 1kHz
12
∆t/∆v
Input transition rise or fall rate; Outputs enabled
0
10
ns/V
Tamb
Operating free-air temperature range
–40
+85
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
74LVC162244A 16-bit buffer/line driver; with 30ohm series termination resistors 5V input/output tolerant 3-State 1  2  3  4  5  More NXP Semiconductors
74ALVT162240 16-bit inverting buffer/driver with 30ohm termination resistors 3-State 1  2  3  4  5  More NXP Semiconductors
74ABT162244 16-bit buffer/line driver with 30ohm series termination resistors 3-State 1  2  3  4  5  More NXP Semiconductors
74ABT162245A 16-Bit bus transceiver with 30ohm series termination resistors 3-State 1  2  3  4  5  More NXP Semiconductors
74LVT162240A 3.3V LVT 16-bit inverting buffer/driver with 30ohm termination resistors 3-State 1  2  3  4  5  More NXP Semiconductors
74ABT2240 Octal inverting buffer with 30ohm series termination resistors 3-State 1  2  3  4  5  More NXP Semiconductors
74LVC162245A 16-bit bus transceiver with direction pin; 30ohm series termination resistors; 5V Input/Outputs tolerant 3-State 1  2  3  4  5  More NXP Semiconductors
74ALVC162240 Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LVTH162240 Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25ohm Series Resistors in the Outputs 1  2  3  4  5  More Fairchild Semiconductor
74ALVC162334A 16-bit registered driver with inverted register enable and 30ohm termination resistors 3-State 1  2  3  4  5  More NXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn