Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABT126D Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74ABT126D
Description  Quad buffer 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT126D Datasheet(HTML) 4 Page - NXP Semiconductors

  74ABT126D Datasheet HTML 1Page - NXP Semiconductors 74ABT126D Datasheet HTML 2Page - NXP Semiconductors 74ABT126D Datasheet HTML 3Page - NXP Semiconductors 74ABT126D Datasheet HTML 4Page - NXP Semiconductors 74ABT126D Datasheet HTML 5Page - NXP Semiconductors 74ABT126D Datasheet HTML 6Page - NXP Semiconductors 74ABT126D Datasheet HTML 7Page - NXP Semiconductors 74ABT126D Datasheet HTML 8Page - NXP Semiconductors 74ABT126D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Philips Semiconductors
Product specification
74ABT126
Quad buffer (3-State)
1998 Jan 16
4
DC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = +25°C
Tamb = –40°C
to +85
°C
UNIT
Min
Typ
Max
Min
Max
VIK
Input clamp voltage
VCC = 4.5V; IIK = –18mA
–0.9
–1.2
–1.2
V
VCC = 4.5V; IOH = –3mA; VI = VIL or VIH
2.5
2.9
2.5
V
VOH
High-level output voltage
VCC = 5.0V; IOH = –3mA; VI = VIL or VIH
3.0
3.4
3.0
V
VCC = 4.5V; IOH = –32mA; VI = VIL or VIH
2.0
2.4
2.0
V
VOL
Low-level output voltage
VCC = 4.5V; IOL = 64mA; VI = VIL or VIH
0.35
0.55
0.55
V
II
Input leakage current
VCC = 5.5V; VI = GND or 5.5V
±0.01
±1.0
±1.0
µA
IOFF
Power-off leakage current
VCC = 0.0V; VO or VI ≤ 4.5V
±5.0
±100
±100
µA
IPU/IPD
Power-up/down 3-State
output current3
VCC = 2.1V; VO = 0.5V; VI GND or VCC;
V OE = Don’t care
±5.0
±50
±50
µA
IOZH
3-State output High current
VCC = 5.5V; VO = 2.7V; VI = VIL or VIH
1.0
50
50
µA
IOZL
3-State output Low current
VCC = 5.5V; VO = 0.5V; VI = VIL or VIH
–1.0
–50
–50
µA
ICEX
Output High leakage current
VCC = 5.5V; VO = 5.5V; VI = GND or VCC
5.0
50
50
µA
IO
Output current1
VCC = 5.5V; VO = 2.5V
–50
–100
–180
–50
–180
mA
ICCH
VCC = 5.5V; Outputs High, VI = GND or VCC
65
250
250
µA
ICCL
Quiescent supply current
VCC = 5.5V; Outputs Low, VI = GND or VCC
12
15
15
mA
ICCZ
VCC = 5.5V; Outputs 3–State;
VI = GND or VCC
65
250
250
µA
Outputs enabled, one data input at 3.4V,
other inputs at VCC or GND; VCC = 5.5V
0.5
1.5
1.5
mA
∆ICC
Additional supply current per
input pin2
Outputs 3-State, one data input at 3.4V, other
inputs at VCC or GND; VCC = 5.5V
50
250
250
µA
Outputs 3-State, one enable input at 3.4V,
other inputs at VCC or GND; VCC = 5.5V
0.5
1.5
1.5
mA
NOTES:
1. Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
2. This is the increase in supply current for each input at 3.4V.
3. This parameter is valid for any VCC between 0V and 2.1V, with a transition time of up to10msec. From VCC = 2.1V to VCC = 5V ± 10%, a
transition time of up to 100
µsec is permitted.
AC CHARACTERISTICS
GND = 0V; tR = tF = 2.5ns; CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25°C
VCC = +5.0V
Tamb = –40°C to +85°C
VCC = +5.0V ±0.5V
UNIT
Min
Typ
Max
Min
Max
tPLH
tPHL
Propagation delay
An to Yn
1
1.0
1.0
2.9
3.0
4.2
4.3
1.0
1.0
4.4
4.6
ns
tPZH
tPZL
Output enable time
to High and Low level
2
1.9
1.9
3.2
4.4
5.8
5.9
1.9
1.9
6.5
6.5
ns
tPHZ
tPLZ
Output disable time
from High and Low level
2
1.0
1.0
4.2
2.9
5.2
4.9
1.0
1.0
5.8
5.5
ns


Similar Part No. - 74ABT126D

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ABT126D NEXPERIA-74ABT126D Datasheet
219Kb / 11P
   Quad buffer; 3-state
Rev. 6 - 8 October 2020
logo
NXP Semiconductors
74ABT126D-602 PHILIPS-74ABT126D-602 Datasheet
91Kb / 15P
   Quad buffer; 3-state
Rev. 04-17 February 2005
More results

Similar Description - 74ABT126D

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ABT126 NEXPERIA-74ABT126 Datasheet
219Kb / 11P
   Quad buffer; 3-state
Rev. 6 - 8 October 2020
logo
NXP Semiconductors
74ABT125 PHILIPS-74ABT125 Datasheet
93Kb / 10P
   Quad buffer 3-State
1998 Jan 16
74ABT126 PHILIPS-74ABT126_15 Datasheet
91Kb / 15P
   Quad buffer; 3-state
Rev. 04-17 February 2005
logo
Fairchild Semiconductor
74F125SCX FAIRCHILD-74F125SCX Datasheet
79Kb / 5P
   Quad Buffer (3-STATE)
logo
NXP Semiconductors
74ABT126D-602 PHILIPS-74ABT126D-602 Datasheet
91Kb / 15P
   Quad buffer; 3-state
Rev. 04-17 February 2005
logo
Nexperia B.V. All right...
74ABT125 NEXPERIA-74ABT125 Datasheet
245Kb / 12P
   Quad buffer; 3-state
Rev. 9 - 13 March 2023
logo
NXP Semiconductors
74ABT125 NXP-74ABT125 Datasheet
162Kb / 15P
   Quad buffer; 3-state
Rev. 04-27 April 2010
logo
Fairchild Semiconductor
74F125 FAIRCHILD-74F125 Datasheet
66Kb / 5P
   Quad Buffer (3-STATE)
DM74LS126A FAIRCHILD-DM74LS126A Datasheet
48Kb / 4P
   Quad 3-STATE Buffer
DM74ALS125 FAIRCHILD-DM74ALS125 Datasheet
51Kb / 5P
   Quad 3-STATE Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com