Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16C854IV Datasheet(PDF) 6 Page - Exar Corporation

Part # XR16C854IV
Description  2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16C854IV Datasheet(HTML) 6 Page - Exar Corporation

Back Button XR16C854IV Datasheet HTML 2Page - Exar Corporation XR16C854IV Datasheet HTML 3Page - Exar Corporation XR16C854IV Datasheet HTML 4Page - Exar Corporation XR16C854IV Datasheet HTML 5Page - Exar Corporation XR16C854IV Datasheet HTML 6Page - Exar Corporation XR16C854IV Datasheet HTML 7Page - Exar Corporation XR16C854IV Datasheet HTML 8Page - Exar Corporation XR16C854IV Datasheet HTML 9Page - Exar Corporation XR16C854IV Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
XR16C854/854D
xr
2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
REV. 3.0.1
6
TXRDY#
-
39
45
O
Transmitter Ready (active low). This output is a logically wire-
ORed status of TXRDY# A-D. See Table 5. If this output is
unused, leave it unconnected.
RXRDY#
-
38
44
O
Receiver Ready (active low). This output is a logically wire-ORed
status of RXRDY# A-D. See Table 5. If this output is unused,
leave it unconnected.
FSRS#
-
-
76
I
FIFO Status Register Select (active low input with internal pull-up).
The content of the FSTAT register is placed on the data bus when
this pin becomes active. However it should be noted, D0-D3 con-
tain the inverted logic states of TXRDY# A-D pins, and D4-D7 the
logic states (un-inverted) of RXRDY# A-D pins. Address line is not
required when reading this status register.
MODEM OR SERIAL I/O INTERFACE
TXA
TXB
TXC
TXD
8
10
39
41
17
19
51
53
14
16
65
67
O
UART channels A-D Transmit Data and infrared transmit data.
Standard transmit and receive interface is enabled when MCR[6] =
0. In this mode, the TX signal will be a logic 1 during reset, or idle
(no data). Infrared IrDA transmit and receive interface is enabled
when MCR[6] = 1. In the Infrared mode, the inactive state (no
data) for the Infrared encoder/decoder interface is a logic 0.
IRTXA
IRTXB
IRTXC
IRTXD
-
-
-
-
-
-
-
-
6
24
57
75
O
UART channel A-D Infrared Transmit Data. The inactive state (no
data) for the Infrared encoder/decoder interface is a logic 0.
Regardless of the logic state of MCR bit-6, this pin will be operating
in the Infrared mode.
RXA
RXB
RXC
RXD
62
20
29
51
7
29
41
63
97
34
47
85
I
UART channel A-D Receive Data or infrared receive data. Normal
receive data input must idle at logic 1 condition. The infrared
receiver pulses typically idles at logic 0 but can be inverted by soft-
ware control prior going in to the decoder, see FCTR[2].
RTSA#
RTSB#
RTSC#
RTSD#
5
13
36
44
14
22
48
56
11
19
62
70
O
UART channels A-D Request-to-Send (active low) or general pur-
pose output. This output must be asserted prior to using auto RTS
flow control, see EFR[6], MCR[1], FCTR[1:0], EMSR[5:4] and
IER[6]. Also see
Figure 11. If these outputs are not used, leave
them unconnected.
CTSA#
CTSB#
CTSC#
CTSD#
2
16
33
47
11
25
45
59
8
22
59
73
I
UART channels A-D Clear-to-Send (active low) or general purpose
input. It can be used for auto CTS flow control, see EFR[7], and
IER[7]. Also see
Figure 11. These inputs should be connected
to VCC when not used.
DTRA#
DTRB#
DTRC#
DTRD#
3
15
34
46
12
24
46
58
9
21
60
72
O
UART channels A-D Data-Terminal-Ready (active low) or general
purpose output. If these outputs are not used, leave them uncon-
nected.
DSRA#
DSRB#
DSRC#
DSRD#
1
17
32
48
10
26
44
60
7
23
58
74
I
UART channels A-D Data-Set-Ready (active low) or general pur-
pose input. This input should be connected to VCC when not used.
Pin Description
NAME
64-LQFP
PIN #
68-PLCC
PIN#
100-QFP
PIN #
TYPE
DESCRIPTION


Similar Part No. - XR16C854IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C854IV EXAR-XR16C854IV Datasheet
476Kb / 51P
   QUAD UART WITH RX/TX FIFO COUNTERS,128-BYTE FIFO
XR16C854IV EXAR-XR16C854IV Datasheet
689Kb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
More results

Similar Description - XR16C854IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C864IQ-F EXAR-XR16C864IQ-F Datasheet
440Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C854D EXAR-XR16C854D Datasheet
689Kb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
ST16C654IJ68-F EXAR-ST16C654IJ68-F Datasheet
1Mb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
ST16C554DCJ68-F EXAR-ST16C554DCJ68-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554DIQ64-F EXAR-ST16C554DIQ64-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554 EXAR-ST16C554 Datasheet
757Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C654 EXAR-ST16C654 Datasheet
968Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com