Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRT56L85P Datasheet(PDF) 7 Page - Exar Corporation

Part # XRT56L85P
Description  Low Power PCM Line Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT56L85P Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRT56L85P Datasheet HTML 3Page - Exar Corporation XRT56L85P Datasheet HTML 4Page - Exar Corporation XRT56L85P Datasheet HTML 5Page - Exar Corporation XRT56L85P Datasheet HTML 6Page - Exar Corporation XRT56L85P Datasheet HTML 7Page - Exar Corporation XRT56L85P Datasheet HTML 8Page - Exar Corporation XRT56L85P Datasheet HTML 9Page - Exar Corporation XRT56L85P Datasheet HTML 10Page - Exar Corporation XRT56L85P Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
XRT56L85
7
Rev. 2.11
TIP
T2
PE65415
1:1:1
56
VCC
0.1µF
RXDATA+
2
RXDATA-
3
BIAS
5
T.E.
4
RGND
1
RCLK 8
PDC
9
18
TXDATA+
15
TXDATA-
13
TGND
14
RNEG 10
RPOS 11
TNEG 12
TPOS 17
TCLK 16
TANK BIAS
6
XRT56L85
RING
56
RNEG
RPOS
TNEG
TPOS
TCLK
RCLK
0.1µF
VCC
Figure 5. Application Circuit for XRT56L85
7
TIP
RING
T1
LC
1:1
Device
1.544Mbs
2.048Mbs
L
C
60µH
175pF
60µH
100pF
4.7µF
RVCC
U1
56L85TA
L=Tank Coil AIE 415−0804 (1.544 and 2.048 Mbs)
75
0.1µF
0.1µF
0.1µF
0.1µF
120
120
0.1µF
TIP
RING
3
5
2
5
3
2
5
3
2
2
3
5
RCACON
VCC
0.1µF
0.1µF
0.1µF


Similar Part No. - XRT56L85P

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT56L22 EXAR-XRT56L22 Datasheet
344Kb / 16P
   Low Power Repeater/Receiver
More results

Similar Description - XRT56L85P

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-T56L85 EXAR-XR-T56L85 Datasheet
105Kb / 12P
   Low Power PCM Line Interface
XRT5683A EXAR-XRT5683A Datasheet
110Kb / 12P
   PCM Line Interface Chip
XR-T5683A EXAR-XR-T5683A Datasheet
110Kb / 12P
   PCM Line Interface Chip
XRT5683AIP-F EXAR-XRT5683AIP-F Datasheet
93Kb / 12P
   PCM Line Interface Chip
logo
Texas Instruments
PCM5100 TI1-PCM5100_15 Datasheet
1Mb / 35P
[Old version datasheet]   384kHz PCM Interface
logo
Asahi Kasei Microsystem...
AK61584 AKM-AK61584 Datasheet
364Kb / 38P
   Dual Low Power T1/E1 Line Interface
logo
Agere Systems
L9218A AGERE-L9218A Datasheet
378Kb / 30P
   Low-Cost Line Interface
logo
Integrated Device Techn...
IDT82V1671 IDT-IDT82V1671 Datasheet
1Mb / 107P
   CHIPSET OF RINGING SUBSCRIBER LINE INTERFACE CIRCUIT (RSLIC) & QUAD PROGRAMMABLE PCM CODEC
logo
Level One
LXT313 LVL1-LXT313 Datasheet
269Kb / 10P
   Low Power E1 PCM Repeaters/Transceivers
LXT312 LVL1-LXT312 Datasheet
276Kb / 10P
   Low Power T1 PCM Repeaters/Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com