Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRT16C854 Datasheet(PDF) 30 Page - Exar Corporation

Part # XRT16C854
Description  2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT16C854 Datasheet(HTML) 30 Page - Exar Corporation

Back Button XRT16C854 Datasheet HTML 26Page - Exar Corporation XRT16C854 Datasheet HTML 27Page - Exar Corporation XRT16C854 Datasheet HTML 28Page - Exar Corporation XRT16C854 Datasheet HTML 29Page - Exar Corporation XRT16C854 Datasheet HTML 30Page - Exar Corporation XRT16C854 Datasheet HTML 31Page - Exar Corporation XRT16C854 Datasheet HTML 32Page - Exar Corporation XRT16C854 Datasheet HTML 33Page - Exar Corporation XRT16C854 Datasheet HTML 34Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
XR16C854/854D
xr
2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
REV. 3.0.1
30
4.6
Line Control Register (LCR) - Read/Write
The Line Control Register is used to specify the asynchronous data communication format. The word or
character length, the number of stop bits, and the parity are selected by writing the appropriate bits in this
register.
LCR[1:0]: TX and RX Word Length Select
These two bits specify the word length to be transmitted or received.
LCR[2]: TX and RX Stop-bit Length Select
The length of stop bit is specified by this bit in conjunction with the programmed word length.
1
0
0
0
1
1
0
1
0
1
0
0
1
1
0
1
0
1
8
16
56
60
8
16
32
56
Table-C. 16C654 compatible.
1
1
X
X
X
X
Programmable
via TRG
register.
FCTR[7] = 0.
Programmable
via TRG
register.
FCTR[7] = 1.
Table-D. 16L2750, 16C2850,
16C2852, 16C850, 16C864
compatible.
BIT-1
BIT-0
WORD LENGTH
0
0
5 (default)
0
1
6
1
0
7
1
1
8
BIT-2
WORD
LENGTH
STOP BIT LENGTH
(BIT TIME(S))
0
5,6,7,8
1 (default)
1
5
1-1/2
1
6,7,8
2
TABLE 11: TRANSMIT AND RECEIVE FIFO TRIGGER LEVEL SELECTION
FCTR
BIT-5
FCTR
BIT-4
FCR
BIT-7
FCR
BIT-6
FCR
BIT-5
FCR
BIT
-4
RECEIVE
TRIGGER LEVEL
TRANSMIT
TRIGGER
LEVEL
COMPATIBILITY


Similar Part No. - XRT16C854

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT16L2552 EXAR-XRT16L2552 Datasheet
749Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
More results

Similar Description - XRT16C854

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C864IQ-F EXAR-XR16C864IQ-F Datasheet
440Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C854D EXAR-XR16C854D Datasheet
689Kb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
ST16C654IJ68-F EXAR-ST16C654IJ68-F Datasheet
1Mb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
ST16C554DCJ68-F EXAR-ST16C554DCJ68-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554DIQ64-F EXAR-ST16C554DIQ64-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554 EXAR-ST16C554 Datasheet
757Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C654 EXAR-ST16C654 Datasheet
968Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com