Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRT16C854 Datasheet(PDF) 13 Page - Exar Corporation

Part # XRT16C854
Description  2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT16C854 Datasheet(HTML) 13 Page - Exar Corporation

Back Button XRT16C854 Datasheet HTML 9Page - Exar Corporation XRT16C854 Datasheet HTML 10Page - Exar Corporation XRT16C854 Datasheet HTML 11Page - Exar Corporation XRT16C854 Datasheet HTML 12Page - Exar Corporation XRT16C854 Datasheet HTML 13Page - Exar Corporation XRT16C854 Datasheet HTML 14Page - Exar Corporation XRT16C854 Datasheet HTML 15Page - Exar Corporation XRT16C854 Datasheet HTML 16Page - Exar Corporation XRT16C854 Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
xr
XR16C854/854D
REV. 3.0.1
2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
13
2.9
Crystal Oscillator or External Clock Input
The 854 includes an on-chip oscillator (XTAL1 and XTAL2) to produce a clock for all four UART sections in the
device. The CPU data bus does not require this clock for bus operation. The crystal oscillator provides a
system clock to the Baud Rate Generators (BRG) section found in each of the UART. XTAL1 is the input to the
oscillator or external clock buffer input with XTAL2 pin being the output. For programming details, see
“Programmable Baud Rate Generator.”
FIGURE 5. TYPICAL OSCILATOR CONNECTIONSL
The on-chip oscillator is designed to use an industry standard microprocessor crystal (parallel resonant,
fundamental frequency with 10-22 pF capacitance load, ESR of 20-120 ohms and 100ppm frequency
tolerance) connected externally between the XTAL1 and XTAL2 pins (see Figure 5). Typical standard crystal
frequencies are: 1.8432, 3.6864, 7.3728, 14.7456, 18.432, and 22.1184 MHz. Alternatively, an external clock
can be connected to the XTAL1 pin to clock the internal baud rate generator for standard or custom rates.
Typical oscillator connections are shown in Figure 5. For further reading on oscillator circuit please see
application note DAN108 on EXAR’s web site.
2.10
Programmable Baud Rate Generator
Each UART has its own Baud Rate Generator (BRG) with a prescaler. The prescaler is controlled by a
software bit in the MCR register. The MCR register bit-7 sets the prescaler to divide the input crystal or external
clock by 1 or 4. The clock output of the prescaler goes to the BRG. The BRG further divides this clock by a
programmable divisor between 1 and (216 -1) to obtain a 16X sampling rate clock of the serial data rate. The
sampling rate clock is used by the transmitter for data bit shifting and receiver for data sampling.
Table 6 shows the standard data rates available with a 14.7456 MHz crystal or external clock at 16X sampling
rate. When using a non-standard frequency crystal or external clock, the divisor value can be calculated for
DLL/DLM with the following equation.
TABLE 5: TXRDY# AND RXRDY# OUTPUTS IN FIFO AND DMA MODE FOR CHANNELS A-D
PINS
FCR BIT-0=0
(FIFO DISABLED)
FCR BIT-0=1 (FIFO ENABLED)
FCR Bit-3 = 0
(DMA Mode Disabled)
FCR Bit-3 = 1
(DMA Mode Enabled)
RXRDY#
0 = 1 byte
1 = no data
0 = at least 1 byte in FIFO
1 = FIFO empty
1 to 0 transition when FIFO reaches the trigger
level, or timeout occurs.
0 to 1 transition when FIFO empties.
TXRDY#
0 = THR empty
1 = byte in THR
0 = FIFO empty
1 = at least 1 byte in FIFO
0 = FIFO has at least 1 empty location.
1 = FIFO is full.
divisor (decimal) = (XTAL1 clock frequency / prescaler) / (serial data rate x 16)
C1
22-47pF
C2
22-47pF
14.7456
MHz
XTAL1
XTAL2
R=300K to 400K


Similar Part No. - XRT16C854

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT16L2552 EXAR-XRT16L2552 Datasheet
749Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
More results

Similar Description - XRT16C854

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C864IQ-F EXAR-XR16C864IQ-F Datasheet
440Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C854D EXAR-XR16C854D Datasheet
689Kb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
ST16C654IJ68-F EXAR-ST16C654IJ68-F Datasheet
1Mb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
ST16C554DCJ68-F EXAR-ST16C554DCJ68-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554DIQ64-F EXAR-ST16C554DIQ64-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554 EXAR-ST16C554 Datasheet
757Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C654 EXAR-ST16C654 Datasheet
968Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com