Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRK69773CR Datasheet(PDF) 1 Page - Exar Corporation

Part # XRK69773CR
Description  1:12 LVCMOS PLL CLOCK GENERATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRK69773CR Datasheet(HTML) 1 Page - Exar Corporation

  XRK69773CR Datasheet HTML 1Page - Exar Corporation XRK69773CR Datasheet HTML 2Page - Exar Corporation XRK69773CR Datasheet HTML 3Page - Exar Corporation XRK69773CR Datasheet HTML 4Page - Exar Corporation XRK69773CR Datasheet HTML 5Page - Exar Corporation XRK69773CR Datasheet HTML 6Page - Exar Corporation XRK69773CR Datasheet HTML 7Page - Exar Corporation XRK69773CR Datasheet HTML 8Page - Exar Corporation XRK69773CR Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 (510) 668-7000 FAX (510) 668-7017 www.exar.com
PRELIMINARY
XRK69773
1:12 LVCMOS PLL CLOCK GENERATOR
APRIL 2006
REV. P1.0.0
GENERAL DESCRIPTION
The XRK69773 is a PLL based LVCMOS Clock Generator
targeted for high performance and low skew clock distribu-
tion applications. The XRK69773 can select between one
of three reference inputs and provides 14 LVCMOS outputs
-12 outputs (3 banks of 4) for clock distribution, 1 for feed-
back and 1 for synchronization.
The XRK69773 is a highly flexible device. It has 3 select-
able inputs, (one differential and two single-ended inputs) to
support system clock redundancy. Up to three different
clock frequencys can be generated and outputted on the
three output banks. Switching the internal reference clock
is controlled by the control input, CLK_SEL.
The XRK69773 uses PLL technology to frequency lock its
outputs to the input reference clock. The divider in the feed-
back path will determine the frequency of the VCO. Each of
the separate output banks can individually divide down the
VCO output frequency. This allows the XRK69773 to gen-
erate a multitude of different bank frequency ratios and out-
put-to-input frequency ratios.
The outputs of the XRK69773 can individually be immobi-
lized, in the low state, by use of the clock stop feature. All
outputs except QC0 and QFB can be immobilized through a
2 pin serial interface. Global output disabling and reset can
be achieved the control input MR/OE.
The XRK69773 also has a QSYNC output which can be
used for system synchronization purposes. It monitors
Bank A and Bank C outputs and goes low one period of the
faster clock prior to coincident rising edges of Bank A and
Bank C clocks. QSYNC then goes high again when the
coincident rising edges of Bank A and Bank C occur. This
feature is used primarily in applications where Bank A and
Bank C are running at different frequencies, and is
particularly useful when they are running at non-integer
multiples of one another.
The XRK69773 has an output frequency range of 8.33MHz
to 240MHz and an input frequency range of 5MHz to
120MHz.
FEATURES
Fully Integrated PLL
Selectable Differential PECL or LVCMOS inputs for
reference clock source
14 LVCMOS outputs
3 banks with 4 outputs each. Frequencies can
be individually controlled by bank
1 dedicated feedback with frequency control
1 Sync
VCO Range 200MHz to 480MHz
Output freq. range: 8.33MHz to 240MHz
Max Output Skew of 250ps
Cycle-to-cycle jitter: 150ps (typ)
APPLICATIONS
System Clock generator
Zero Delay Buffer
PRODUCT ORDERING INFORMATION
PRODUCT NUMBER
PACKAGE TYPE
OPERATING TEMPERATURE RANGE
XRK69773CR
52-LEAD LQFP
0°C to +70°C
XRK69773IR
52-LEAD LQFP
-40°C to +85°C


Similar Part No. - XRK69773CR

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK69772 EXAR-XRK69772 Datasheet
283Kb / 12P
   1:12 LVCMOS PLL CLOCK GENERATOR
XRK69772CR EXAR-XRK69772CR Datasheet
283Kb / 12P
   1:12 LVCMOS PLL CLOCK GENERATOR
XRK69772IR EXAR-XRK69772IR Datasheet
283Kb / 12P
   1:12 LVCMOS PLL CLOCK GENERATOR
XRK69774 EXAR-XRK69774 Datasheet
252Kb / 11P
   1:14 LVCMOS PLL CLOCK GENERATOR
XRK69774CR EXAR-XRK69774CR Datasheet
252Kb / 11P
   1:14 LVCMOS PLL CLOCK GENERATOR
More results

Similar Description - XRK69773CR

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK69772 EXAR-XRK69772 Datasheet
283Kb / 12P
   1:12 LVCMOS PLL CLOCK GENERATOR
XRK697H73 EXAR-XRK697H73 Datasheet
279Kb / 12P
   1:12 LVCMOS PLL CLOCK GENERATOR
logo
Motorola, Inc
MPC9772 MOTOROLA-MPC9772 Datasheet
238Kb / 16P
   3.3V 1:12 LVCMOS PLL Clock Generator
logo
Renesas Technology Corp
MPC9893 RENESAS-MPC9893 Datasheet
452Kb / 15P
   3.3V 1:12 LVCMOS PLL Clock Generator
2019
MPC9772 RENESAS-MPC9772 Datasheet
469Kb / 18P
   3.3V 1:12 LVCMOS PLL Clock Generator
2019
logo
Freescale Semiconductor...
MPC9773 FREESCALE-MPC9773 Datasheet
490Kb / 19P
   3.3 V 1:12 LVCMOS PLL Clock Generator
logo
Renesas Technology Corp
MPC9773 RENESAS-MPC9773 Datasheet
557Kb / 22P
   3.3 V 1:12 LVCMOS PLL Clock Generator
2019
logo
Exar Corporation
XRK69774 EXAR-XRK69774 Datasheet
252Kb / 11P
   1:14 LVCMOS PLL CLOCK GENERATOR
logo
PulseCore Semiconductor
PCS5I9653A PULSECORE-PCS5I9653A Datasheet
644Kb / 13P
   3.3V 1:8 LVCMOS PLL Clock Generator
logo
Alliance Semiconductor ...
ASM5I9350 ALSC-ASM5I9350 Datasheet
473Kb / 12P
   3.3V 1:10 LVCMOS PLL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com