Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABT161543 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74ABT161543
Description  16-bit latched transceiver with dual enable and master reset 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT161543 Datasheet(HTML) 5 Page - NXP Semiconductors

  74ABT161543 Datasheet HTML 1Page - NXP Semiconductors 74ABT161543 Datasheet HTML 2Page - NXP Semiconductors 74ABT161543 Datasheet HTML 3Page - NXP Semiconductors 74ABT161543 Datasheet HTML 4Page - NXP Semiconductors 74ABT161543 Datasheet HTML 5Page - NXP Semiconductors 74ABT161543 Datasheet HTML 6Page - NXP Semiconductors 74ABT161543 Datasheet HTML 7Page - NXP Semiconductors 74ABT161543 Datasheet HTML 8Page - NXP Semiconductors 74ABT161543 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
Product specification
74ABT161543
74ABTH161543
16-bit latched transceiver with dual enable
and master reset (3-State)
1998 Feb 27
5
LOGIC DIAGRAM
D
LE
Q
D
LE
Q
DETAIL A
nB0
nB1
nA1
nB2
nA2
nB3
nA3
nB4
nA4
nB5
nA5
nB6
nA6
nB7
nA7
DETAIL A X 7
nOEAB
nEAB
nLEAB
nOEBA
nEBA
nLEBA
nA0
SH00062
R
MRab
MRba
R
ABSOLUTE MAXIMUM RATINGS1, 2
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +7.0
V
IIK
DC input diode current
VI < 0
–18
mA
VI
DC input voltage3
–1.2 to +7.0
V
IOK
DC output diode current
VO < 0
–50
mA
VOUT
DC output voltage3
output in Off or High state
–0.5 to +5.5
V
IO
DC output current
output in Low state
128
mA
IOUT
DC output current
output in High state
–64
mA
Tstg
Storage temperature range
–65 to 150
°C
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150
°C.
3. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.


Similar Part No. - 74ABT161543

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT162240 PHILIPS-74ABT162240 Datasheet
81Kb / 12P
   16-bit inverting buffer/driver with 30ohm series termination resistors
1998 Feb 25
74ABT162240DGG PHILIPS-74ABT162240DGG Datasheet
81Kb / 12P
   16-bit inverting buffer/driver with 30ohm series termination resistors
1998 Feb 25
74ABT162240DL PHILIPS-74ABT162240DL Datasheet
81Kb / 12P
   16-bit inverting buffer/driver with 30ohm series termination resistors
1998 Feb 25
74ABT162244 PHILIPS-74ABT162244 Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
logo
Fairchild Semiconductor
74ABT162244 FAIRCHILD-74ABT162244 Datasheet
92Kb / 7P
   16-Bit Buffer/Line Driver with 25??Series Resistors in the Outputs
More results

Similar Description - 74ABT161543

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16543 PHILIPS-74ABT16543 Datasheet
90Kb / 12P
   16-bit latched transceivers with dual enable 3-State
1998 Feb 27
74ABT543A PHILIPS-74ABT543A Datasheet
115Kb / 12P
   Octal latched transceiver with dual enable (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ABT543A NEXPERIA-74ABT543A Datasheet
267Kb / 17P
   Octal latched transceiver with dual enable; 3-state
Rev. 5 - 3 November 2011
logo
NXP Semiconductors
74ALVCH16623 PHILIPS-74ALVCH16623 Datasheet
84Kb / 16P
   16-bit transceiver with dual enable; 3-state
1999 Sep 20
74ABT543A PHILIPS-74ABT543A Datasheet
112Kb / 12P
   Octal latched transceiver with dual enable 3-State
1998 Sep 24
74ABT543A NXP-74ABT543A Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 03-26 January 2010
74F543 NXP-74F543 Datasheet
99Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 04-26 January 2010
74ABT544 PHILIPS-74ABT544 Datasheet
115Kb / 19P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 03-20 April 2005
74ABT544 NXP-74ABT544 Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 04-15 January 2009
logo
Nexperia B.V. All right...
74ALVCH16652 NEXPERIA-74ALVCH16652 Datasheet
260Kb / 18P
   16-bit transceiver/register with dual enable; 3-state
Rev. 3 - 12 September 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com