Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRK69773 Datasheet(PDF) 6 Page - Exar Corporation

Part # XRK69773
Description  1:12 LVCMOS PLL CLOCK GENERATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRK69773 Datasheet(HTML) 6 Page - Exar Corporation

Back Button XRK69773 Datasheet HTML 2Page - Exar Corporation XRK69773 Datasheet HTML 3Page - Exar Corporation XRK69773 Datasheet HTML 4Page - Exar Corporation XRK69773 Datasheet HTML 5Page - Exar Corporation XRK69773 Datasheet HTML 6Page - Exar Corporation XRK69773 Datasheet HTML 7Page - Exar Corporation XRK69773 Datasheet HTML 8Page - Exar Corporation XRK69773 Datasheet HTML 9Page - Exar Corporation XRK69773 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
XRK69773
PRELIMINARY
6
1:12 LVCMOS PLL CLOCK GENERATOR
REV. P1.0.0
NOTES:
a. PLL locked, except when configured in bypass mode.
b. t(Ø)[s] = t(Ø)[°] ÷ (fref x 360°)
c. Not including Qsync output
d. T is the output period.
TABLE 5: AC CHARACTERISTICS (CONT) (VDD = 3.3V +/- 5%)
SYMBOL
CHARACTERISTICS
CONDITION
MIN
TYP
MAX
UNIT
tPLZ, tPHZ
Output Disable Time
8
ns
tPZL, tPZH
Output Enable Time
8
ns
tJIT(CC)
Cycle-to-Cycle Jitter
All outputs in same divider
config.
150
200
ps
tJIT(PER)
Period Jitter
All outputs in same divider
config.
150
ps
tJIT(Ø)
I/O Phase Jitter RMS (1
σ)
VCO = 400MHz
÷4 feedback
÷6 feedback
÷8 feedback
÷10 feedback
÷12 feedback
÷16 feedback
÷20 feedback
÷24 feedback
÷32 feedback
÷40 feedback
11
86
13
88
16
19
21
22
27
30
ps
ps
ps
ps
ps
ps
ps
ps
ps
ps
BW
PLL closed loop bandwidth
÷4 feedback
÷6 feedback
÷8 feedback
÷10 feedback
÷12 feedback
÷16 feedback
÷20 feedback
÷24 feedback
÷32 feedback
÷40 feedback
1.20-3.50
0.70-2.50
0.50-1.80
0.45-1.20
0.30-1.00
0.25-0.70
0.20-0.55
0.17-0.40
0.12-0.30
0.11-0.28
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
tLOCK
PLL Lock Time
10
ms
FIGURE 3. TEST LOAD
V
TT
Z = 50
Ω
Transmission Line
50
Ω


Similar Part No. - XRK69773

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK69772 EXAR-XRK69772 Datasheet
283Kb / 12P
   1:12 LVCMOS PLL CLOCK GENERATOR
XRK69772CR EXAR-XRK69772CR Datasheet
283Kb / 12P
   1:12 LVCMOS PLL CLOCK GENERATOR
XRK69772IR EXAR-XRK69772IR Datasheet
283Kb / 12P
   1:12 LVCMOS PLL CLOCK GENERATOR
XRK69774 EXAR-XRK69774 Datasheet
252Kb / 11P
   1:14 LVCMOS PLL CLOCK GENERATOR
XRK69774CR EXAR-XRK69774CR Datasheet
252Kb / 11P
   1:14 LVCMOS PLL CLOCK GENERATOR
More results

Similar Description - XRK69773

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK69772 EXAR-XRK69772 Datasheet
283Kb / 12P
   1:12 LVCMOS PLL CLOCK GENERATOR
XRK697H73 EXAR-XRK697H73 Datasheet
279Kb / 12P
   1:12 LVCMOS PLL CLOCK GENERATOR
logo
Motorola, Inc
MPC9772 MOTOROLA-MPC9772 Datasheet
238Kb / 16P
   3.3V 1:12 LVCMOS PLL Clock Generator
logo
Renesas Technology Corp
MPC9893 RENESAS-MPC9893 Datasheet
452Kb / 15P
   3.3V 1:12 LVCMOS PLL Clock Generator
2019
MPC9772 RENESAS-MPC9772 Datasheet
469Kb / 18P
   3.3V 1:12 LVCMOS PLL Clock Generator
2019
logo
Freescale Semiconductor...
MPC9773 FREESCALE-MPC9773 Datasheet
490Kb / 19P
   3.3 V 1:12 LVCMOS PLL Clock Generator
logo
Renesas Technology Corp
MPC9773 RENESAS-MPC9773 Datasheet
557Kb / 22P
   3.3 V 1:12 LVCMOS PLL Clock Generator
2019
logo
Exar Corporation
XRK69774 EXAR-XRK69774 Datasheet
252Kb / 11P
   1:14 LVCMOS PLL CLOCK GENERATOR
logo
PulseCore Semiconductor
PCS5I9653A PULSECORE-PCS5I9653A Datasheet
644Kb / 13P
   3.3V 1:8 LVCMOS PLL Clock Generator
logo
Alliance Semiconductor ...
ASM5I9350 ALSC-ASM5I9350 Datasheet
473Kb / 12P
   3.3V 1:10 LVCMOS PLL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com