Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRT72L52IQ Datasheet(PDF) 8 Page - Exar Corporation

Part # XRT72L52IQ
Description  TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
Download  480 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L52IQ Datasheet(HTML) 8 Page - Exar Corporation

Back Button XRT72L52IQ Datasheet HTML 4Page - Exar Corporation XRT72L52IQ Datasheet HTML 5Page - Exar Corporation XRT72L52IQ Datasheet HTML 6Page - Exar Corporation XRT72L52IQ Datasheet HTML 7Page - Exar Corporation XRT72L52IQ Datasheet HTML 8Page - Exar Corporation XRT72L52IQ Datasheet HTML 9Page - Exar Corporation XRT72L52IQ Datasheet HTML 10Page - Exar Corporation XRT72L52IQ Datasheet HTML 11Page - Exar Corporation XRT72L52IQ Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 480 page
background image
XRT72L52
xr
REV. 1.0.1
TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
VI
TX DS3 F-BIT MASK2 REGISTER, ADDRESS = 0X37.................................................................................178
TX DS3 F-BIT MASK3 REGISTER, ADDRESS = 0X38.................................................................................178
TX DS3 F-BIT MASK4 REGISTER, ADDRESS = 0X39.................................................................................178
4.2.5 The Transmit DS3 Line Interface Block................................................................................................ 178
Figure 53. Interfacing the XRT72L52 Framer IC to the XRT73L00 DS3/E3/STS-1 LIU ............................................... 179
Figure 54. The Transmit DS3 LIU Interface block......................................................................................................... 179
Figure 55. The Behavior of TxPOS and TxNEG signals during data transmission while the Transmit DS3 LIU Interface is
operating in the Unipolar Mode...................................................................................................................... 180
I/O CONTROL REGISTER (ADDRESS = 0X01) ............................................................................................180
TABLE 29: THE RELATIONSHIP BETWEEN THE CONTENT OF BIT 3 (UNIPOLAR/BIPOLAR) WITHIN THE UNI I/O CONTROL REGISTER
AND THE
TRANSMIT DS3 FRAMER LINE INTERFACE OUTPUT MODE ................................................................... 181
Figure 56. Illustration of AMI Line Code........................................................................................................................ 181
Figure 57. Illustration of two examples of B3ZS Encoding ........................................................................................... 182
I/O CONTROL REGISTER (ADDRESS = 0X01) ............................................................................................182
TABLE 30: THE RELATIONSHIP BETWEEN BIT 4 (AMI/B3ZS*) WITHIN THE I/O CONTROL REGISTER AND THE BIPOLAR LINE CODE
THAT IS OUTPUT BY THE
TRANSMIT DS3 LIU INTERFACE BLOCK........................................................................ 182
I/O CONTROL REGISTER (ADDRESS = 0X01) ............................................................................................183
TABLE 31: THE RELATIONSHIP BETWEEN THE CONTENTS OF BIT 2 (TXLINECLK INV) WITHIN THE I/O CONTROL REGISTER AND THE
TXLINECLK CLOCK EDGE THAT TXPOS AND TXNEG ARE UPDATED ON ............................................................. 183
Figure 58. Waveform/Timing Relationship between TxLineClk, TxPOS and TxNEG - TxPOS and TxNEG are configured to
be updated on the rising edge of TxLineClk .................................................................................................. 183
Figure 59. Waveform/Timing Relationship between TxLineClk, TxPOS and TxNEG - TxPOS and TxNEG are configured to
be updated on the falling edge of TxLineClk ................................................................................................. 184
4.2.6 Transmit Section Interrupt Processing ................................................................................................. 184
BLOCK INTERRUPT ENABLE REGISTER (ADDRESS = 0X04)........................................................................184
TRANSMIT DS3 FEAC CONFIGURATION & STATUS REGISTER (ADDRESS = 0X31) .....................................185
TRANSMIT DS3 FEAC CONFIGURATION & STATUS REGISTER (ADDRESS = 0X31) .....................................185
TXDS3 LAPD STATUS AND INTERRUPT REGISTER (ADDRESS = 0X34) .....................................................186
TXDS3 LAPD STATUS AND INTERRUPT REGISTER (ADDRESS = 0X34) .....................................................186
4.3 THE RECEIVE SECTION OF THE XRT72L52 (DS3 MODE OPERATION) ............................................................... 187
Figure 60. The XRT72L52 Receive Section configured to operate in the DS3 Mode................................................... 187
4.3.1 The Receive DS3 LIU Interface Block .................................................................................................. 187
Figure 61. The Receive DS3 LIU Interface Block ......................................................................................................... 188
Figure 62. Behavior of the RxPOS, RxNEG and RxLineClk signals during data reception of Unipolar Data ............... 188
I/O CONTROL REGISTER (ADDRESS = 0X01) ............................................................................................189
TABLE 32: THE RELATIONSHIP BETWEEN THE CONTENTS OF BIT 3 (UNIPOLAR/BIPOLAR) WITHIN THE I/O CONTROL REGISTER AND
THE
TXLINECLK CLOCK EDGE THAT TXPOS AND TXNEG ARE UPDATED ON....................................................... 189
Figure 63. IInterfacing the XRT72L52 Framer IC to the XRT73L00 DS3/E3/STS-1 LIU .............................................. 189
Figure 64. AMI Line Code ............................................................................................................................................. 190
Figure 65. Illustration of two examples of B3ZS Decoding ........................................................................................... 191
I/O CONTROL REGISTER (ADDRESS = 0X01) ............................................................................................191
TABLE 33: THE RELATIONSHIP BETWEEN THE CONTENTS OF BIT 1 (RXLINECLK INV) OF THE I/O CONTROL REGISTER, AND THE
SAMPLING EDGE OF THE
RXLINECLK SIGNAL ..................................................................................................... 192
Figure 66. Waveform/Timing Relationship between RxLineClk, RxPOS and RxNEG - When RxPOS and RxNEG are to be
sampled on the rising edge of RxLineClk ...................................................................................................... 192
Figure 67. Waveform/Timing Relationship between RxLineClk, RxPOS and RxNEG - When RxPOS and RxNEG are to be
sampled on the falling edge of RxLineClk ..................................................................................................... 192
4.3.2 The Receive DS3 Framer Block ........................................................................................................... 193
Figure 68. The Receive DS3 Framer Block and the Associated Paths to Other Functional Blocks ............................. 193
Figure 69. The State Machine Diagram for the Receive DS3 Framer block's Frame Acquisition/Maintenance Algorithm194
RX DS3 CONFIGURATION AND STATUS REGISTER, (ADDRESS = 0X10) .....................................................195
TABLE 34: THE RELATIONSHIP BETWEEN THE CONTENTS OF BIT 2 (FRAMING ON PARITY) WITHIN THE RX DS3 CONFIGURATION AND
STATUS REGISTER, AND THE RESULTING FRAMING ACQUISITION CRITERIA ......................................................... 195
RX DS3 CONFIGURATION AND STATUS REGISTER, (ADDRESS = 0X10) .....................................................196
TABLE 35: THE RELATIONSHIP BETWEEN THE CONTENTS OF BIT 1 (F-SYNC ALGO) WITHIN THE RX DS3 CONFIGURATION AND
STATUS REGISTER, AND THE RESULTING F-BIT OOF DECLARATION CRITERIA USED BY THE RECEIVE DS3 FRAMER BLOCK
196
RX DS3 CONFIGURATION AND STATUS REGISTER, (ADDRESS = 0X10) .....................................................196
TABLE 36: THE RELATIONSHIP BETWEEN THE CONTENTS OF BIT 0 (M-SYNC ALGO) WITHIN THE RX DS3 CONFIGURATION AND
STATUS REGISTER, AND THE RESULTING M-BIT OOF DECLARATION CRITERIA USED BY THE RECEIVE DS3 FRAMER
BLOCK
............................................................................................................................................................. 196
RX DS3 CONFIGURATION AND STATUS REGISTER, (ADDRESS = 0X10) .....................................................197


Similar Part No. - XRT72L52IQ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT72L52 EXAR-XRT72L52 Datasheet
2Mb / 480P
   TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
More results

Similar Description - XRT72L52IQ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT72L52 EXAR-XRT72L52 Datasheet
2Mb / 480P
   TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L50 EXAR-XRT72L50 Datasheet
2Mb / 471P
   SINGLE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L53 EXAR-XRT72L53 Datasheet
5Mb / 467P
   THREE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L54 EXAR-XRT72L54 Datasheet
5Mb / 484P
   FOUR CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L56 EXAR-XRT72L56 Datasheet
5Mb / 486P
   SIX CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L58 EXAR-XRT72L58 Datasheet
5Mb / 486P
   EIGHT CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
logo
M/A-COM Technology Solu...
28330-DSH-002-A MA-COM-28330-DSH-002-A_15 Datasheet
897Kb / 101P
   DS3/E3 Framer with 52 Mbps HDLC Controller
28330-DSH-002-A MA-COM-28330-DSH-002-A Datasheet
897Kb / 101P
   DS3/E3 Framer with 52 Mbps HDLC Controller
logo
Synaptics Incorporated.
CN8330 CONEXANT-CN8330 Datasheet
586Kb / 101P
   DS3/E3 Framer with 52 Mbps HDLC Controller
logo
Exar Corporation
XRT7250 EXAR-XRT7250 Datasheet
5Mb / 463P
   DS3/E3 FRAMER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com