Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74ABT126 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. 74ABT126
Description  Quad buffer 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

74ABT126 Datasheet(HTML) 5 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74ABT126
Quad buffer (3-State)
1998 Jan 16
5
AC WAVEFORMS
VM = 1.5V, VIN = GND to 3.0V
INPUT
1.5V
OUTPUT
tPLH
tPHL
SA00028
1.5V
1.5V
1.5V
3 V
0 V
VOH
VOL
Waveform 1. Waveforms Showing the Input (An) to
Output (Yn) Propagation Delays
OE INPUT
VM
VM
tPZH
tPHZ
Yn OUTPUT
VOH
VM
VM
Yn OUTPUT
VOL
tPZL
tPLZ
3.5V
0V
VOL + 0.3V
VOH – 0.3V
SA00033
Waveform 2. Waveforms Showing the 3–State Output
Enable and Disable Times
TEST CIRCUIT AND WAVEFORMS
CL = 50 pF
500
Load Circuit
DEFINITIONS
CL =
Load capacitance includes jig and probe capacitance;
see AC CHARACTERISTICS for value.
TEST
S1
tpd
open
tPLZ/tPZL
7 V
tPHZ/tPZH
open
SA00012
500
From Output
Under Test
S1
7 V
Open
GND


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74LVT1263.3V Quad buffer 3-State 1 2 3 4 5 MoreNXP Semiconductors
HD74AC126Quad Buffer/Line Driver with 3-State Output 1 2 3 4 5 MoreHitachi Semiconductor
M74HCT125B1RQUAD BUS BUFFER 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
74ABT125Quad Buffer with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ABT126Quad Buffer with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC125Quad buffer/line driver; 3-state 1 2 3 4 5 MoreNXP Semiconductors
74LV125Quad buffer/line driver 3-State 1 2 3 4 5 MoreNXP Semiconductors
74LVC126AQuad buffer/line driver with 5 Volt tolerant input/outputs; 3-state 1 2 3 4 5 MoreNXP Semiconductors
74HC125Quad buffer/line driver; 3-state 1 2 3 4 5 MoreNXP Semiconductors
74LV126Quad buffer/line driver 3-State 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn