Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR19L210 Datasheet(PDF) 2 Page - Exar Corporation

Part # XR19L210
Description  SINGLE CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR19L210 Datasheet(HTML) 2 Page - Exar Corporation

  XR19L210 Datasheet HTML 1Page - Exar Corporation XR19L210 Datasheet HTML 2Page - Exar Corporation XR19L210 Datasheet HTML 3Page - Exar Corporation XR19L210 Datasheet HTML 4Page - Exar Corporation XR19L210 Datasheet HTML 5Page - Exar Corporation XR19L210 Datasheet HTML 6Page - Exar Corporation XR19L210 Datasheet HTML 7Page - Exar Corporation XR19L210 Datasheet HTML 8Page - Exar Corporation XR19L210 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
XR19L210
PRELIMINARY
2
SINGLE CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
REV. P1.0.2
FIGURE 2. PIN OUT OF THE DEVICE
ORDERING INFORMATION
PART NUMBER
PACKAGE
OPERATING TEMPERATURE RANGE
DEVICE STATUS
XR19L210IL40
40-QFN
-40°C to +85°C
Active
40-pin Q FN
Motorola B us Mode
CTS
RXD
NC
I/M #
D5
GND
D6
D7
CS#
TXD
1
2
3
4
5
6
7
8
9
10
11 12 13 14 15 16 17 18 19 20
C1-
C1+
R ESET#
GN D
IR Q #
A0
A1
A2
VR EF-
C2-
30
29
28
27
26
25
24
23
22
21
40 39 38 37 36 35 34 33 32 31
GND
40-pin Q FN
Intel B us M ode
VCC
CTS
RXD
NC
I/M #
D5
GN D
D6
D7
CS#
TXD
1
2
3
4
5
6
7
8
9
10
11 12 13 14 15 16 17 18 19 20
C1-
C1+
R ESET
GN D
IN T
A0
A1
A2
VR EF-
C2-
30
29
28
27
26
25
24
23
22
21
40 39 38 37 36 35 34 33 32 31


Similar Part No. - XR19L210

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR19L210 EXAR-XR19L210 Datasheet
786Kb / 43P
   SINGLE CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
XR19L210IL40 EXAR-XR19L210IL40 Datasheet
786Kb / 43P
   SINGLE CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
XR19L210 EXAR-XR19L210_07 Datasheet
786Kb / 43P
   SINGLE CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
More results

Similar Description - XR19L210

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR19L200 EXAR-XR19L200 Datasheet
726Kb / 40P
   SINGLE CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
XR19L200 EXAR-XR19L200_07 Datasheet
734Kb / 40P
   SINGLE CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
XR19L210 EXAR-XR19L210_07 Datasheet
786Kb / 43P
   SINGLE CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
XR19L220 EXAR-XR19L220_07 Datasheet
796Kb / 43P
   SINGLE CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
XR19L220 EXAR-XR19L220 Datasheet
789Kb / 43P
   SINGLE CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
XR19L202IL48-0B EXAR-XR19L202IL48-0B Datasheet
960Kb / 50P
   TWO CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
XR19L202 EXAR-XR19L202 Datasheet
942Kb / 50P
   TWO CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
XR19L222 EXAR-XR19L222 Datasheet
997Kb / 53P
   TWO CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
XR19L212 EXAR-XR19L212 Datasheet
980Kb / 52P
   TWO CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
XR19L400 EXAR-XR19L400 Datasheet
929Kb / 45P
   SINGLE CHANNEL INTEGRATED UART AND RS-485 TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com