Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR17V252 Datasheet(PDF) 29 Page - Exar Corporation

Part # XR17V252
Description  66 MHZ PCI BUS DUAL UART WITH POWER MANAGEMENT SUPPORT
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR17V252 Datasheet(HTML) 29 Page - Exar Corporation

Back Button XR17V252 Datasheet HTML 25Page - Exar Corporation XR17V252 Datasheet HTML 26Page - Exar Corporation XR17V252 Datasheet HTML 27Page - Exar Corporation XR17V252 Datasheet HTML 28Page - Exar Corporation XR17V252 Datasheet HTML 29Page - Exar Corporation XR17V252 Datasheet HTML 30Page - Exar Corporation XR17V252 Datasheet HTML 31Page - Exar Corporation XR17V252 Datasheet HTML 32Page - Exar Corporation XR17V252 Datasheet HTML 33Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 69 page
background image
XR17V252
29
REV. 1.0.1
66 MHZ PCI BUS DUAL UART WITH POWER MANAGEMENT SUPPORT
FIGURE 11. BAUD RATE GENERATOR
TABLE 12: TYPICAL DATA RATES WITH A 24 MHZ CRYSTAL OR EXTERNAL CLOCK AT 16X SAMPLING
REQUIRED
OUTPUT DATA
RATE
DIVISOR FOR
16x Clock
(Decimal)
DIVISOR
OBTAINABLE IN
V252
DLM PROGRAM
VALUE (HEX)
DLL PROGRAM
VALUE (HEX)
DLD PROGRAM
VALUE (HEX))
DATA ERROR
RATE (%)
400
3750
3750
E
A6
0
0
2400
625
625
2
71
0
0
4800
312.5
312 8/16
1
38
8
0
9600
156.25
156 4/16
0
9C
4
0
10000
150
150
0
96
0
0
19200
78.125
78 2/16
0
4E
2
0
25000
60
60
0
3C
0
0
28800
52.0833
52 1/16
0
34
1
0.04
38400
39.0625
39 1/16
0
27
1
0
50000
30
30
0
1E
0
0
57600
26.0417
26 1/16
0
1A
1
0.08
75000
20
20
0
14
0
0
100000
15
15
0
F
0
0
115200
13.0208
13
0
D
0
0.16
153600
9.7656
9 12/16
0
9
C
0.16
200000
7.5
7 8/16
0
7
8
0
225000
6.6667
6 11/16
0
6
B
0.31
230400
6.5104
6 8/16
0
6
8
0.16
250000
6
6
0
6
0
0
300000
5
5
0
5
0
0
400000
3.75
3 12/16
0
3
C
0
460800
3.2552
3 4/16
0
3
4
0.16
500000
3
3
0
3
0
0
750000
2
2
0
2
0
0
921600
1.6276
1 10/16
0
1
A
0.16
1000000
1.5
1 8/16
0
1
8
0
XTAL1
XTAL2
Crystal
Osc/
Buffer
MCR Bit-7=0
(default)
MCR Bit-7=1
DLL, DLM and DLD
Registers
Prescaler
Divide by 1
Prescaler
Divide by 4
16X or 8X
Sampling
Rate Clock
to Transmitter
and Receiver
To Other
Channels
Fractional Baud
Rate Generator
Logic


Similar Part No. - XR17V252

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR17V252 EXAR-XR17V252 Datasheet
1Mb / 69P
   66 MHZ PCI BUS DUAL UART WITH POWER MANAGEMENT SUPPORT
XR17V252IM EXAR-XR17V252IM Datasheet
1Mb / 69P
   66 MHZ PCI BUS DUAL UART WITH POWER MANAGEMENT SUPPORT
XR17V252 EXAR-XR17V252_08 Datasheet
1Mb / 69P
   66 MHZ PCI BUS DUAL UART WITH POWER MANAGEMENT SUPPORT
More results

Similar Description - XR17V252

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR17V252 EXAR-XR17V252_08 Datasheet
1Mb / 69P
   66 MHZ PCI BUS DUAL UART WITH POWER MANAGEMENT SUPPORT
XR17V254 EXAR-XR17V254 Datasheet
1Mb / 70P
   66MHZ PCI BUS QUAD UART WITH POWER MANAGEMENT SUPPORT
XR17V258 EXAR-XR17V258_08 Datasheet
1Mb / 70P
   66MHZ PCI BUS OCTAL UART WITH POWER MANAGEMENT SUPPORT
XR17V258 EXAR-XR17V258 Datasheet
1Mb / 70P
   66MHZ PCI BUS OCTAL UART WITH POWER MANAGEMENT SUPPORT
XR17V254 EXAR-XR17V254_08 Datasheet
1Mb / 70P
   66MHZ PCI BUS QUAD UART WITH POWER MANAGEMENT SUPPORT
XR17C152 EXAR-XR17C152 Datasheet
649Kb / 62P
   5V PCI BUS DUAL UART
XR17L152 EXAR-XR17L152 Datasheet
318Kb / 55P
   3.3V PCI BUS DUAL UART
logo
Xilinx, Inc
XCV300-6FG456C XILINX-XCV300-6FG456C Datasheet
40Kb / 4P
   66-MHz PCI Compliant
logo
Exar Corporation
XR17L154 EXAR-XR17L154 Datasheet
587Kb / 56P
   3.3V PCI BUS QUAD UART
XR17D152 EXAR-XR17D152 Datasheet
772Kb / 68P
   UNIVERSAL (3.3V AND 5V) PCI BUS DUAL UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com