Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR17V252 Datasheet(PDF) 10 Page - Exar Corporation

Part # XR17V252
Description  66 MHZ PCI BUS DUAL UART WITH POWER MANAGEMENT SUPPORT
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR17V252 Datasheet(HTML) 10 Page - Exar Corporation

Back Button XR17V252 Datasheet HTML 6Page - Exar Corporation XR17V252 Datasheet HTML 7Page - Exar Corporation XR17V252 Datasheet HTML 8Page - Exar Corporation XR17V252 Datasheet HTML 9Page - Exar Corporation XR17V252 Datasheet HTML 10Page - Exar Corporation XR17V252 Datasheet HTML 11Page - Exar Corporation XR17V252 Datasheet HTML 12Page - Exar Corporation XR17V252 Datasheet HTML 13Page - Exar Corporation XR17V252 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 69 page
background image
XR17V252
10
66 MHZ PCI BUS DUAL UART WITH POWER MANAGEMENT SUPPORT
REV. 1.0.1
NOTE: RWR=Read/Write from AD[31:0]. RO= Read Only. RWC=Read/Write-Clear.
1.2.1
Power States and Power State Transitions of the V252
The XR17V252 supports D0, D3hot and D3cold power states and is capable of generating the PME# signal
from the D3hot state. The following paragraphs describe these power states and Figure 4 shows the power
state transitions of the V252.
D0 STATE
The XR17V252 must be placed in the D0 state before being used in a system. The D0 state represents two
states - D0 Uninitalized and D0 Active. Upon entering D0 from power up or transition from D3hot, the V252 will
be in the D0 Uninitialized state. Once initialized by the system software, the V252 will enter the D0 Active state.
In the D0 Active state, the V252 is fully functional and will respond to all PCI bus transactions as well as issue
interrupts (INTA#). The system software can program the V252 to enter the D3hot state from the D0 state.
D3
HOT STATE
The V252 enters the D3hot state when the system software programs the V252 from D0 to D3hot. In this state,
the V252 will not be fully functional. The V252 will respond only to PCI configuration space accesses, if a PCI
clock is provided and will not respond to PCI memory accesses nor will it issue interrupts. However, the V252
will continue to receive data and the automatic software and hardware flow control, if enabled, will continue to
function normally. While in the D3hot state, the V252 asserts the PME# (Power Management Event) signal, if
enabled by setting PME_Enable bit, upon one of the following events:
RX pin of any of the channels goes LOW (START bit detected), or
Any of the delta bits of modem inputs (MSR register bits [3:0]) is set in any of the 2 channels (see
page 48)
The V252 also sets the PME_Status bit when such an event occurs, regardless of whether the PME_Enable bit
is set or not. The system software can reset the PME_Status bit by writing a ’1’ to it. When the system software
programs the V252 from D3hot to D0, typically in response to the PME# signal, the V252 enters the D0 Active
state and will retain all the values of its internal registers. The V252 will keep its PCI signal drivers disabled for
the duration of the D3hot to D0 Uninitialized state transition. The V252 saves the PME context (configuration
registers and functional state information) in the D3hot state.
Note: The V252 has a sleep mode which keeps the power consumption to a minimum (see Sleep Mode
description on page 20). This is independent of the power state the V252 is in. The user can optionally place
the V252 in sleep mode (via the software driver) in the Active D0 state anytime or specifically when the system
software commands the V252 to enter the D3hot state. The crystal oscillator shuts down when the conditions
given in Sleep Mode section on page 20 are satisfied, and re-starts when one of the events as described in the
same section occurs. Upon re-starting, the oscillator may take a long time to settle. This time may be more
than 20ms which is the maximum wait time guaranteed by the system software before resuming normal PCI
bus transactions in the Active D0 state. Therefore, there may be data errors if the V252 is commanded to
transmit data before the oscillator is ready. It is recommended not to use sleep mode while in the D3hot
state for this reason.
14:9
RO
Reserved
00000b
8
RWR
PME_Enable
0b
7:2
RO
Reserved
000000b
1:0
RWR
PowerState
00b
TABLE 2: POWER MANAGEMENT REGISTERS
ADDRESS
OFFSET
BITS
TYPE
DESCRIPTION
RESET VALUE
(HEX OR BINARY)


Similar Part No. - XR17V252

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR17V252 EXAR-XR17V252 Datasheet
1Mb / 69P
   66 MHZ PCI BUS DUAL UART WITH POWER MANAGEMENT SUPPORT
XR17V252IM EXAR-XR17V252IM Datasheet
1Mb / 69P
   66 MHZ PCI BUS DUAL UART WITH POWER MANAGEMENT SUPPORT
XR17V252 EXAR-XR17V252_08 Datasheet
1Mb / 69P
   66 MHZ PCI BUS DUAL UART WITH POWER MANAGEMENT SUPPORT
More results

Similar Description - XR17V252

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR17V252 EXAR-XR17V252_08 Datasheet
1Mb / 69P
   66 MHZ PCI BUS DUAL UART WITH POWER MANAGEMENT SUPPORT
XR17V254 EXAR-XR17V254 Datasheet
1Mb / 70P
   66MHZ PCI BUS QUAD UART WITH POWER MANAGEMENT SUPPORT
XR17V258 EXAR-XR17V258_08 Datasheet
1Mb / 70P
   66MHZ PCI BUS OCTAL UART WITH POWER MANAGEMENT SUPPORT
XR17V258 EXAR-XR17V258 Datasheet
1Mb / 70P
   66MHZ PCI BUS OCTAL UART WITH POWER MANAGEMENT SUPPORT
XR17V254 EXAR-XR17V254_08 Datasheet
1Mb / 70P
   66MHZ PCI BUS QUAD UART WITH POWER MANAGEMENT SUPPORT
XR17C152 EXAR-XR17C152 Datasheet
649Kb / 62P
   5V PCI BUS DUAL UART
XR17L152 EXAR-XR17L152 Datasheet
318Kb / 55P
   3.3V PCI BUS DUAL UART
logo
Xilinx, Inc
XCV300-6FG456C XILINX-XCV300-6FG456C Datasheet
40Kb / 4P
   66-MHz PCI Compliant
logo
Exar Corporation
XR17L154 EXAR-XR17L154 Datasheet
587Kb / 56P
   3.3V PCI BUS QUAD UART
XR17D152 EXAR-XR17D152 Datasheet
772Kb / 68P
   UNIVERSAL (3.3V AND 5V) PCI BUS DUAL UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com