Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16V2752IJ Datasheet(PDF) 11 Page - Exar Corporation

Part # XR16V2752IJ
Description  HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16V2752IJ Datasheet(HTML) 11 Page - Exar Corporation

Back Button XR16V2752IJ Datasheet HTML 7Page - Exar Corporation XR16V2752IJ Datasheet HTML 8Page - Exar Corporation XR16V2752IJ Datasheet HTML 9Page - Exar Corporation XR16V2752IJ Datasheet HTML 10Page - Exar Corporation XR16V2752IJ Datasheet HTML 11Page - Exar Corporation XR16V2752IJ Datasheet HTML 12Page - Exar Corporation XR16V2752IJ Datasheet HTML 13Page - Exar Corporation XR16V2752IJ Datasheet HTML 14Page - Exar Corporation XR16V2752IJ Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
PRELIMINARY
XR16V2752
11
REV. P1.0.0
HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
FIGURE 5. BAUD RATE GENERATOR
TABLE 5: TYPICAL DATA RATES WITH A 24 MHZ CRYSTAL OR EXTERNAL CLOCK AT 16X SAMPLING
Required
Output Data
Rate
DIVISOR FOR
16x Clock
(Decimal)
DIVISOR
OBTAINABLE IN
V2752
DLM PROGRAM
VALUE (HEX)
DLL PROGRAM
VALUE (HEX)
DLD PROGRAM
VALUE (HEX)
DATA ERROR
RATE (%)
400
3750
3750
E
A6
0
0
2400
625
625
2
71
0
0
4800
312.5
312 8/16
1
38
8
0
9600
156.25
156 4/16
0
9C
4
0
10000
150
150
0
96
0
0
19200
78.125
78 2/16
0
4E
2
0
25000
60
60
0
3C
0
0
28800
52.0833
52 1/16
0
34
1
0.04
38400
39.0625
39 1/16
0
27
1
0
50000
30
30
0
1E
0
0
57600
26.0417
26 1/16
0
1A
1
0.08
75000
20
20
0
14
0
0
100000
15
15
0
F
0
0
115200
13.0208
13
0
D
0
0.16
153600
9.7656
9 12/16
0
9
C
0.16
200000
7.5
7 8/16
0
7
8
0
225000
6.6667
6 11/16
0
6
B
0.31
230400
6.5104
6 8/16
0
6
8
0.16
250000
6
6
0
6
0
0
300000
5
5
0
5
0
0
400000
3.75
3 12/16
0
3
C
0
460800
3.2552
3 4/16
0
3
4
0.16
500000
3
3
0
3
0
0
750000
2
2
0
2
0
0
921600
1.6276
1 10/16
0
1
A
0.16
1000000
1.5
1 8/16
0
1
8
0
XTAL1
XTAL2
Crystal
Osc/
Buffer
MCR Bit-7=0
(default)
MCR Bit-7=1
DLL, DLM and DLD
Registers
Prescaler
Divide by 1
Prescaler
Divide by 4
16X or 8X
Sampling
Rate Clock
to Transmitter
and Receiver
To Other
Channel
Fractional Baud
Rate Generator
Logic


Similar Part No. - XR16V2752IJ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V2752IJ EXAR-XR16V2752IJ Datasheet
998Kb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
More results

Similar Description - XR16V2752IJ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V2750 EXAR-XR16V2750 Datasheet
990Kb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M752 EXAR-XR16M752_09 Datasheet
1Mb / 54P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2750_0709 EXAR-XR16V2750_0709 Datasheet
989Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2750 EXAR-XR16V2750_07 Datasheet
1Mb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2752 EXAR-XR16V2752_07 Datasheet
998Kb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M752 EXAR-XR16M752 Datasheet
1Mb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M2752 EXAR-XR16M2752 Datasheet
1,016Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2751_0709 EXAR-XR16V2751_0709 Datasheet
1,016Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16M2751 EXAR-XR16M2751 Datasheet
1,023Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16V2751 EXAR-XR16V2751_07 Datasheet
1,002Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com