Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16V2752IL32 Datasheet(PDF) 3 Page - Exar Corporation

Part # XR16V2752IL32
Description  HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16V2752IL32 Datasheet(HTML) 3 Page - Exar Corporation

  XR16V2752IL32 Datasheet HTML 1Page - Exar Corporation XR16V2752IL32 Datasheet HTML 2Page - Exar Corporation XR16V2752IL32 Datasheet HTML 3Page - Exar Corporation XR16V2752IL32 Datasheet HTML 4Page - Exar Corporation XR16V2752IL32 Datasheet HTML 5Page - Exar Corporation XR16V2752IL32 Datasheet HTML 6Page - Exar Corporation XR16V2752IL32 Datasheet HTML 7Page - Exar Corporation XR16V2752IL32 Datasheet HTML 8Page - Exar Corporation XR16V2752IL32 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
PRELIMINARY
XR16V2752
3
REV. P1.0.0
HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
PIN DESCRIPTIONS
Pin Description
NAME
32-QFN
PIN #
44-PLCC
PIN #
TYPE
DESCRIPTION
DATA BUS INTERFACE
A2
A1
A0
7
6
3
15
14
10
I
Address data lines [2:0]. These 3 address lines select one of the internal
registers in UART channel A/B during a data bus transaction.
D7
D6
D5
D4
D3
D2
D1
D0
2
1
32
31
30
29
28
27
9
8
7
6
5
4
3
2
I/O
Data bus lines [7:0] (bidirectional).
IOR#
14
24
I
Input/Output Read Strobe (active low). The falling edge instigates an inter-
nal read cycle and retrieves the data byte from an internal register pointed
to by the address lines [A2:A0]. The data byte is placed on the data bus to
allow the host processor to read it on the rising edge.
IOW#
11
20
I
Input/Output Write Strobe (active low). The falling edge instigates an inter-
nal write cycle and the rising edge transfers the data byte on the data bus
to an internal register pointed by the address lines.
CS#
10
18
I
UART chip select (active low). This function selects channel A or B in
accordance with the logical state of the CHSEL pin. This allows data to be
transferred between the user CPU and the 2752.
CHSEL
8
16
I
Channel Select - UART channel A or B is selected by the logical state of
this pin when the CS# pin is a logic 0. A logic 0 on the CHSEL selects the
UART channel B while a logic 1 selects UART channel A. Normally,
CHSEL could just be an address line from the user CPU such as A4. Bit-0
of the Alternate Function Register (AFR) can temporarily override CHSEL
function, allowing the user to write to both channel register simultaneously
with one write cycle when CS# is low. It is especially useful during the ini-
tialization routine.
INTA
21
34
O
UART channel A Interrupt output (active high). A logic high indicates chan-
nel A is requesting for service. For more details, see
Figures 17- 22.
INTB
9
17
O
UART channel B Interrupt output (active high). A logic high indicates chan-
nel B is requesting for service. For more details, see
Figures 17- 22.
TXRDYA#
-
1
O
UART channel A Transmitter Ready (active low). The output provides the
TX FIFO/THR status for transmit channel A. See
Table 2.
TXRDYB#
-
32
O
UART channel B Transmitter Ready (active low). The output provides the
TX FIFO/THR status for transmit channel B.
See Table 2.
MODEM OR SERIAL I/O INTERFACE
TXA
23
38
O
UART channel A Transmit Data or infrared encoder data. Standard trans-
mit and receive interface is enabled when MCR[6] = 0. In this mode, the
TX signal will be HIGH during reset or idle (no data). Infrared IrDA transmit
and receive interface is enabled when MCR[6] = 1. In the Infrared mode,
the inactive state (no data) for the Infrared encoder/decoder interface is
LOW. If it is not used, leave it unconnected.


Similar Part No. - XR16V2752IL32

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V2752IL32 EXAR-XR16V2752IL32 Datasheet
998Kb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
More results

Similar Description - XR16V2752IL32

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V2750 EXAR-XR16V2750 Datasheet
990Kb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M752 EXAR-XR16M752_09 Datasheet
1Mb / 54P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2750_0709 EXAR-XR16V2750_0709 Datasheet
989Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2750 EXAR-XR16V2750_07 Datasheet
1Mb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2752 EXAR-XR16V2752_07 Datasheet
998Kb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M752 EXAR-XR16M752 Datasheet
1Mb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M2752 EXAR-XR16M2752 Datasheet
1,016Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2751_0709 EXAR-XR16V2751_0709 Datasheet
1,016Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16M2751 EXAR-XR16M2751 Datasheet
1,023Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16V2751 EXAR-XR16V2751_07 Datasheet
1,002Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com