Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16V2652IL32 Datasheet(PDF) 7 Page - Exar Corporation

Part # XR16V2652IL32
Description  HIGH PERFORMANCE DUART WITH 32-BYTE FIFO
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16V2652IL32 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XR16V2652IL32 Datasheet HTML 3Page - Exar Corporation XR16V2652IL32 Datasheet HTML 4Page - Exar Corporation XR16V2652IL32 Datasheet HTML 5Page - Exar Corporation XR16V2652IL32 Datasheet HTML 6Page - Exar Corporation XR16V2652IL32 Datasheet HTML 7Page - Exar Corporation XR16V2652IL32 Datasheet HTML 8Page - Exar Corporation XR16V2652IL32 Datasheet HTML 9Page - Exar Corporation XR16V2652IL32 Datasheet HTML 10Page - Exar Corporation XR16V2652IL32 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
PRELIMINARY
XR16V2652
7
REV. P1.0.0
HIGH PERFORMANCE DUART WITH 32-BYTE FIFO
2.0
FUNCTIONAL DESCRIPTIONS
2.1
CPU Interface
The CPU interface is 8 data bits wide with 3 address lines and control signals to execute data bus read and
write transactions. The V2652 data interface supports the Intel compatible types of CPUs and it is compatible
to the industry standard 16C550 UART. No clock (oscillator nor external clock) is required to operate a data
bus transaction. Each bus cycle is asynchronous using CS#, IOR# and IOW# signals. Both UART channels
share the same data bus for host operations. The data bus interconnections are shown in Figure 3
2.2
5-Volt Tolerant Inputs
The V2652 can accept up to 5V inputs even when operating at 3.3V or 2.5V. But note that if the V2652 is
operating at 2.5V, its VOH may not be high enough to meet the requirements of the VIH of a CPU or a serial
transceiver that is operating at 5V.
2.3
Device Reset
The RESET input resets the internal registers and the serial interface outputs in both channels to their default
state (see Table 15). An active high pulse of longer than 40 ns duration will be required to activate the reset
function in the device.
2.4
Device Identification and Revision
The XR16V2652 provides a Device Identification code and a Device Revision code to distinguish the part from
other devices and revisions. To read the identification code from the part, it is required to set the baud rate
generator registers DLL and DLM both to 0x00 (DLD = 0xXX). Now reading the content of the DLM will provide
0x06 for the XR16V2652 and reading the content of DLL will provide the revision of the part; for example, a
reading of 0x01 means revision A.
2.5
Channel A and B Selection
The UART provides the user with the capability to bi-directionally transfer information between an external
CPU and an external serial communication device. A logic 0 on chip select pin (CS#) allows the user to select
the UART and then using the channel select (CHSEL) pin, the user can select channel A or B to configure,
send transmit data and/or unload receive data to/from the UART. Individual channel select functions are shown
in Table 1.
FIGURE 3. XR16V2652 DATA BUS INTERCONNECTIONS
VCC
VCC
(OP2A#)
DSRA#
CTSA#
RTSA#
DTRA#
RXA
TXA
RIA#
CDA#
(OP2B#)
DSRB#
CTSB#
RTSB#
DTRB#
RXB
TXB
RIB#
CDB#
GND
A0
A1
A2
UART_CS#
UART_CHSEL
IOR#
IOW#
D0
D1
D2
D3
D4
D5
D6
D7
A0
A1
A2
CS#
CHSEL
D0
D1
D2
D3
D4
D5
D6
D7
IOR#
IOW#
UART
Channel A
UART
Channel B
UART_INTB
UART_INTA
INTB
INTA
(RXRDYA#)
TXRDYA#
(RXRDYA#)
TXRDYA#
(RXRDYB#)
TXRDYB#
(RXRDYB#)
TXRDYB#
UART_RESET
RESET
Serial Interface of
RS-232, RS-422
Serial Interface of
RS-232, RS-422
(BAUDOUTB#)
(BAUDOUTA#)
Pins in parentheses become available through the MF# pin. MF# A/B becomes RXRDY# A/B when AFR[2:1] = '10'. MF# A/B becomes OP2# A/B
when AFR[2:1] = '00'. MF# A/B becomes BAUDOUT# A/B when AFR[1:0] = '01'.


Similar Part No. - XR16V2652IL32

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V2652IL32 EXAR-XR16V2652IL32 Datasheet
1Mb / 48P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO
More results

Similar Description - XR16V2652IL32

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V2650 EXAR-XR16V2650 Datasheet
910Kb / 47P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO
XR16V2652 EXAR-XR16V2652_07 Datasheet
1Mb / 48P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO
XR16V2650 EXAR-XR16V2650_07 Datasheet
1,013Kb / 47P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO
XR16V2651 EXAR-XR16V2651 Datasheet
960Kb / 51P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO AND POWERSAVE
XR16M2650 EXAR-XR16M2650 Datasheet
1Mb / 47P
   HIGH PERFORMANCE LOW VOLTAGE DUART WITH 32-BYTE FIFO
XR16V2651 EXAR-XR16V2651_07 Datasheet
1Mb / 51P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO AND POWERSAVE
XR16V2550IL-0B EXAR-XR16V2550IL-0B Datasheet
972Kb / 46P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
XR16V2552 EXAR-XR16V2552_07 Datasheet
1Mb / 48P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
XR16V2750 EXAR-XR16V2750 Datasheet
990Kb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M752 EXAR-XR16M752_09 Datasheet
1Mb / 54P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com