Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16V2551IL32 Datasheet(PDF) 5 Page - Exar Corporation

Part # XR16V2551IL32
Description  HIGH PERFORMANCE DUART WITH 16-BYTE FIFO AND POWERSAVE FEATURE
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16V2551IL32 Datasheet(HTML) 5 Page - Exar Corporation

  XR16V2551IL32 Datasheet HTML 1Page - Exar Corporation XR16V2551IL32 Datasheet HTML 2Page - Exar Corporation XR16V2551IL32 Datasheet HTML 3Page - Exar Corporation XR16V2551IL32 Datasheet HTML 4Page - Exar Corporation XR16V2551IL32 Datasheet HTML 5Page - Exar Corporation XR16V2551IL32 Datasheet HTML 6Page - Exar Corporation XR16V2551IL32 Datasheet HTML 7Page - Exar Corporation XR16V2551IL32 Datasheet HTML 8Page - Exar Corporation XR16V2551IL32 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
PRELIMINARY
XR16V2551
5
REV. P1.0.0
HIGH PERFORMANCE DUART WITH 16-BYTE FIFO AND POWERSAVE FEATURE
OP2A#
-
32
O
Output Port 2 Channel A - The output state is defined by the user and through the
software setting of MCR[3]. INTA is set to the active mode and OP2A# output LOW
when MCR[3] is set to a logic 1. INTA is set to the three state mode and OP2A#
output HIGH when MCR[3] is set to a logic 0. See MCR[3]. If INTA is used, this out-
put should not be used as a general output else it will disturb the INTA output func-
tionality.
TXB
6
8
O
UART channel B Transmit Data or infrared encoder data. Standard transmit and
receive interface is enabled when MCR[6] = 0. In this mode, the TX signal will be
HIGH during reset or idle (no data). Infrared IrDA transmit and receive interface is
enabled when MCR[6] = 1. In the Infrared mode, the inactive state (no data) for the
Infrared encoder/decoder interface is LOW. If it is not used, leave it unconnected.
RXB
3
4
I
UART channel B Receive Data or infrared receive data. Normal receive data input
must idle HIGH. The infrared receiver pulses typically idles at logic 0 but can be
inverted by software control prior going in to the decoder, see MCR[6]. If this pin is
not used, tie it to VCC or pull it high via a 100k ohm resistor.
RTSB#
15
22
O
UART channel B Request-to-Send (active low) or general purpose output. This port
must be asserted prior to using auto RTS flow control, see EFR[6], MCR[1], and
IER[6].
CTSB#
16
23
I
UART channel B Clear-to-Send (active low) or general purpose input. It can be
used for auto CTS flow control, see EFR[7], and IER[7]. This input should be con-
nected to VCC when not used.
DTRB#
-
35
O
UART channel B Data-Terminal-Ready (active low) or general purpose output. If it
is not used, leave it unconnected.
DSRB#
-
20
I
UART channel B Data-Set-Ready (active low) or general purpose input. This input
should be connected to VCC when not used. This input has no effect on the UART.
CDB#
-
16
I
UART channel B Carrier-Detect (active low) or general purpose input. This input
should be connected to VCC when not used. This input has no effect on the UART.
RIB#
-
21
I
UART channel B Ring-Indicator (active low) or general purpose input. This input
should be connected to VCC when not used. This input has no effect on the UART.
OP2B#
-
9
O
Output Port 2 Channel B - The output state is defined by the user and through the
software setting of MCR[3]. INTB is set to the active mode and OP2B# output LOW
when MCR[3] is set to a logic 1. INTB is set to the three state mode and OP2B#
output HIGH when MCR[3] is set to a logic 0. See MCR[3]. If INTB is used, this out-
put should not be used as a general output else it will disturb the INTB output func-
tionality.
ANCILLARY SIGNALS
XTAL1
10
13
I
Crystal or external clock input.
XTAL2
11
14
O
Crystal or buffered clock output.
PwrSave
9
12
I
PowerSave (active high). This feature isolates the V2551’s data bus interface from
the host preventing other bus activities that cause higher power drain during sleep
mode. See Sleep Mode with Auto Wake-up and PowerSave Feature section for
details.
Pin Description
NAME
32-QFN
PIN #
48-TQFP
PIN #
TYPE
DESCRIPTION


Similar Part No. - XR16V2551IL32

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V2551IL32 EXAR-XR16V2551IL32 Datasheet
1Mb / 51P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO AND POWERSAVE FEATURE
More results

Similar Description - XR16V2551IL32

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V2551 EXAR-XR16V2551_07 Datasheet
1Mb / 51P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO AND POWERSAVE FEATURE
XR16V2751 EXAR-XR16V2751 Datasheet
998Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE FEATURE
XR16M2651 EXAR-XR16M2651 Datasheet
1Mb / 51P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO AND POWERSAVE FEATURE
XR16M2551 EXAR-XR16M2551 Datasheet
1Mb / 51P
   HIGH PERFORMANCE LOW VOLTAGE DUART WITH 16-BYTE FIFO AND POWERSAVE FEATURE
XR16V2751_0709 EXAR-XR16V2751_0709 Datasheet
1,016Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16V2751 EXAR-XR16V2751_07 Datasheet
1,002Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16M2751 EXAR-XR16M2751 Datasheet
1,023Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16V2651 EXAR-XR16V2651 Datasheet
960Kb / 51P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO AND POWERSAVE
XR16V2651 EXAR-XR16V2651_07 Datasheet
1Mb / 51P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO AND POWERSAVE
XR16V2550IL-0B EXAR-XR16V2550IL-0B Datasheet
972Kb / 46P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com