Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16V2550IM Datasheet(PDF) 4 Page - Exar Corporation

Part # XR16V2550IM
Description  HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16V2550IM Datasheet(HTML) 4 Page - Exar Corporation

  XR16V2550IM Datasheet HTML 1Page - Exar Corporation XR16V2550IM Datasheet HTML 2Page - Exar Corporation XR16V2550IM Datasheet HTML 3Page - Exar Corporation XR16V2550IM Datasheet HTML 4Page - Exar Corporation XR16V2550IM Datasheet HTML 5Page - Exar Corporation XR16V2550IM Datasheet HTML 6Page - Exar Corporation XR16V2550IM Datasheet HTML 7Page - Exar Corporation XR16V2550IM Datasheet HTML 8Page - Exar Corporation XR16V2550IM Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
XR16V2550
PRELIMINARY
4
HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
REV. P1.0.0
RXRDYB#
-
18
O
UART channel B Receiver Ready (active low). This output provides the
RX FIFO/RHR status for receive channel B. See
Table 2. If it is not
used, leave it unconnected.
MODEM OR SERIAL I/O INTERFACE
TXA
5
7
O
UART channel A Transmit Data or infrared encoder data. Standard
transmit and receive interface is enabled when MCR[6] = 0. In this
mode, the TX signal will be HIGH during reset or idle (no data). Infrared
IrDA transmit and receive interface is enabled when MCR[6] = 1. In the
Infrared mode, the inactive state (no data) for the Infrared encoder/
decoder interface is LOW. If it is not used, leave it unconnected.
RXA
6
5
I
UART channel A Receive Data or infrared receive data. Normal receive
data input must idle HIGH. If this pin is not used, tie it to VCC or pull it
high via a 100k ohm resistor.
RTSA#
23
33
O
UART channel A Request-to-Send (active low) or general purpose out-
put. This output must be asserted prior to using auto RTS flow control,
see EFR[6], MCR[1], and IER[6].
CTSA#
25
38
I
UART channel A Clear-to-Send (active low) or general purpose input.
It can be used for auto CTS flow control, see EFR[7], and IER[7]. This
input should be connected to VCC when not used.
DTRA#
-
34
O
UART channel A Data-Terminal-Ready (active low) or general purpose
output. If it is not used, leave it unconnected.
DSRA#
-
39
I
UART channel A Data-Set-Ready (active low) or general purpose input.
This input should be connected to VCC when not used. This input has
no effect on the UART.
CDA#
-
40
I
UART channel A Carrier-Detect (active low) or general purpose input.
This input should be connected to VCC when not used. This input has
no effect on the UART.
RIA#
-
41
I
UART channel A Ring-Indicator (active low) or general purpose input.
This input should be connected to VCC when not used. This input has
no effect on the UART.
OP2A#
-
32
O
Output Port 2 Channel A - The output state is defined by the user and
through the software setting of MCR[3]. INTA is set to the active mode
and OP2A# output LOW when MCR[3] is set to a logic 1. INTA is set to
the three state mode and OP2A# output HIGH when MCR[3] is set to a
logic 0. See MCR[3]. If INTA is used, this output should not be used as
a general output else it will disturb the INTA output functionality.
TXB
6
8
O
UART channel B Transmit Data or infrared encoder data. Standard
transmit and receive interface is enabled when MCR[6] = 0. In this
mode, the TX signal will be HIGH during reset or idle (no data). Infrared
IrDA transmit and receive interface is enabled when MCR[6] = 1. In the
Infrared mode, the inactive state (no data) for the Infrared encoder/
decoder interface is LOW. If it is not used, leave it unconnected.
RXB
3
4
I
UART channel B Receive Data or infrared receive data. Normal receive
data input must idle HIGH. If this pin is not used, tie it to VCC or pull it
high via a 100k ohm resistor.
Pin Description
NAME
32-QFN
PIN #
48-TQFP
PIN #
TYPE
DESCRIPTION


Similar Part No. - XR16V2550IM

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V2550IM EXAR-XR16V2550IM Datasheet
1,015Kb / 48P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
XR16V2550IM-F EXAR-XR16V2550IM-F Datasheet
972Kb / 46P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
XR16V2550IMTR-F EXAR-XR16V2550IMTR-F Datasheet
972Kb / 46P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
More results

Similar Description - XR16V2550IM

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V2550IL-0B EXAR-XR16V2550IL-0B Datasheet
972Kb / 46P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
XR16V2552 EXAR-XR16V2552_07 Datasheet
1Mb / 48P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
XR16V2550 EXAR-XR16V2550_07 Datasheet
1,015Kb / 48P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
XR16V2552 EXAR-XR16V2552 Datasheet
934Kb / 48P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
XR16M2550IL32-F EXAR-XR16M2550IL32-F Datasheet
1,023Kb / 47P
   HIGH PERFORMANCE LOW VOLTAGE DUART WITH 16-BYTE FIFO
XR16M2550 EXAR-XR16M2550 Datasheet
1,018Kb / 47P
   HIGH PERFORMANCE LOW VOLTAGE DUART WITH 16-BYTE FIFO
XR16V2652 EXAR-XR16V2652 Datasheet
932Kb / 48P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO
XR16V2650 EXAR-XR16V2650 Datasheet
910Kb / 47P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO
XR16V2750 EXAR-XR16V2750 Datasheet
990Kb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M752 EXAR-XR16M752_09 Datasheet
1Mb / 54P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com