Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZ65B2 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # SZ65B2
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SZ65B2 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  SZ65B2 Datasheet HTML 1Page - EIC discrete Semiconductors SZ65B2 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ω
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Nominal Zener
Maximum Zener
Maximum Reverse Maximum DC
Maximum
Maximum
TYPE
Voltage
Impedance
Leakage Current
Zener Current Surge Current
Temperature
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR
R
@ V
IZM
IZSM
Co-efficient of VBR
(V)
(mA)
(
Ω)
( )
(mA)
(
μA)
(V)
(mA)
(A)
(% /
°C)
SZ653D
3.3
380
3.0
400
1.0
300
1.0
1440
20.0
0.038
SZ653G
3.6
350
2.5
500
1.0
150
1.0
1320
18.7
0.038
SZ653J
3.9
320
2.0
500
1.0
150
1.0
1220
17.6
0.040
SZ654D
4.3
290
2.0
500
1.0
150
1.0
1100
16.4
0.042
SZ654H
4.7
260
2.0
450
1.0
150
1.0
1010
15.3
0.045
SZ655B
5.1
240
1.5
400
1.0
150
1.0
930
14.4
0.047
SZ655G
5.6
220
1.0
400
1.0
150
2.0
856
13.4
0.050
SZ656A
6.0
200
1.0
300
1.0
150
3.0
790
12.7
0.053
SZ656C
6.2
200
1.0
200
1.0
150
3.0
765
12.4
0.054
SZ656I
6.8
175
1.0
200
1.0
150
5.2
700
11.5
0.057
SZ657F
7.5
175
1.5
200
1.0
150
5.7
630
10.7
0.061
SZ658C
8.2
150
1.5
200
1.0
150
6.2
580
10.0
0.065
SZ658H
8.7
150
2.0
200
1.0
150
6.6
545
9.5
0.068
SZ659B
9.1
150
2.0
150
1.0
150
6.9
520
9.2
0.068
SZ6510
10
125
2.0
125
1.0
150
7.6
475
8.6
0.073
SZ6511
11
125
2.5
125
1.0
5.0
8.4
430
8.0
0.075
SZ6512
12
100
2.5
125
1.0
2.0
9.1
395
7.5
0.078
SZ6513
13
100
2.5
100
1.0
1.0
9.9
365
7.0
0.081
SZ6514
14
100
2.5
75
1.0
1.0
10.6
340
6.7
0.082
SZ6515
15
75
2.5
75
1.0
1.0
11.5
315
6.3
0.084
SZ6516
16
75
2.5
75
1.0
1.0
12.2
295
6.0
0.086
SZ6517
17
70
2.5
75
1.0
0.5
12.9
280
5.8
0.088
SZ6518
18
65
2.5
75
1.0
0.5
13.7
265
5.5
0.088
SZ6519
19
65
3.0
75
1.0
0.5
14.4
250
5.3
0.090
SZ6520
20
65
3.0
75
1.0
0.5
15.2
237
5.1
0.090
SZ6522
22
50
3.5
75
1.0
0.5
16.7
216
4.7
0.092
SZ6524
24
50
3.5
100
1.0
0.5
18.2
198
4.4
0.094
SZ6525
25
50
4.0
110
1.0
0.5
19.0
190
4.3
0.093
SZ6527
27
50
5.0
120
1.0
0.5
20.6
176
4.1
0.096
SZ6528
28
50
6.0
130
1.0
0.5
21.2
170
3.9
0.096
SZ6530
30
40
8.0
140
1.0
0.5
22.8
158
3.7
0.097
SZ6533
33
40
10
150
1.0
0.5
25.1
144
3.5
0.098
SZ6536
36
30
11
160
1.0
0.5
27.4
132
3.3
0.099
SZ6539
39
30
14
170
1.0
0.5
29.7
122
3.1
0.100
SZ6543
43
30
20
190
1.0
0.5
32.7
110
2.8
0.101
SZ6547
47
25
25
210
1.0
0.5
35.8
100
2.7
0.101
SZ6551
51
25
27
230
1.0
0.5
38.8
93.0
2.5
0.102
SZ6556
56
20
35
280
1.0
0.5
42.6
86.0
2.3
0.103
SZ6560
60
20
40
350
1.0
0.5
42.5
79.0
2.2
0.104
SZ6562
62
20
42
400
1.0
0.5
47.1
76.0
2.1
0.104
SZ6568
68
20
44
500
1.0
0.5
51.7
70.0
2.0
0.104
SZ6575
75
20
45
620
1.0
0.5
56.0
63.0
1.9
0.105
SZ6582
82
15
65
720
1.0
0.5
62.2
58.0
1.8
0.105
SZ6587
87
15
75
760
1.0
0.5
66.0
54.5
1.7
0.105
SZ6591
91
15
75
760
1.0
0.5
69.2
52.5
1.6
0.106
SZ65B0
100
12
90
800
1.0
0.5
76.0
47.5
1.5
0.106
SZ65B1
110
12
125
1000
1.0
0.5
83.6
43.0
1.4
0.107
SZ65B2
120
10
170
1150
1.0
0.5
91.2
39.5
1.3
0.107
SZ65B3
130
10
190
1250
1.0
0.5
98.8
36.6
1.2
0.107
SZ65B4
140
8.0
230
1500
1.0
0.5
106
34.0
1.2
0.108
SZ65B5
150
8.0
330
1500
1.0
0.5
114
31.6
1.1
0.108
SZ65B6
160
8.0
350
1650
1.0
0.5
122
29.4
1.1
0.108
SZ65B7
170
8.0
380
1750
1.0
0.5
129
28.0
1.0
0.108
SZ65B8
180
5.0
430
1750
1.0
0.5
137
26.4
1.0
0.108
SZ65B9
190
5.0
450
1850
1.0
0.5
144
25.0
0.9
0.108
SZ65D0
200
5.0
480
1850
1.0
0.5
152
23.6
0.9
0.108
Notes:
( 1 ) The type number listed have a standard tolerance on the nominal zener voltage of
± 5%,
altered the fourth number of type from " 5 " for
± 5% tolerance to be " 0 " for ± 10% tolerance.
( 2 ) " SZ " will be omitted in marking on the diode .
Page 2 of 2
Rev. 06 : September 22, 2005


Similar Part No. - SZ65B2

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ65B2 EIC-SZ65B2 Datasheet
56Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - SZ65B2

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com