Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPSMC10 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # TPSMC10
Description  AUTOMOTIVE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

TPSMC10 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  TPSMC10 Datasheet HTML 1Page - EIC discrete Semiconductors TPSMC10 Datasheet HTML 2Page - EIC discrete Semiconductors TPSMC10 Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TPSMC6.8 ~ TPSMC43A
AUTOMOTIVE SURFACE MOUNT
TRANSIENT VOLTAGE SUPPRESSOR
VBR : 6.8 - 43 Volts
PPK : 1500 Watts
FEATURES :
* 1500W peak pulse power capability with
a 10/1000ms waveform, repetition rate
(duty cycle): 0.01%
* Excellent clamping capability
* Low incremental surge resistance
* Very fast response time
* For devices with V(BR) ? 10V ID are typically
less than 1.0mA at Ta = 150?C
MECHANICAL DATA
* Case : SMC Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Lead Formed for Surface Mount
* Polarity : Color band denotes cathode end except Bipolar.
* Mounting position : Any
* Weight : 0.21 grams
Maximum Ratings and Thermal Characteristics
Rating at 25
°C ambient temperature unless otherwise specified.
Parameter
Symbol
Value
Unit
Peak Pulse Power Dissipation with a 10/1000
µs
waveform (1)(2) Fig.5
Peak power pulse current with a 10/1000?s
waveform (1) Fig.2
Peak Forward Surge Current, 8.3ms Single Half
Sine-Wave (2)(3)
Maximum instantaneous forward voltage at 100A(3)
V
Operating and Storage Temperature Range
TJ, TSTG
- 65 to + 185
°C
Notes :
(1) Non-repetitive Current pulse, per Fig. 5 and derated above Ta = 25
°C per Fig. 1
(2) Mounted on 0.31 x 0.31” (8.0 x 8.0mm) copper pads to each terminal
(3) Measured on 8.3ms single half sine-wave, or equivalent square wave, duty cycle = 4 pulses per minute maximum
Page 1 of 3
Rev. 02 : March 25, 2005
A
PPPM
Minimum 1500
W
A
IPPM
See Next Table
VF
3.5
IFSM
200
SMC (DO-214AB)
Dimensions in inches and (millimeter)
0.245(6.22)
0.121(3.07)
0.115(2.92)
0.220(5.59)
0.012(0.305)
0.103(2.62)
0.060(1.52)
0.079(2.00)
0.006(0.152)
0.030(0.76)
0.008(0.203)
0.004(0.102)
* Pb / RoHS Free


Similar Part No. - TPSMC10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TPSMC10 VISHAY-TPSMC10 Datasheet
109Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 21-Oct-08
TPSMC10 VISHAY-TPSMC10 Datasheet
89Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 09-Feb-11
logo
EIC discrete Semiconduc...
TPSMC10 EIC-TPSMC10 Datasheet
165Kb / 3P
   AUTOMOTIVE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
TPSMC10A VISHAY-TPSMC10A Datasheet
109Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 21-Oct-08
TPSMC10A VISHAY-TPSMC10A Datasheet
89Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 09-Feb-11
More results

Similar Description - TPSMC10

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
TPSMB6.8 GE-TPSMB6.8 Datasheet
65Kb / 4P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
TPSMC6.8 GE-TPSMC6.8 Datasheet
64Kb / 4P
   AUTOMOTIVE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SM8A27 VISHAY-SM8A27 Datasheet
33Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressor
01-Aug-02
logo
General Semiconductor
SM5A27 GE-SM5A27 Datasheet
107Kb / 2P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
SM6A27 GE-SM6A27 Datasheet
107Kb / 2P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
TPSMC43A EIC-TPSMC43A_12 Datasheet
165Kb / 3P
   AUTOMOTIVE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SMA6J5.0CAQ DIODES-SMA6J5.0CAQ Datasheet
480Kb / 5P
   600W SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
Rev. 1 - 2 September 2022
SMAJ5.0AQ DIODES-SMAJ5.0AQ Datasheet
376Kb / 6P
   400W SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
September 2021
SMCJ5.0AQ DIODES-SMCJ5.0AQ Datasheet
509Kb / 6P
   1,500W SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
July 2022Rev. 8 - 2
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com