Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZ603D Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # SZ603D
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SZ603D Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  SZ603D Datasheet HTML 1Page - EIC discrete Semiconductors SZ603D Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Nominal Zener
Maximum Zener
Maximum Reverse
Maximum DC
TYPE
Voltage
Impedance
Leakage Current
Zener Current
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
(V)
(mA)
(
Ω)
(
Ω)
(mA)
(
µA)
(V)
(mA)
SZ603D
3.3
380
3.0
400
1.0
300
1.0
1440
SZ603G
3.6
350
2.5
500
1.0
150
1.0
1320
SZ603J
3.9
320
2.0
500
1.0
150
1.0
1220
SZ604D
4.3
290
2.0
500
1.0
150
1.0
1100
SZ604H
4.7
260
2.0
450
1.0
150
1.0
1010
SZ605B
5.1
240
1.5
400
1.0
150
1.0
930
SZ605G
5.6
220
1.0
400
1.0
150
2.0
856
SZ606A
6.0
200
1.0
300
1.0
150
3.0
790
SZ606C
6.2
200
1.0
200
1.0
150
4.0
765
SZ606I
6.8
175
1.0
200
1.0
150
4.9
700
SZ607F
7.5
175
1.5
200
1.0
150
5.4
630
SZ608C
8.2
150
1.5
200
1.0
150
5.9
580
SZ608H
8.7
150
2.0
200
1.0
150
6.3
545
SZ609B
9.1
150
2.0
150
1.0
150
6.6
520
SZ6010
10
125
2.0
125
1.0
150
7.2
475
SZ6011
11
125
2.5
125
1.0
50
8.0
430
SZ6012
12
100
2.5
125
1.0
2.0
8.6
395
SZ6013
13
100
2.5
100
1.0
1.0
9.4
365
SZ6014
14
100
2.5
75
1.0
1.0
10.1
340
SZ6015
15
75
2.5
75
1.0
1.0
10.8
315
SZ6016
16
75
2.5
75
1.0
1.0
11.5
295
SZ6017
17
70
2.5
75
1.0
0.5
12.2
280
SZ6018
18
65
2.5
75
1.0
0.5
13.0
265
SZ6019
19
65
3.0
75
1.0
0.5
13.7
250
SZ6020
20
65
3.0
75
1.0
0.5
14.4
237
SZ6022
22
50
3.5
75
1.0
0.5
15.8
216
SZ6024
24
50
3.5
100
1.0
0.5
17.3
198
SZ6025
25
50
4.0
110
1.0
0.5
18.0
190
SZ6027
27
50
5.0
120
1.0
0.5
19.4
176
SZ6028
28
50
6.0
130
1.0
0.5
20.1
170
SZ6030
30
40
8.0
140
1.0
0.5
21.6
158
SZ6033
33
40
10
150
1.0
0.5
23.8
144
SZ6036
36
30
11
160
1.0
0.5
25.9
132
SZ6039
39
30
14
170
1.0
0.5
28.1
122
SZ6043
43
30
20
190
1.0
0.5
31.0
110
SZ6047
47
25
25
210
1.0
0.5
33.8
100
SZ6051
51
25
27
230
1.0
0.5
36.7
93.0
SZ6056
56
20
35
280
1.0
0.5
40.3
86.0
SZ6060
60
20
40
350
1.0
0.5
43.0
79.0
SZ6062
62
20
42
400
1.0
0.5
44.6
76.0
SZ6068
68
20
44
500
1.0
0.5
49.0
70.0
SZ6075
75
20
45
620
1.0
0.5
54.0
63.0
SZ6082
82
15
65
720
1.0
0.5
59.0
58.0
SZ6087
87
15
75
760
1.0
0.5
63.0
54.5
SZ6091
91
15
75
760
1.0
0.5
65.5
52.5
SZ60B0
100
12
90
800
1.0
0.5
72.0
47.5
SZ60B1
110
12
125
1000
1.0
0.5
79.2
43.0
SZ60B2
120
10
170
1150
1.0
0.5
86.4
39.5
SZ60B3
130
10
190
1250
1.0
0.5
93.2
36.6
SZ60B4
140
8.0
230
1500
1.0
0.5
101
34.0
SZ60B5
150
8.0
330
1500
1.0
0.5
108
31.6
SZ60B6
160
8.0
350
1650
1.0
0.5
115
29.4
SZ60B7
170
8.0
380
1750
1.0
0.5
122
28.0
SZ60B8
180
5.0
430
1750
1.0
0.5
130
26.4
SZ60B9
190
5.0
450
1850
1.0
0.5
137
25.0
SZ60D0
200
5.0
480
1850
1.0
0.5
144
23.6
Notes :
( 1 ) The type number listed have a standard tolerance on the nominal zener voltage of
± 10%,
altered the fourth number of type from " 0 " for
± 10% tolerance to be " 5 " for ± 5.0% tolerance.
( 2 ) " SZ " will be omitted in marking on the diode.
Page 2 of 2
Rev. 03 : March 25, 2005


Similar Part No. - SZ603D

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ603D EIC-SZ603D Datasheet
57Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
SUNMATE electronic Co.,...
SZ603D SUNMATE-SZ603D Datasheet
476Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SZ603D EIC-SZ603D_07 Datasheet
57Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - SZ603D

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com