Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZ403G Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # SZ403G
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SZ403G Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  SZ403G Datasheet HTML 1Page - EIC discrete Semiconductors SZ403G Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Nominal Zener
Maximum Zener
Maximum Reverse
Maximum DC
TYPE
Voltage
Impedance
Leakage Current
Zener Current
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
(V)
(mA)
(
Ω)
(
Ω)
(mA)
(
µA)
(V)
(mA)
SZ403G
3.6
139
5.0
400
1.0
80
1.0
504
SZ403J
3.9
128
5.0
400
1.0
50
1.0
468
SZ404D
4.3
116
4.5
400
1.0
50
1.0
434
SZ404H
4.7
106
4.5
550
1.0
50
1.0
386
SZ405B
5.1
98.0
3.5
600
1.0
50
1.0
356
SZ405G
5.6
89.5
2.5
500
1.0
50
2.0
324
SZ406C
6.2
80.5
1.5
700
1.0
50
3.0
292
SZ406I
6.8
73.5
2.0
700
1.0
50
4.0
266
SZ407F
7.5
66.5
2.0
700
0.5
50
5.0
242
SZ408C
8.2
61.0
2.3
700
0.5
50
6.0
220
SZ409B
9.1
55.0
2.5
700
0.5
50
7.0
200
SZ4010
10
50.0
3.5
700
0.25
50
7.6
182
SZ4011
11
45.5
4.0
700
0.25
50
8.4
166
SZ4012
12
41.5
4.5
700
0.25
1.0
9.1
152
SZ4013
13
38.5
5.0
700
0.25
0.5
9.9
138
SZ4014
14
35.7
5.5
700
0.25
0.5
10.6
130
SZ4015
15
33.4
7.0
700
0.25
0.5
11.4
122
SZ4016
16
31.2
8.0
700
0.25
0.5
12.2
114
SZ4017
17
29.4
9.0
750
0.25
0.5
13.0
107
SZ4018
18
27.8
10
750
0.25
0.5
13.7
100
SZ4019
19
26.3
11
750
0.25
0.5
14.4
95
SZ4020
20
25.0
11
750
0.25
0.5
15.2
90
SZ4022
22
22.8
12
750
0.25
0.5
16.7
82
SZ4024
24
20.8
13
750
0.25
0.5
18.2
76
SZ4027
27
18.5
18
750
0.25
0.5
20.6
68
SZ4030
30
16.6
20
1000
0.25
0.5
22.5
60
SZ4033
33
15.1
23
1000
0.25
0.5
25.1
55
SZ4036
36
13.9
25
1000
0.25
0.5
27.4
50
SZ4039
39
12.8
30
1000
0.25
0.5
29.7
47
SZ4043
43
11.6
35
1500
0.25
0.5
32.7
43
SZ4047
47
10.6
40
1500
0.25
0.5
35.8
39
SZ4051
51
9.8
48
1500
0.25
0.5
38.8
36
SZ4056
56
9.0
55
2000
0.25
0.5
42.6
32
SZ4062
62
8.1
60
2000
0.25
0.5
47.1
29
SZ4068
68
7.4
75
2000
0.25
0.5
51.7
27
SZ4075
75
6.7
90
2000
0.25
0.5
56.0
24
SZ4082
82
6.1
100
3000
0.25
0.5
62.2
22
SZ4091
91
5.5
125
3000
0.25
0.5
69.2
20
SZ40B0
100
5.0
175
3000
0.25
0.5
76.0
18
SZ40B1
110
4.5
250
4000
0.25
0.5
83.6
17
SZ40B2
120
4.2
325
4500
0.25
0.5
91.2
15
SZ40B3
130
3.8
400
5000
0.25
0.5
98.8
14
SZ40B4
140
3.6
500
5500
0.25
0.5
106.4
13
SZ40B5
150
3.3
575
6000
0.25
0.5
114.0
12
SZ40B6
160
3.1
650
6500
0.25
0.5
121.6
11
SZ40B7
170
2.9
675
7000
0.25
0.5
130.4
11
SZ40B8
180
2.8
725
7000
0.25
0.5
136.8
10
SZ40B9
190
2.6
825
8000
0.25
0.5
144.8
10
SZ40D0
200
2.5
900
8000
0.25
0.5
152.0
9.0
Note :
( 1 ) The type number listed have a standard tolerance on the nominal zener voltage of
± 10%,
altered the fourth number of type from " 0 " for
± 10% tolerance to be " 5 " for ± 5% tolerance.
( 2 ) " SZ " will be omitted in marking on the diode.
Page 2 of 2
Rev. 02 : March 25, 2005


Similar Part No. - SZ403G

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
SZ403G DIOTECH-SZ403G Datasheet
755Kb / 2P
   2W SURFACE MOUNT SILICON ZENER DIODE
More results

Similar Description - SZ403G

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com