Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN5O Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # SN5O
Description  SURFACE MOUNT HIGH VOLTAGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SN5O Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  SN5O Datasheet HTML 1Page - EIC discrete Semiconductors SN5O Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( SN5N - SN5R )
FIG.1 - DERATING CURVE FOR OUTPUT
FIG.2 - MAXIMUM NON-REPETITIVE PEAK
RECTIFIED CURRENT
FORWARD SURGE CURRENT
0
25
50
75
100
125
150
175
1
2
4
6
10
20
40
60
100
AMBIENT TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
FORWARD VOLTAGE, VOLTS
Page 2 of 2
Rev. 02 : March 24, 2005
4.0
3.0
2.0
1.0
5.0
10
1.0
160
0
200
0
120
80
40
1
80
0.1
0.01
10
0.1
100
140
0
20
40
60
120
PERCENT OF RATED REVERSE
VOLTAGE, (%)
TJ = 25
°C
TJ = 100
°C
TJ = 25
°C
Pulse Width = 300
µs
1% Duty Cycle
0.01


Similar Part No. - SN5O

ManufacturerPart #DatasheetDescription
logo
SynSemi, Inc.
SN5O SYNSEMI-SN5O Datasheet
31Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE RECTIFIERS
More results

Similar Description - SN5O

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN1N EIC-SN1N Datasheet
16Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE RECTIFIERS
logo
Voltage Multipliers Inc...
X20FF3L VMI-X20FF3L Datasheet
71Kb / 1P
   High Voltage Rectifiers - Surface Mount
logo
EIC discrete Semiconduc...
SN3N EIC-SN3N Datasheet
32Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE RECTIFIERS
logo
New Jersey Semi-Conduct...
1N6529U NJSEMI-1N6529U Datasheet
90Kb / 1P
   HIGH VOLTAGE RECTIFIERS - SURFACE MOUNT
logo
SynSemi, Inc.
SN1N SYNSEMI-SN1N Datasheet
88Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE RECTIFIERS
SN5N SYNSEMI-SN5N Datasheet
31Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE RECTIFIERS
logo
EIC discrete Semiconduc...
SN1N EIC-SN1N_05 Datasheet
96Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE RECTIFIERS
logo
Vishay Siliconix
SS3H9 VISHAY-SS3H9 Datasheet
74Kb / 2P
   High Voltage Surface Mount Schottky Barrier Rectifiers
18-Aug-04
logo
Shenzhen Taychipst Elec...
SMBJ5.0 TAYCHIPST-SMBJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE RECTIFIERS
SMAJ5.0 TAYCHIPST-SMAJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com