Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2PD601A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 2PD601A
Description  NPN general purpose transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2PD601A Datasheet(HTML) 2 Page - NXP Semiconductors

  2PD601A Datasheet HTML 1Page - NXP Semiconductors 2PD601A Datasheet HTML 2Page - NXP Semiconductors 2PD601A Datasheet HTML 3Page - NXP Semiconductors 2PD601A Datasheet HTML 4Page - NXP Semiconductors 2PD601A Datasheet HTML 5Page - NXP Semiconductors 2PD601A Datasheet HTML 6Page - NXP Semiconductors 2PD601A Datasheet HTML 7Page - NXP Semiconductors 2PD601A Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 Apr 23
2
Philips Semiconductors
Product specification
NPN general purpose transistor
2PD601A
FEATURES
• Low current (max. 100 mA)
• Low voltage (max. 50 V).
APPLICATIONS
• General purpose switching and amplification.
DESCRIPTION
NPN transistor in an SC-59 plastic package.
PNP complement: 2PB709A.
MARKING
TYPE NUMBER
MARKING CODE
2PD601AQ
ZQ
2PD601AR
ZR
2PD601AS
ZS
PINNING
PIN
DESCRIPTION
1
base
2
emitter
3
collector
Fig.1 Simplified outline (SC-59) and symbol.
handbook, halfpage
12
1
3
2
3
MAM321
Top view
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Transistor mounted on an FR4 printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
60
V
VCEO
collector-emitter voltage
open base
50
V
VEBO
emitter-base voltage
open collector
6V
IC
collector current (DC)
100
mA
ICM
peak collector current
200
mA
IBM
peak base current
100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
250
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C
Tamb
operating ambient temperature
−65
+150
°C


Similar Part No. - 2PD601A

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2PD601A KEXIN-2PD601A Datasheet
40Kb / 2P
   NPN General Purpose Transistor
logo
NXP Semiconductors
2PD601A NXP-2PD601A Datasheet
131Kb / 8P
   NPN general purpose transistors; 50 V, 100 mA
2002 Jun 26
logo
Guangdong Kexin Industr...
2PD601AQ KEXIN-2PD601AQ Datasheet
40Kb / 2P
   NPN General Purpose Transistor
logo
NXP Semiconductors
2PD601AQ NXP-2PD601AQ Datasheet
131Kb / 8P
   NPN general purpose transistors; 50 V, 100 mA
2002 Jun 26
2PD601AQ PHILIPS-2PD601AQ Datasheet
48Kb / 8P
   NPN general purpose transistor
2002 Jun 26
More results

Similar Description - 2PD601A

ManufacturerPart #DatasheetDescription
logo
Rohm
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
   NPN general purpose transistor
logo
Pan Jit International I...
BC546 PANJIT-BC546 Datasheet
160Kb / 5P
   NPN GENERAL PURPOSE TRANSISTOR
logo
Weitron Technology
BC337 WEITRON-BC337 Datasheet
256Kb / 4P
   NPN General Purpose Transistor
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
   NPN General Purpose Transistor
logo
NXP Semiconductors
2PC4617J PHILIPS-2PC4617J Datasheet
40Kb / 8P
   NPN general purpose transistor
1999 May 04
2PC1815 PHILIPS-2PC1815 Datasheet
42Kb / 8P
   NPN general purpose transistor
1999 May 28
2PC4617 PHILIPS-2PC4617 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 May 21
MPSA06 PHILIPS-MPSA06 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 Apr 27
2PD1820A NXP-2PD1820A Datasheet
107Kb / 6P
   NPN general purpose transistor
1997 May 22
PMBTA06 NXP-PMBTA06 Datasheet
102Kb / 6P
   NPN general purpose transistor
2004 Jan 22
logo
Shenzhen Ping Sheng Ele...
BC846 PFS-BC846 Datasheet
210Kb / 4P
   NPN general purpose Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com