Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVR250 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # HVR250
Description  HIGH VOLTAGE RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

HVR250 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  HVR250 Datasheet HTML 1Page - EIC discrete Semiconductors HVR250 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HVR230 - HVR250
HIGH VOLTAGE
RECTIFIER DIODES
PRV : 3000 - 5000 Volts
Io : 0.5 ~ 1.0 Amp
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Pb / RoHS Free
MECHANICAL DATA :
* Case : D2 Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.465 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
HVR230
HVR250
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
3000
5000
V
Maximum RMS Voltage
VRMS
2100
3500
V
Maximum DC Blocking Voltage
VDC
3000
5000
V
Maximum Average Forward Current
Ta = 50
°C
IF(AV)
1.0
0.5
A
Maximum Peak Forward Surge Current
8.3ms Single half sine wave Superimposed
on rated load (JEDEC Method)
Maximum Peak Forward Voltage at IF = 1.0 A
VF
3.0
5.0
V
Maximum DC Reverse Current
Tj = 25
°C
IR
5.0
µA
at Rated DC Blocking Voltage
Tj = 100
°C
IR(H)
100
µA
Junction Temperature Range
TJ
- 40 to + 150
°C
Storage Temperature Range
TSTG
- 40 to + 150
°C
Page 1 of 2
Rev. 02 : March 24, 2005
RATING
IFSM
50
A
D2
1.00 (25.4)
MIN.
0.161 (4.1)
0.154 (3.9)
0.284 (7.2)
0.268 (6.8)
0.034 (0.86)
0.028 (0.71)
1.00 (25.4)
MIN.
Dimensions in inches and ( millimeters )


Similar Part No. - HVR250

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HVR2500 ETC1-HVR2500 Datasheet
615Kb / 6P
   HIGH VOLTAGE RECTIFIERS
logo
Vishay Siliconix
HVR2500001503FA100 VISHAY-HVR2500001503FA100 Datasheet
159Kb / 7P
   High Ohmic/High Voltage Metal Film Leaded Resistors
Revision: 02-Dec-09
HVR2500001503FA100 VISHAY-HVR2500001503FA100 Datasheet
159Kb / 7P
   High Ohmic/High Voltage Metal Film Leaded Resistors
Revision: 02-Dec-09
HVR2500001503FA500 VISHAY-HVR2500001503FA500 Datasheet
159Kb / 7P
   High Ohmic/High Voltage Metal Film Leaded Resistors
Revision: 02-Dec-09
HVR2500001503FA500 VISHAY-HVR2500001503FA500 Datasheet
159Kb / 7P
   High Ohmic/High Voltage Metal Film Leaded Resistors
Revision: 02-Dec-09
More results

Similar Description - HVR250

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
HVR312 EIC-HVR312 Datasheet
15Kb / 2P
   HIGH VOLTAGE RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
ESJA54-06A SUNMATE-ESJA54-06A Datasheet
217Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
SHV-16 SUNMATE-SHV-16 Datasheet
339Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
ESJA08-12 SUNMATE-ESJA08-12 Datasheet
395Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
2CL69A SUNMATE-2CL69A Datasheet
206Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
2CL79 SUNMATE-2CL79 Datasheet
213Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
HVP-10 SUNMATE-HVP-10 Datasheet
701Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
2CL75 SUNMATE-2CL75 Datasheet
198Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
2CL76 SUNMATE-2CL76 Datasheet
205Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
ESJA09-10 SUNMATE-ESJA09-10 Datasheet
388Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
ESJA59-12A SUNMATE-ESJA59-12A Datasheet
214Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com