Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

857-027-401-101 Datasheet(PDF) 2 Page - EDAC, All Rights Reserved.

Part No. 857-027-401-101
Description  857 Series High Temp Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

857-027-401-101 Datasheet(HTML) 2 Page - EDAC, All Rights Reserved.

  857-027-401-101 Datasheet HTML 1Page - EDAC, All Rights Reserved. 857-027-401-101 Datasheet HTML 2Page - EDAC, All Rights Reserved. 857-027-401-101 Datasheet HTML 3Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.edac.net
customerservice@edac.net
807/857 SERIES
High Temp Card Edge Connectors 0.156” (3.96mm) Pitch
NUMBER OF CONTACTS
"A"
"B"
"C"
"D"
"E"
Single
Double
Inch
mm
Inch
mm
Inch
mm
Inch
mm
Inch
mm
6
12
1.842
46.79
1.532
38.91
1.246
31.65
1.100
27.94
0.780
19.81
8
16
2.154
54.71
1.844
46.84
1.558
39.57
1.412
35.86
1.092
27.74
10
20
2.466
62.64
2.156
54.76
1.870
47.50
1.724
43.79
1.404
35.66
12
24
2.778
70.56
2.468
62.69
2.182
55.42
2.036
51.71
1.716
43.59
15
30
3.246
82.45
2.936
74.57
2.650
67.31
2.504
63.60
2.184
55.47
18
36
3.714
94.34
3.404
86.46
3.118
79.20
2.972
75.49
2.652
67.36
20
40
4.026
102.26
3.716
94.39
3.430
87.12
3.284
83.41
2.964
75.29
22
44
4.338
110.19
4.028
102.31
3.742
95.05
3.596
91.34
3.276
83.21
25
50
4.806
122.07
4.496
114.20
4.210
106.93
4.064
103.23
3.744
95.10
28
56
5.274
133.96
4.964
126.09
4.678
118.82
4.532
115.11
4.212
106.98
30
60
5.586
141.88
5.276
134.01
4.990
126.75
4.844
123.04
4.524
114.91
36
72
6.522
165.66
6.212
157.78
5.926
150.52
5.780
146.81
5.460
138.68
43
86
7.614
193.40
7.304
185.52
7.018
178.26
6.872
174.55
6.552
166.42
44
88
7.770
197.36
7.460
189.48
7.174
182.22
7.028
178.51
6.708
170.38
v
.343 (8.71) UP TO 27/54 PIN
.500 (12.70) 28/56 & OVER
POLARIZING KEY
IN-CONTACT
.156 (3.96)
BETWEEN CONTACT
POLARIZING KEY
A
B
C
D
TO .070 (1.78) THICK P.C. BOARD
CARD SLOT ACCEPTS .054 (1.37)
P/N 307-240-328
P/N 306-240-318
RECOMMENDED DAUGHTER BOARD
.300 (7.62)
.095 (2.41) POINT
OF CONTACT
WIRE HOLE
.048 (1.22) X .125 (3.18)
.473 (12.01
.270 (6.86)
CARD SLOT
G
E
OF CONTACT
.125 (3.18) POINT
DUAL ROW
D
(
MINUS .012 (0.30)
) +.000
-.015 (0.38)
CUT OUT FOR BETWEEN CONTACT
POLARIZING KEY
POLARIZING KEY
IN-CONTACT
CUT OUT FOR
.125 (3.18)
.055 (1.40)
.320 (8.13)
CONTACTS
SINGLE ROW
CONTACTS
.300 (7.62)
CARD SLOT
OF CONTACT
.175 (4.45) POINT
.300 (7.62)
CARD SLOT
NUMBERED SIDE
OF CONNECTOR
READ ONE SIDE
OF DAUGHTER BOARD
NUMBERED SIDE
OF CONNECTOR
SINGLE ROW
CONTACTS
READ BOTH SIDES
OF DAUGHTER BOARD
1
A B
2
C
3
D
4
E
5
F
6
H
7
J
8 9
L
10
.136 (3.45) DIA REF
PANEL MOUNT
CUT OUT
.380 (9.65)
.124 (3.15)
.156 (3.96)
.200 (5.08)
CONNECTOR MOUNTING PATTERN
.200 (5.08)
PANEL MOUNT CUT OUT
E
B
UP TO 27/54 PIN
28/56 PIN & OVER
.535 (13.59)
.008 (0.20) DIA
HOLE PATTERN FOR ALL P.C. TAILS
.050 (1.27) DIA +.004 (0.10)/-.000
EXCEPT CODES 524 & 531
.031 (0.79) +.004 (0.10)/-.000
FOR CODE 524 & 531 TAILS
K


Similar Part No. - 857-027-401-101

ManufacturerPart No.DatasheetDescription
Glenair, Inc.
Glenair, Inc.
857-027 GLENAIR-857-027 Datasheet
128Kb / 1P
   8 Gauge Pin Contact with PC Tails
More results


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com