Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

857-027-401-101 Datasheet(PDF) 1 Page - EDAC, All Rights Reserved.

Part # 857-027-401-101
Description  857 Series High Temp Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

857-027-401-101 Datasheet(HTML) 1 Page - EDAC, All Rights Reserved.

  857-027-401-101 Datasheet HTML 1Page - EDAC, All Rights Reserved. 857-027-401-101 Datasheet HTML 2Page - EDAC, All Rights Reserved. 857-027-401-101 Datasheet HTML 3Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features:
www.edac.net
Specifications:
Contact Code:
Tail Description:
Tail Size:
Tail Length “G”:
Single Row Contacts - Read One Side of Daughter Board
505
Wire Hole
.087 x . 013 (2.21 x 0.33)
.282 (7.16)
525
P.C. Tail
.046 x .013 (1.17 x 0.33)
.213 (5.41)
527
P.C. Tail
.046 x .013 (1.17 x 0.33)
.358 (9.09)
531
P.C. Tail
.023 x .013 (0.58 x 0.33)
.213 (5.41)
545
Wire Wrap
.046 x .013 (1.17 x 0.33)
.708 (17.98)
547
Wire Wrap
.046 x .013 (1.17 x 0.33)
.520 (13.21)
558
90 DEGREE BEND (CODE 545 CONTACTS)
559
90 DEGREE BEND (CODE 527 CONTACTS)
Single Row Contacts - Read Both Sides of Daughter Board
501
Wire Hole
.089 x .014 (2.29 x 0.36)
.213 (5.41)
521
P.C. Tail
.046 x .014 (1.17 x 0.36)
.213 (5.41)
541
Wire Wrap
.046 x .014 (1.17 x 0.36)
.495 (12.57)
553
90 DEGREE BEND (CODE 521 CONTACTS)
554
90 DEGREE BEND (CODE 501 CONTACTS)
557
90 DEGREE BEND (CODE 541 CONTACTS)
Dual Row Contacts - Read Both Sides of Daughter Board
500
Wire Hole
.087 x .013 (2.21 x 0.33)
.282 (7.16)
520
P.C. Tail
.046 x .013 (1.17 x 0.33)
.213 (5.41)
522
P.C. Tail
.046 x .013 (1.17 x 0.33)
.358 (9.09)
524
P.C. Tail
.023 x .013 (0.58 x 0.33)
.213 (5.41)
540
Wire Wrap
.046 x .013 (1.17 x 0.33)
.708 (17.98)
542
Wire Wrap
.046 x .013 (1.17 x 0.33)
.520 (13.21)
555
.062 EXTENDER BOARD BEND (CODE 500 CONTACTS)
556
.062 EXTENDER BOARD BEND (CODE 520 CONTACTS)
558
90 DEGREE BEND (CODE 522 AND 540 CONTACTS)
559
90 DEGREE BEND (CODE 522 AND 540 CONTACTS)
560
.062 EXTENDER BOARD BEND (CODE 522 CONTACTS)
customerservice@edac.net
Ordering Code Notes:
1) All connector sizes up to 44 contacts single row / 88 contacts
dual row are available upon request.
2) For contacts with overall tin plating, change the first digit of
the contact code from 5 to 4
3) For details of the extender board and 90 degree bends refer
to next pages.
4) For details of the mounting options refer to next pages.
Series:
Insulator Color:
807
Diallyl Phthalate , Green
857
Polyphenylene sulfide , Black
Total Number of Contacts:
Contact Rows:
006, 007, . . . . 044
Single Row
012, 014, . . . . 088
Dual Row
Contact Rows:
Description:
1
Single Row (Single Readout Flush Mounting Lugs)
2
Dual Row (Dual Readout Flush Mounting Lugs)
Mounting Options:
Description:
01
No Mounting Lug
02
Ø.128” (Ø3.25mm) Mounting Holes
03
Ø.116” (Ø2.95mm) I.D. Floating Eyelets
04
Ø.156” (Ø3.96mm) Mounting Holes
07
M3-0.5 Metric Threaded Inserts
08
#4-40 Unified Threaded Inserts
12
Ø.128” (Ø3.25mm) Side Mounting Holes
Insulator Material
(807: Diallyl Phthalate) (857: Polyphenylene sulfide) , UL 94V-0
Contact Material
Copper Alloy
Contact Plating
Gold Plating on mating area and Tin Plating on tails with Nickel underplating all over
Current Rating
5 amps
Contact Resistance
10 milliohms maximum
Dielectric Withstanding Voltage
1800 V AC rms at sea level between adjacent contacts
Insulation Resistance
5000 megaohms minimum
Operating Temperature
-40°C to +125°C
Insertion Force
16 oz (4.45 N) maximum per contact pair when tested with .070” (1.78mm) thick gauge
Withdrawal Force
1 oz (0.28 N) minimum per contact pair when tested with .054” (1.37mm) thick gauge
0.156” (3.96mm) contact spacing by 0.200” (5.08mm) row spacing
Accepts 0.062” (1.57mm) nominal thickness P.C. board
Low profile insulator body, 0.473” (12.01mm)
Contact termination options include P.C. tail, wire hole, wire wrap, 90° and extender board bends
Single or dual row configurations
Large variety of mounting options
Accepts between contact and in-contact polarizing keys
RoHS Compliant & UL Certified
807/857 SERIES
High Temp Card Edge Connectors 0.156” (3.96mm) Pitch
Series
Total Number of Contacts
Contact Code
Contact Rows
Mounting Options
Example Part Number
807-044-520-202


Similar Part No. - 857-027-401-101

ManufacturerPart #DatasheetDescription
EDAC, All Rights Reserved.
EDAC, All Rights Reserv...
857-027-401-101 EDAC-857-027-401-101 Datasheet
128Kb / 2P
   857 Series,High Temp Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
More results


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com