Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FES16DT Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # FES16DT
Description  Ultrafast Plastic Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

FES16DT Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  FES16DT Datasheet HTML 1Page - EIC discrete Semiconductors FES16DT Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( FES16AT ~ FES16JT )
FIG.1 - FORWARD CURRENT
FIG.2 - MAXIMUM NON-REPETITIVE
DERATING CURRENT
PEAK FORWARD SURGE CURRENT
0
25
50
75
100
125
150
175
1
2
4
6
10
20
40
60
100
CASE TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL INSTANTANEOUS
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
FORWARD CHARACTERISTICS
FIG. 5 – TYPICAL JUNCTION CAPACITANCE
Page 2 of 2
Rev. 02 : March 31, 2005
20
16
12
8
24
10
250
0
300
0
20
150
100
10
80
100
100
1
100
140
20
40
60
120
PERCENT OF RATED PEAK REVERSE
VOLTAGE, (%)
TJ = 25 °C
TJ = 100 °C
Pulse Width = 300
µs
1% Duty Cycle
1
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
INSTANTANEOUS FORWARD
VOLTAGE, VOLTS
0.1
8.3ms SINGLE HALF SINE-WAVE
(JEDEC) Method
4
50
TJ =TJ max.
0
0.1
REVERSE VOLTAGE, VOLTS
0.1
1
10
100
0
100
1000
FES16HT - FES16JT
FES16FT - FES16GT
FES16AT - FES16DT
TJ = 25°C
f = 1.0 MHz
Vsig = 50 mVp-p
FES16AT - FES16GT
FES16HT - FES16JT
TJ = 25 °C


Similar Part No. - FES16DT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FES16DT FAIRCHILD-FES16DT Datasheet
37Kb / 3P
   16 Ampere Glass Passivated Super Fast Rectifiers
logo
General Semiconductor
FES16DT GE-FES16DT Datasheet
75Kb / 2P
   FAST EFFICIENT PLASTIC RECTIFIER
logo
Vishay Siliconix
FES16DT VISHAY-FES16DT Datasheet
187Kb / 3P
   Ultrafast Plastic Rectifiers
15-Jan-03
logo
Fairchild Semiconductor
FES16DT FAIRCHILD-FES16DT Datasheet
50Kb / 3P
   Fast Rectifiers (Glass Passivated)
logo
Vishay Siliconix
FES16DT VISHAY-FES16DT Datasheet
143Kb / 5P
   Ultrafast Plastic Rectifier
Revision: 07-Jan-08
More results

Similar Description - FES16DT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FESF16FT VISHAY-FESF16FT Datasheet
190Kb / 3P
   Ultrafast Plastic Rectifiers
15-Jan-03
logo
Formosa MS
MUR1620CT FORMOSA-MUR1620CT Datasheet
108Kb / 2P
   Ultrafast Plastic Rectifiers
logo
EIC discrete Semiconduc...
FES8AT EIC-FES8AT Datasheet
49Kb / 2P
   Ultrafast Plastic Rectifiers
logo
Vishay Siliconix
FES16JT VISHAY-FES16JT Datasheet
187Kb / 3P
   Ultrafast Plastic Rectifiers
15-Jan-03
logo
Formosa MS
MUR1020CT FORMOSA-MUR1020CT Datasheet
227Kb / 2P
   Ultrafast Plastic Rectifiers
logo
Silicon Standard Corp.
MUR140 SSC-MUR140 Datasheet
219Kb / 4P
   Ultrafast Plastic Rectifiers
logo
EIC discrete Semiconduc...
FEP16AT EIC-FEP16AT Datasheet
121Kb / 2P
   Ultrafast Plastic Rectifiers
BYVF32 EIC-BYVF32 Datasheet
46Kb / 2P
   Dual Ultrafast Plastic Rectifiers
logo
Vishay Siliconix
UG4A VISHAY-UG4A_11 Datasheet
78Kb / 4P
   Miniature Ultrafast Plastic Rectifiers
Revision: 04-May-11
logo
EIC discrete Semiconduc...
FEP30AP EIC-FEP30AP Datasheet
123Kb / 2P
   Dual Ultrafast Plastic Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com