Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT1504R Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # CT1504R
Description  CENTER TAP DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

CT1504R Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  CT1504R Datasheet HTML 1Page - EIC discrete Semiconductors CT1504R Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES (CT1500R - CT1510R )
FIG.1 - DERATING CURVE FOR OUTPUT
FIG.2 - MAXIMUM NON-REPETITIVE PEAK
RECTIFIED CURRENT
FORWARD SURGE CURRENT
0
25
50
75
100
125
150
175
CASE TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PER DIODE
PER DIODE
Page 2 of 2
Rev. 02 : March 24, 2005
18
12
6
36
30
100
10
1.0
320
0
480
0
240
160
80
0.1
10
80
0.01
0.01
1.0
0.1
100
140
0
20
40
60
120
PERCENT OF RATED REVERSE
VOLTAGE, (%)
TJ = 25
°C
Pulse Width = 300
µs
1 % Duty Cycle
8.3 ms SINGLE HALF SINE WAVE
JEDEC METHOD
TJ = 50
°C
TJ = 100
°C
TJ = 25
°C
24
400
10
20
60
1
2
4
6
40
100
1.2
1.4
1.8
0.4
0.6
0.8
1.0
1.6
5
0
5
0
5
0
5
0
5
0
FORWARD VOLTAGE, VOLTS
HEAT-SINK MOUNTING, Tc
9" x 3.5" x 4.6" THK.
(22.9 x 8.9 x 11.7cm)
Al.-Finned .


Similar Part No. - CT1504R

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
CT1504 EIC-CT1504 Datasheet
44Kb / 2P
   CENTER TAP DIODES
logo
New Jersey Semi-Conduct...
CT1504 NJSEMI-CT1504 Datasheet
155Kb / 2P
   CENTER TAP DIODES
More results

Similar Description - CT1504R

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
CT1500 EIC-CT1500 Datasheet
44Kb / 2P
   CENTER TAP DIODES
logo
New Jersey Semi-Conduct...
CT1500 NJSEMI-CT1500 Datasheet
155Kb / 2P
   CENTER TAP DIODES
logo
Diotec Semiconductor
DAN208 DIOTEC-DAN208 Datasheet
122Kb / 2P
   Silicon-Twin Diodes Center tap
logo
Sanken electric
CTB-24 SANKEN-CTB-24 Datasheet
32Kb / 2P
   Schottky Barrier Diodes (Center-tap) 40V
FME-24H SANKEN-FME-24H Datasheet
17Kb / 1P
   Schottky Barrier Diodes (Center tap) 40V
logo
Sangdest Microelectroni...
301CNQ_SERIES SMC-301CNQ_SERIES Datasheet
206Kb / 4P
   Center tap module
201CMQ_SERIES SMC-201CMQ_SERIES Datasheet
211Kb / 4P
   Center tap module
203CMQ_SERIES SMC-203CMQ_SERIES Datasheet
218Kb / 4P
   Center tap module
209CMQ_SERIES SMC-209CMQ_SERIES Datasheet
155Kb / 4P
   Center tap module
409CMQ_SERIES SMC-409CMQ_SERIES Datasheet
275Kb / 4P
   Center tap module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com