Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSD16M64B8W Datasheet(PDF) 3 Page - Hanbit Electronics Co.,Ltd

Part # HSD16M64B8W
Description  Synchronous DRAM Module 128Mbyte(16Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HSD16M64B8W Datasheet(HTML) 3 Page - Hanbit Electronics Co.,Ltd

  HSD16M64B8W Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HSD16M64B8W Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HSD16M64B8W Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HSD16M64B8W Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HSD16M64B8W Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HSD16M64B8W Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HSD16M64B8W Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HSD16M64B8W Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HSD16M64B8W Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
HANBit
HSD16M64B8W
URL: www.hbe.co.kr
3
HANBit Electronics Co.,Ltd.
REV 1.0 (August.2002)
FUNCTIONAL BLOCK DIAGRAM
Vcc
Vss
Two
0.1uF Capacitors
per
each
SDRAM
CKE
CLK
CAS
DQ0-7,DQ32-39
RAS
DQM0
CE
WE
A0-A11
BA0-1
DQM4
U1
/CA
S
/CS0
/RAS
CKE0
DQM0
CLK0
CKE
CLK
CAS
DQ8-15,DQ40-47
RAS
DQM1
CE
WE
A0-A11
BA0-1
DQM5
CKE
CLK
CAS
DQ16-23,DQ48-55
RAS
DQM2
CE
WE
A0-A11
BA0-1
DQM6
CKE
CLK
CAS
DQ24-31,DQ56-63
RAS
DQM3
CE
WE
A0-A11 BA0-1
DQM7
DQM1
DQM3
DQM2
U2
U4
U3
DQ0-63
DQM4
DQM5
DQM6
DQM7
/WE
A0
– A11
BA0-1
CKE
CLK
CAS
DQ0-7,DQ32-39
RAS
DQM0
CE
WE
A0-A11 BA0-1
DQM4
U5
DQM0
CLK1
CKE
CLK
CAS
DQ8-15,DQ40-47
RAS
DQM1
CE
WE
A0-A11
BA0-1
DQM5
CKE
CLK
CAS
DQ16-23,DQ48-55
RAS
DQM2
CE
WE
A0-A11
BA0-1
DQM6
CKE
CLK
CAS
DQ24-31,DQ56-63
RAS
DQM3
CE
WE
A0-A11
BA0-1
DQM7
DQM1
DQM3
DQM2
U6
U8
U7
DQM4
DQM5
DQM6
DQM7
/CS1
CKE1


Similar Part No. - HSD16M64B8W

ManufacturerPart #DatasheetDescription
logo
DLG Hanbit co.,Ltd.
HSD16M64B8W DLGHANBIT-HSD16M64B8W Datasheet
587Kb / 10P
   Synchronous DRAM Module 128Mbyte(16Mx64-Bit), 144pin SO-DIMM,4Banks, 4K Ref., 3.3V
HSD16M64B8W-10 DLGHANBIT-HSD16M64B8W-10 Datasheet
587Kb / 10P
   Synchronous DRAM Module 128Mbyte(16Mx64-Bit), 144pin SO-DIMM,4Banks, 4K Ref., 3.3V
HSD16M64B8W-10L DLGHANBIT-HSD16M64B8W-10L Datasheet
587Kb / 10P
   Synchronous DRAM Module 128Mbyte(16Mx64-Bit), 144pin SO-DIMM,4Banks, 4K Ref., 3.3V
HSD16M64B8W-12 DLGHANBIT-HSD16M64B8W-12 Datasheet
587Kb / 10P
   Synchronous DRAM Module 128Mbyte(16Mx64-Bit), 144pin SO-DIMM,4Banks, 4K Ref., 3.3V
HSD16M64B8W-13 DLGHANBIT-HSD16M64B8W-13 Datasheet
587Kb / 10P
   Synchronous DRAM Module 128Mbyte(16Mx64-Bit), 144pin SO-DIMM,4Banks, 4K Ref., 3.3V
More results

Similar Description - HSD16M64B8W

ManufacturerPart #DatasheetDescription
logo
DLG Hanbit co.,Ltd.
HSD16M64B8W DLGHANBIT-HSD16M64B8W Datasheet
587Kb / 10P
   Synchronous DRAM Module 128Mbyte(16Mx64-Bit), 144pin SO-DIMM,4Banks, 4K Ref., 3.3V
logo
Hanbit Electronics Co.,...
HSD16M64B4W HANBIT-HSD16M64B4W Datasheet
105Kb / 10P
   Synchronous DRAM Module 128Mbyte(16Mx64-Bit), 144pin SO-DIMM, 4Banks, 8K Ref., 3.3V
HSD16M64B8A HANBIT-HSD16M64B8A Datasheet
106Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64-Bit), SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD16M64D8B HANBIT-HSD16M64D8B Datasheet
87Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64-Bit), DIMM, 4Banks, 4K Ref., 3.3V
HSD8M64B8A HANBIT-HSD8M64B8A Datasheet
90Kb / 11P
   Synchronous DRAM Module 64Mbyte (8Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD4M64B4W HANBIT-HSD4M64B4W Datasheet
81Kb / 10P
   Synchronous DRAM Module 32Mbyte(4Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD8M64B4W HANBIT-HSD8M64B4W Datasheet
82Kb / 10P
   Synchronous DRAM Module 64Mbyte(8Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD8M64B8W HANBIT-HSD8M64B8W Datasheet
86Kb / 10P
   Synchronous DRAM Module 64Mbyte(8Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD64M64B8W HANBIT-HSD64M64B8W Datasheet
85Kb / 10P
   Synchronous DRAM Module 512Mbyte(64Mx64-Bit), 144pin SO-DIMM, 4Banks, 8K Ref., 3.3V
HSD32M64B8W HANBIT-HSD32M64B8W Datasheet
88Kb / 11P
   Synchronous DRAM Module 256Mbyte(32Mx64-Bit), 144pin SO-DIMM, 4Banks, 8K Ref., 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com