Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSD8M72D9A-13 Datasheet(PDF) 6 Page - Hanbit Electronics Co.,Ltd

Part # HSD8M72D9A-13
Description  Synchronous DRAM Module 64Mbyte (8Mx72bit),DIMM with ECC based on 8Mx8, 4Banks, 4K Ref., 3.3V
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HSD8M72D9A-13 Datasheet(HTML) 6 Page - Hanbit Electronics Co.,Ltd

Back Button HSD8M72D9A-13 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HSD8M72D9A-13 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HSD8M72D9A-13 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HSD8M72D9A-13 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HSD8M72D9A-13 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HSD8M72D9A-13 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HSD8M72D9A-13 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HSD8M72D9A-13 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd HSD8M72D9A-13 Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
HANBit
HSD8M72D9A
URL: www.hbe.co.kr
6
HANBit Electronics Co.,Ltd.
REV 1.0 (August.2002)
power-down mode
ICC3PS
CKE&CLK
≤ V
IL(max)
tCC=∞
3
ICC3N
CKE
≥V
IH(min),
CS*
≥V
IH(min),
tCC=10ns
Input signals are changed
one time during 20ns
25
Active standby current in
non power-down mode
(One bank active)
ICC3NS
CKE
≥VIH(min)
CLK
≤VIL(max), t
CC=∞
Input signals are stable
15
mA
Operating current
(Burst mode)
ICC4
IO = 0 mA , Page burst
4Banks Activated
tCCD = 2CLKs
115
115
110
95
95
mA
1
Refresh current
ICC5
tRC ≥ tRC(min)
135
135
130
125
125
mA
2
1
mA
Self refresh current
ICC6
CKE
≤ 0.2V
400
mA
Notes :
1. Measured with outputs open.
2. Refresh period is 64ms.
3. Unless otherwise noticed, input swing level is CMOS(VIH/VIL=VDDQ/VSSQ).
AC OPERATING TEST CONDITIONS
(vcc = 3.3V
± 0.3V, TA = 0 to 70° C)
PARAMETER
Value
UNIT
AC Input levels (Vih/Vil)
2.4/0.4
V
Input timing measurement reference level
1.4
V
Input rise and fall time
tr/tf = 1/1
Ns
Output timing measurement reference level
1.4
V
Output load condition
See Fig. 2
+3.3V
1200
870
50pF*
DOUT
Vtt=1.4V
50
50pF
DOUT
Z0=50
VOH (DC) = 2.4V, IOH = -2mA
VOL (DC) = 0.4V, IOL = 2mA
(Fig. 1) DC output load
(Fig. 2) AC output load circuit


Similar Part No. - HSD8M72D9A-13

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD8M32B4 HANBIT-HSD8M32B4 Datasheet
108Kb / 11P
   Synchronous DRAM Module 32Mbyte ( 8M x 32-Bit ) 144pin SO-DIMM based on 4Mx16, 4Banks, 4K Ref., 3.3V
HSD8M32B4-10 HANBIT-HSD8M32B4-10 Datasheet
108Kb / 11P
   Synchronous DRAM Module 32Mbyte ( 8M x 32-Bit ) 144pin SO-DIMM based on 4Mx16, 4Banks, 4K Ref., 3.3V
HSD8M32B4-10L HANBIT-HSD8M32B4-10L Datasheet
108Kb / 11P
   Synchronous DRAM Module 32Mbyte ( 8M x 32-Bit ) 144pin SO-DIMM based on 4Mx16, 4Banks, 4K Ref., 3.3V
HSD8M32B4-12 HANBIT-HSD8M32B4-12 Datasheet
108Kb / 11P
   Synchronous DRAM Module 32Mbyte ( 8M x 32-Bit ) 144pin SO-DIMM based on 4Mx16, 4Banks, 4K Ref., 3.3V
HSD8M32B4-13 HANBIT-HSD8M32B4-13 Datasheet
108Kb / 11P
   Synchronous DRAM Module 32Mbyte ( 8M x 32-Bit ) 144pin SO-DIMM based on 4Mx16, 4Banks, 4K Ref., 3.3V
More results

Similar Description - HSD8M72D9A-13

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD16M72D9A HANBIT-HSD16M72D9A Datasheet
84Kb / 9P
   Synchronous DRAM Module 128Mbyte (8Mx72bit),DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD16M72D18A HANBIT-HSD16M72D18A Datasheet
188Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx72bit), DIMM with ECC based on 8Mx8, 4Banks, 4K Ref., 3.3V
HSD32M64D8A HANBIT-HSD32M64D8A Datasheet
84Kb / 10P
   Synchronous DRAM Module 64Mbyte (8Mx72bit),DIMM based on 32Mx8, 4Banks, 8K Ref., 3.3V
HSD16M64D16A HANBIT-HSD16M64D16A Datasheet
155Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit), DIMM based on 8Mx8, 4Banks, 4K Ref., 3.3V
HSD8M64D8A HANBIT-HSD8M64D8A Datasheet
84Kb / 10P
   Synchronous DRAM Module 64Mbyte (8Mx64bit),DIMM, 4Banks, 4K Ref., 3.3V
HSD8M64F8V HANBIT-HSD8M64F8V Datasheet
106Kb / 10P
   Synchronous DRAM Module 64Mbyte ( 8M x 64-Bit ) SMM based on 8Mx8, 4Banks, 4K Ref., 3.3V
logo
DLG Hanbit co.,Ltd.
HSD32M72D18A DLGHANBIT-HSD32M72D18A Datasheet
771Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
logo
Hanbit Electronics Co.,...
HSD32M72D18P HANBIT-HSD32M72D18P Datasheet
179Kb / 11P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M72D18A HANBIT-HSD32M72D18A Datasheet
178Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M72D18R HANBIT-HSD32M72D18R Datasheet
177Kb / 12P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com