Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSD8M72D9A Datasheet(PDF) 9 Page - Hanbit Electronics Co.,Ltd

Part # HSD8M72D9A
Description  Synchronous DRAM Module 64Mbyte (8Mx72bit),DIMM with ECC based on 8Mx8, 4Banks, 4K Ref., 3.3V
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HSD8M72D9A Datasheet(HTML) 9 Page - Hanbit Electronics Co.,Ltd

Back Button HSD8M72D9A Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HSD8M72D9A Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HSD8M72D9A Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HSD8M72D9A Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HSD8M72D9A Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HSD8M72D9A Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HSD8M72D9A Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HSD8M72D9A Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd HSD8M72D9A Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
HANBit
HSD8M72D9A
URL: www.hbe.co.kr
9
HANBit Electronics Co.,Ltd.
REV 1.0 (August.2002)
DQM
H
X
V
X
7
H
X
X
X
No operation command
H
X
L
H
H
H
X
X
(V=Valid, X=Don't care, H=Logic high, L=Logic low)
Notes :
1. OP Code : Operand code
A0 ~ A11 & BA0 ~ BA1 : Program keys. (@ MRS)
2. MRS can be issued only at all banks precharge state.
A new command can be issued after 2 CLK cycles of MRS.
3. Auto refresh functions are as same as CBR refresh of DRAM.
The automatical precharge without row precharge command is meant by "Auto".
Auto/self refresh can be issued only at all banks precharge state.
4. BA0 ~ BA1 : Bank select addresses.
If both BA0 and BA1 are "Low" at read, write, row active and precharge, bank A is selected.
If both BA0 is "Low" and BA1 is "High" at read, write, row active and precharge, bank B is selected.
If both BA0 is "High" and BA1 is "Low" at read, write, row active and precharge, bank C is selected.
If both BA0 and BA1 are "High" at read, write, row active and precharge, bank D is selected.
If A10/AP is "High" at row precharge, BA0 and BA1 is ignored and all banks are selected.
5. During burst read or write with auto precharge, new read/write command can not be issued.
Another bank read/write command can be issued after the end of burst.
New row active of the associated bank can be issued at tRP after the end of burst.
6. Burst stop command is valid at every burst length.
7. DQM sampled at positive going edge of a CLK and masks the data-in at the very CLK (Write DQM latency is 0),
but makes Hi-Z state the data-out of 2 CLK cycles after. (Read DQM latency is 2)
PACKAGING INFORMATION
Unit : mm
Front View


Similar Part No. - HSD8M72D9A

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD8M32B4 HANBIT-HSD8M32B4 Datasheet
108Kb / 11P
   Synchronous DRAM Module 32Mbyte ( 8M x 32-Bit ) 144pin SO-DIMM based on 4Mx16, 4Banks, 4K Ref., 3.3V
HSD8M32B4-10 HANBIT-HSD8M32B4-10 Datasheet
108Kb / 11P
   Synchronous DRAM Module 32Mbyte ( 8M x 32-Bit ) 144pin SO-DIMM based on 4Mx16, 4Banks, 4K Ref., 3.3V
HSD8M32B4-10L HANBIT-HSD8M32B4-10L Datasheet
108Kb / 11P
   Synchronous DRAM Module 32Mbyte ( 8M x 32-Bit ) 144pin SO-DIMM based on 4Mx16, 4Banks, 4K Ref., 3.3V
HSD8M32B4-12 HANBIT-HSD8M32B4-12 Datasheet
108Kb / 11P
   Synchronous DRAM Module 32Mbyte ( 8M x 32-Bit ) 144pin SO-DIMM based on 4Mx16, 4Banks, 4K Ref., 3.3V
HSD8M32B4-13 HANBIT-HSD8M32B4-13 Datasheet
108Kb / 11P
   Synchronous DRAM Module 32Mbyte ( 8M x 32-Bit ) 144pin SO-DIMM based on 4Mx16, 4Banks, 4K Ref., 3.3V
More results

Similar Description - HSD8M72D9A

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD16M72D9A HANBIT-HSD16M72D9A Datasheet
84Kb / 9P
   Synchronous DRAM Module 128Mbyte (8Mx72bit),DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD16M72D18A HANBIT-HSD16M72D18A Datasheet
188Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx72bit), DIMM with ECC based on 8Mx8, 4Banks, 4K Ref., 3.3V
HSD32M64D8A HANBIT-HSD32M64D8A Datasheet
84Kb / 10P
   Synchronous DRAM Module 64Mbyte (8Mx72bit),DIMM based on 32Mx8, 4Banks, 8K Ref., 3.3V
HSD16M64D16A HANBIT-HSD16M64D16A Datasheet
155Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit), DIMM based on 8Mx8, 4Banks, 4K Ref., 3.3V
HSD8M64D8A HANBIT-HSD8M64D8A Datasheet
84Kb / 10P
   Synchronous DRAM Module 64Mbyte (8Mx64bit),DIMM, 4Banks, 4K Ref., 3.3V
HSD8M64F8V HANBIT-HSD8M64F8V Datasheet
106Kb / 10P
   Synchronous DRAM Module 64Mbyte ( 8M x 64-Bit ) SMM based on 8Mx8, 4Banks, 4K Ref., 3.3V
logo
DLG Hanbit co.,Ltd.
HSD32M72D18A DLGHANBIT-HSD32M72D18A Datasheet
771Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
logo
Hanbit Electronics Co.,...
HSD32M72D18P HANBIT-HSD32M72D18P Datasheet
179Kb / 11P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M72D18A HANBIT-HSD32M72D18A Datasheet
178Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M72D18R HANBIT-HSD32M72D18R Datasheet
177Kb / 12P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com