Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI6542DQ Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. SI6542DQ
Description  Dual N- and P-Channel 20-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

SI6542DQ Datasheet(HTML) 2 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Si6542DQ
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
2-2
Document Number: 70171
S-00873—Rev. F, 01-May-00
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
N-Ch
1.0
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = –250 mA
P-Ch
–1.0
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
ZG
V l
D i C
I
VDS = 20 V, VGS = 0 V
N-Ch
1
A
Zero Gate Voltage Drain Current
IDSS
VDS = –20 V, VGS = 0 V
P-Ch
–1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V, TJ = 55_C
N-Ch
25
mA
VDS = –20 V, VGS = 0 V, TJ = 55_C
P-Ch
–25
On-State Drain Currenta
ID(on)
VDS = 5 V, VGS = 10 V
N-Ch
14
A
On-State Drain Currenta
ID(on)
VDS = –5 V, VGS = –10 V
P-Ch
–10
A
DiS
OS
R
i
a
VGS = 10 V, ID = 2.5 A
N-Ch
0.065
0.09
W
Drain-Source On-State Resistancea
rDS(on)
VGS = –10 V, ID = 1.9 A
P-Ch
0.13
0.17
W
Drain-Source On-State Resistancea
rDS(on)
VGS = 4.5 V, ID = 1.8 A
N-Ch
0.100
0.175
W
VGS = –4.5 V, ID = 1.3 A
P-Ch
0.26
0.32
Forward Transconductancea
gfs
VDS = 15 V, ID = 2.5 A
N-Ch
5
S
Forward Transconductancea
gfs
VDS = –15 V, ID = – 1.9 A
P-Ch
3
S
Diode Forward Voltagea
VSD
IS = 1.25 A, VGS = 0 V
N-Ch
0.8
1.2
V
Diode Forward Voltagea
VSD
IS = –1.25 A, VGS = 0 V
P-Ch
0.8
–1.2
V
Dynamicb
Total Gate Charge
Qg
NCh
l
N-Ch
7
10
C
Total Gate Charge
Qg
N-Channel
P-Ch
7
10
C
Gate-Source Charge
Qgs
N Channel
VDS = 10 V, VGS = 10 V, ID = 2.5 A
N-Ch
0.9
nC
Gate-Source Charge
Qgs
P-Channel
VDS =10 V VGS =10 V ID =1 9 A
P-Ch
1.3
nC
Gate-Drain Charge
Qgd
VDS = –10 V, VGS = –10 V, ID = –1.9 A
N-Ch
2.1
Gate-Drain Charge
Qgd
P-Ch
1.7
Turn-On Delay Time
td(on)
NCh
l
N-Ch
11
20
Turn-On Delay Time
td(on)
NCh
l
P-Ch
9
20
Rise Time
tr
N-Channel
VDD = 10 V, RL = 10 W
N-Ch
11
20
Rise Time
tr
VDD = 10 V, RL = 10 W
ID ^ 1 A, VGEN = 10 V, RG = 6 W
P-Ch
12
25
Turn-Off Delay Time
td(off)
P-Channel
V10 V R
10
W
N-Ch
16
30
ns
Turn-Off Delay Time
td(off)
VDD = –10 V, RL = 10 W
ID ^ –1 A, VGEN = –10 V, RG = 6 W
P-Ch
17
30
ns
Fall Time
tf
ID
1 A, VGEN
10 V, RG
6
W
N-Ch
6
15
Fall Time
tf
P-Ch
6
15
Source-Drain Reverse Recovery Time
trr
IF = 1.25 A, di/dt = 100 A/ms
N-Ch
45
70
Source-Drain Reverse Recovery Time
trr
IF = –1.25 A, di/dt = 100 A/ms
P-Ch
35
70
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SI6552DQDual N- and P-Channel 20-V D-S MOSFET 1 2 3 4 5 MoreVishay Siliconix
SI1913DHDual P-Channel 20-V D-S MOSFET 1 2 3 4 5 Vishay Siliconix
SI5517DUN- and P-Channel 20-V D-S MOSFET 1 2 3 4 Vishay Siliconix
SI4567DYDual N- and P-Channel 40-V D-S MOSFET 1 2 3 4 Vaishali Semiconductor
SI4943DYDual P-Channel 20-V D-S MOSFET 1 2 3 4 Vishay Siliconix
SI7911DNDual P-Channel 20-V D-S MOSFET 1 2 3 4 5 Vishay Siliconix
SI4913DYDual P-Channel 20-V D-S MOSFET 1 2 3 Vishay Siliconix
SI9933ADYDual P-Channel 20-V D-S MOSFET 1 2 3 4 Vishay Siliconix
SI7901EDNDual P-Channel 20-V D-S MOSFET 1 2 3 4 5 Vishay Siliconix
SI8435DBDual P-Channel 20-V D-S MOSFET 1 2 3 Vaishali Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn