Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI6542DQ Datasheet(PDF) 6 Page - Vishay Siliconix

Part No. SI6542DQ
Description  Dual N- and P-Channel 20-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6542DQ Datasheet(HTML) 6 Page - Vishay Siliconix

  SI6542DQ Datasheet HTML 1Page - Vishay Siliconix SI6542DQ Datasheet HTML 2Page - Vishay Siliconix SI6542DQ Datasheet HTML 3Page - Vishay Siliconix SI6542DQ Datasheet HTML 4Page - Vishay Siliconix SI6542DQ Datasheet HTML 5Page - Vishay Siliconix SI6542DQ Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Si6542DQ
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
2-6
Document Number: 70171
S-00873—Rev. F, 01-May-00
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
PCHANNEL
–1.0
–0.5
0.0
0.5
1.0
–50
–25
0
25
50
75
100
125
150
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
Threshold Voltage
Single Pulse Power
Square Wave Pulse Duration (sec)
VSD – Source-to-Drain Voltage (V)
VGS – Gate-to-Source Voltage (V)
TJ – Temperature (_C)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
024
68
10
TJ = 150_C
TJ = 25_C
ID = 1.9 A
ID = 250 µA
20
10
0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Time (sec)
120
100
80
60
40
20
0
0.001
0.010
0.100
1.000
10.000
Normalized Thermal Transient Impedance, Junction-to-Ambient
2
1
0.1
0.01
10–4
10–3
10–2
10–1
110
30
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 125_C/W
3. TJM – TA = PDMZthJA(t)
t1
t2
t1
Notes:
4. Surface Mounted
PDM
t2


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SI6552DQDual N- and P-Channel 20-V D-S MOSFET 1 2 3 4 5 MoreVishay Siliconix
SI1913DHDual P-Channel 20-V D-S MOSFET 1 2 3 4 5 Vishay Siliconix
SI5517DUN- and P-Channel 20-V D-S MOSFET 1 2 3 4 Vishay Siliconix
SI4567DYDual N- and P-Channel 40-V D-S MOSFET 1 2 3 4 Vaishali Semiconductor
SI4943DYDual P-Channel 20-V D-S MOSFET 1 2 3 4 Vishay Siliconix
SI7911DNDual P-Channel 20-V D-S MOSFET 1 2 3 4 5 Vishay Siliconix
SI4913DYDual P-Channel 20-V D-S MOSFET 1 2 3 Vishay Siliconix
SI9933ADYDual P-Channel 20-V D-S MOSFET 1 2 3 4 Vishay Siliconix
SI7901EDNDual P-Channel 20-V D-S MOSFET 1 2 3 4 5 Vishay Siliconix
SI8435DBDual P-Channel 20-V D-S MOSFET 1 2 3 Vaishali Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn