Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PHE428 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part No. PHE428
Description  Double metallized film pulse capacitor, polypropylene dielectric
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

PHE428 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
231
PHE428
ORDERING INFORMATION
PACKING
The box dimensions for bulk packaging are
245 x 145 x 80 mm. Quantity/package as
in article table, based on standard lead
length, R06. Reels with taped capacitors
are packed 10 in a box with the
dimensions 370 x 370 x 560 mm. Quantity
per reel as in article table. The standard
quantity/reel is for 360 mm reel. If 500 mm
reel is required, it must be specified when
ordering and the quantity is 2 x the given
quantity.
MARKING
• RIFA
• Article code
• Rated capacitance according to
IEC 60062
• Rated voltage
• Capacitance tolerance code
• Manufacturing code (year, month)
DERATING OF U
RMS
VS FREQUENCY, +85°C AMBIENT TEMPERATURE
AND 10°C INTERNAL HEATING, TYPICAL VALUES
630 VDC/400 VAC
frequency (kHz)
10
1
0.1
100
1000
100
10
1
1
µF
0.39
µF
0.033
µF
0.12
µF
0.01
µF
Urms (V)
1000 VDC/500 VAC
frequency (kHz)
10
1
0.1
100
1000
100
10
0.56
µF
0.22
µF
0.022
µF
0.082
µF
0.0068
µF
Urms (V)
1600 VDC/630 VAC
frequency (kHz)
10
1
0.1
100
1000
100
10
0.27
µF
0.1
µF
0.01
µF
0.039
µF
3.3 nF
Urms (V)
2000 VDC/650 VAC
frequency (kHz)
10
1
0.1
100
1000
100
10
0.18
µF
0.082
µF
6.8 nF
0.027
µF
1 nF
Urms (V)
2500 VDC/1000 VAC
frequency (kHz)
Urms (V)
More simulation possibilities in PCCAD
software package. See page 204.
Not
for
new
design
The article code for the standard part is given in the article table.
For other options, see page 21.


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn