Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PHE428 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part No. PHE428
Description  Double metallized film pulse capacitor, polypropylene dielectric
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo ETC1 - List of Unclassifed Manufacturers

PHE428 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PHE428 Datasheet HTML 1Page - List of Unclassifed Manufacturers PHE428 Datasheet HTML 2Page - List of Unclassifed Manufacturers PHE428 Datasheet HTML 3Page - List of Unclassifed Manufacturers PHE428 Datasheet HTML 4Page - List of Unclassifed Manufacturers PHE428 Datasheet HTML 5Page - List of Unclassifed Manufacturers PHE428 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
230
PHE428
Capaci-
Max dimensions in mm
Quantity per package
Weight
Max
Rthha °C/W
Article code
tance
dU/dt
85 °C
µ F
B
H
L
p
Bulk
Tray
Reel
g
V/µs
0.2 m/s
ARTICLE TABLE
Not
for
new
design
2500 VDC/1000 VAC
LEAD SPACING 15 MM
0.0010
5.5
10.5
18.0
15.0
1000
600
1.5
2500
109
PHE428TB4100JR06
0.0012
5.5
10.5
18.0
15.0
1000
600
1.5
2500
109
PHE428TB4120JR06
0.0015
5.5
12.5
18.0
15.0
1000
600
1.7
2500
92
PHE428TB4150JR06
0.0018
5.5
12.5
18.0
15.0
1000
600
1.7
2500
91
PHE428TB4180JR06
0.0022
6.5
12.5
18.0
15.0
1000
500
2.0
2500
90
PHE428TB4220JR06
0.0027
7.5
14.5
18.0
15.0
800
400
2.7
2500
82
PHE428TB4270JR06
0.0033
7.5
14.5
18.0
15.0
800
400
2.7
2500
82
PHE428TB4330JR06
0.0039
8.0
15.0
18.0
15.0
600
400
3.0
2500
81
PHE428TB4390JR06
LEAD SPACING 22.5 MM
0.0033
6.5
14.5
26.0
22.5
234
3.2
1800
63
PHE428TD4330JR06L2
0.0039
6.5
14.5
26.0
22.5
234
3.2
1800
63
PHE428TD4390JR06L2
0.0047
6.5
14.5
26.0
22.5
234
3.2
1800
63
PHE428TD4470JR06L2
0.0056
7.0
16.5
26.0
22.5
216
3.9
1800
57
PHE428TD4560JR06L2
0.0068
7.0
16.5
26.0
22.5
216
3.9
1800
57
PHE428TD4680JR06L2
0.0082
8.0
16.0
26.0
22.5
186
4.3
1800
55
PHE428TD4820JR06L2
0.010
9.0
18.5
26.0
22.5
168
5.6
1800
53
PHE428TD5100JR06L2
0.012
10.5
19.0
26.0
22.5
264
6.7
1800
50
PHE428TD5120JR06L2
0.015
11.0
21.5
26.0
22.5
253
8.0
1800
47
PHE428TD5150JR06L2
LEAD SPACING 27.5 MM
0.012
10.5
20.5
31.5
27.5
216
8.8
1300
42
PHE428TF5120JR06L2
0.015
10.5
20.5
31.5
27.5
216
8.8
1300
42
PHE428TF5150JR06L2
0.018
10.5
20.5
31.5
27.5
216
8.8
1300
42
PHE428TF5180JR06L2
0.022
11.5
22.5
31.5
27.5
198
10.6
1300
39
PHE428TF5220JR06L2
0.027
14.5
24.5
31.5
27.5
153
14.5
1300
36
PHE428TF5270JR06L2
0.033
14.5
24.5
31.5
27.5
153
14.5
1300
36
PHE428TF5330JR06L2
0.039
17.5
28.0
31.5
27.5
126
19.7
1300
34
PHE428TF5390JR06L2
0.047
17.5
28.0
31.5
27.5
126
19.7
1300
33
PHE428TF5470JR06L2
LEAD SPACING 37.5 MM
0.047
13.0
24.0
41.0
37.5
140
16.6
800
24
PHE428TR5470JR06L2
0.056
15.0
26.0
41.0
37.5
119
20.8
800
23
PHE428TR5560JR06L2
0.068
16.5
32.0
41.0
37.5
105
28.1
800
23
PHE428TR5680JR06L2
0.082
16.5
32.0
41.0
37.5
105
28.1
800
23
PHE428TR5820JR06L2
0.10
19.0
36.0
41.0
37.5
91
36.5
800
22
PHE428TR6100JR06L2
0.12
21.0
38.0
41.0
37.5
84
42.5
800
21
PHE428TR6120JR06L2
0.15
21.0
38.0
41.0
37.5
84
42.5
800
18
PHE428TR6150JR06L2


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn