Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PHE428 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. PHE428
Description  Double metallized film pulse capacitor, polypropylene dielectric
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo ETC1 - List of Unclassifed Manufacturers

PHE428 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PHE428 Datasheet HTML 1Page - List of Unclassifed Manufacturers PHE428 Datasheet HTML 2Page - List of Unclassifed Manufacturers PHE428 Datasheet HTML 3Page - List of Unclassifed Manufacturers PHE428 Datasheet HTML 4Page - List of Unclassifed Manufacturers PHE428 Datasheet HTML 5Page - List of Unclassifed Manufacturers PHE428 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
229
ARTICLE TABLE
Capaci-
Max dimensions in mm
Quantity per package
Weight
Max
Rthha °C/W
Article code
tance
dU/dt
85 °C
µ F
B
H
L
p
Bulk
Tray
Reel
g
V/µs
0.2 m/s
2000 VDC/650 VAC
PHE428
Not
for
new
design
LEAD SPACING 15 MM
0.00033
5.5
10.5
18.0
15.0
1000
600
1.5
2500
103
PHE428SB3330JR06
0.00047
5.5
10.5
18.0
15.0
1000
600
1.5
2500
103
PHE428SB3470JR06
0.00056
5.5
10.5
18.0
15.0
1000
600
1.5
2500
103
PHE428SB3560JR06
0.00068
5.5
10.5
18.0
15.0
1000
600
1.5
2500
103
PHE428SB3680JR06
0.00082
5.5
10.5
18.0
15.0
1000
600
1.5
2500
103
PHE428SB3820JR06
0.0010
5.5
10.5
18.0
15.0
1000
600
1.5
2500
103
PHE428SB4100JR06
0.0012
5.5
10.5
18.0
15.0
1000
600
1.5
2500
104
PHE428SB4120JR06
0.0015
5.5
10.5
18.0
15.0
1000
600
1.5
2500
105
PHE428SB4150JR06
0.0018
5.5
10.5
18.0
15.0
1000
600
1.5
2500
106
PHE428SB4180JR06
0.0022
5.5
10.5
18.0
15.0
1000
600
1.5
2500
107
PHE428SB4220JR06
0.0027
5.5
12.5
18.0
15.0
1000
600
1.7
2500
91
PHE428SB4270JR06
0.0033
6.5
12.5
18.0
15.0
1000
500
2.0
2500
89
PHE428SB4330JR06
0.0039
6.5
12.5
18.0
15.0
1000
500
2.0
2500
90
PHE428SB4390JR06
0.0047
7.5
14.5
18.0
15.0
800
400
2.7
2500
81
PHE428SB4470JR06
0.0056
7.5
14.5
18.0
15.0
800
400
2.7
2500
81
PHE428SB4560JR06
0.0068
8.5
16.0
18.0
15.0
600
400
3.4
2500
74
PHE428SB4680JR06
LEAD SPACING 22.5 MM
0.0033
6.5
14.5
26.0
22.5
234
3.2
1800
62
PHE428SD4330JR06L2
0.0039
6.5
14.5
26.0
22.5
234
3.2
1800
62
PHE428SD4390JR06L2
0.0047
6.5
14.5
26.0
22.5
234
3.2
1800
62
PHE428SD4470JR06L2
0.0056
6.5
14.5
26.0
22.5
234
3.2
1800
62
PHE428SD4560JR06L2
0.0068
6.5
14.5
26.0
22.5
234
3.2
1800
62
PHE428SD4680JR06L2
0.0082
6.5
14.5
26.0
22.5
234
3.2
1800
62
PHE428SD4820JR06L2
0.010
7.0
16.5
26.0
22.5
216
3.9
1800
57
PHE428SD5100JR06L2
0.012
7.0
16.5
26.0
22.5
216
3.9
1800
55
PHE428SD5120JR06L2
0.015
9.0
18.5
26.0
22.5
168
5.6
1800
53
PHE428SD5150JR06L2
0.018
9.0
18.5
26.0
22.5
168
5.6
1800
51
PHE428SD5180JR06L2
0.022
10.5
19.0
26.0
22.5
264
6.7
1800
50
PHE428SD5220JR06L2
0.027
11.0
21.5
26.0
22.5
253
8.0
1800
45
PHE428SD5270JR06L2
LEAD SPACING 27.5 MM
0.012
10.5
20.5
31.5
27.5
216
8.8
1300
41
PHE428SF5120JR06L2
0.015
10.5
20.5
31.5
27.5
216
8.8
1300
41
PHE428SF5150JR06L2
0.018
10.5
20.5
31.5
27.5
216
8.8
1300
41
PHE428SF5180JR06L2
0.022
10.5
20.5
31.5
27.5
216
8.8
1300
41
PHE428SF5220JR06L2
0.027
10.5
20.5
31.5
27.5
216
8.8
1300
41
PHE428SF5270JR06L2
0.033
11.5
22.5
31.5
27.5
198
10.6
1300
39
PHE428SF5330JR06L2
0.039
11.5
22.5
31.5
27.5
198
10.6
1300
38
PHE428SF5390JR06L2
0.047
14.5
24.5
31.5
27.5
153
14.5
1300
36
PHE428SF5470JR06L2
0.056
14.5
24.5
31.5
27.5
153
14.5
1300
36
PHE428SF5560JR06L2
0.068
17.5
28.0
31.5
27.5
126
19.7
1300
32
PHE428SF5680JR06L2
0.082
17.5
28.0
31.5
27.5
126
19.7
1300
32
PHE428SF5820JR06L2
0.10
17.5
28.0
31.5
27.5
126
19.7
1300
32
PHE428SF6100JR06L2
LEAD SPACING 37.5 MM
0.068
13.0
24.0
41.0
37.5
140
16.6
800
30
PHE428SR5680JR06L2
0.082
15.0
26.0
41.0
37.5
119
20.8
800
29
PHE428SR5820JR06L2
0.10
15.0
26.0
41.0
37.5
119
20.8
800
28
PHE428SR6100JR06L2
0.12
16.5
32.0
41.0
37.5
105
28.1
800
25
PHE428SR6120JR06L2
0.15
16.5
32.0
41.0
37.5
105
28.1
800
24
PHE428SR6150JR06L2
0.18
19.0
36.0
41.0
37.5
91
36.5
800
21
PHE428SR6180JR06L2
0.22
19.0
36.0
41.0
37.5
91
36.5
800
19
PHE428SR6220JR06L2
0.27
21.0
38.0
41.0
37.5
84
42.5
800
18
PHE428SR6270JR06L2


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn