Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHE428 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PHE428
Description  Double metallized film pulse capacitor, polypropylene dielectric
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PHE428 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PHE428 Datasheet HTML 1Page - List of Unclassifed Manufacturers PHE428 Datasheet HTML 2Page - List of Unclassifed Manufacturers PHE428 Datasheet HTML 3Page - List of Unclassifed Manufacturers PHE428 Datasheet HTML 4Page - List of Unclassifed Manufacturers PHE428 Datasheet HTML 5Page - List of Unclassifed Manufacturers PHE428 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
228
PHE428
ARTICLE TABLE
Capaci-
Max dimensions in mm
Quantity per package
Weight
Max
Rthha °C/W
Article code
tance
dU/dt
85 °C
µ F
B
H
L
p
Bulk
Tray
Reel
g
V/µs
0.2 m/s
1000 VDC/500 VAC
LEAD SPACING 27.5 MM
1600 VDC/630 VAC
Not
for
new
design
0.12
11.5
22.5
31.5
27.5
198
10.6
1300
37
PHE428PF6120JR06L2
0.15
14.5
24.5
31.5
27.5
153
14.5
1300
34
PHE428PF6150JR06L2
0.18
14.5
24.5
31.5
27.5
153
14.5
1300
34
PHE428PF6180JR06L2
0.22
17.5
28.0
31.5
27.5
126
19.7
1300
30
PHE428PF6220JR06L2
LEAD SPACING 37.5 MM
0.15
13.0
24.0
41.0
37.5
140
16.6
800
29
PHE428PR6150JR06L2
0.18
13.0
24.0
41.0
37.5
140
16.6
800
29
PHE428PR6180JR06L2
0.22
13.0
24.0
41.0
37.5
140
16.6
800
29
PHE428PR6220JR06L2
0.27
15.0
26.0
41.0
37.5
119
20.8
800
27
PHE428PR6270JR06L2
0.33
16.5
32.0
41.0
37.5
105
28.1
800
24
PHE428PR6330JR06L2
0.39
16.5
32.0
41.0
37.5
105
28.1
800
24
PHE428PR6390JR06L2
0.47
19.0
36.0
41.0
37.5
91
36.5
800
20
PHE428PR6470JR06L2
0.56
19.0
36.0
41.0
37.5
91
36.5
800
20
PHE428PR6560JR06L2
0.68
21.0
38.0
41.0
37.5
84
42.5
800
18
PHE428PR6680JR06L2
LEAD SPACING 15 MM
0.0027
5.5
10.5
18.0
15.0
1000
600
1.5
2500
106
PHE428RB4270JR06
0.0033
5.5
10.5
18.0
15.0
1000
600
1.5
2500
106
PHE428RB4330JR06
0.0039
5.5
12.5
18.0
15.0
1000
600
1.7
2500
91
PHE428RB4390JR06
0.0047
5.5
12.5
18.0
15.0
1000
600
1.7
2500
91
PHE428RB4470JR06
0.0056
6.5
12.5
18.0
15.0
1000
500
2.0
2500
89
PHE428RB4560JR06
0.0068
7.5
14.5
18.0
15.0
800
400
2.7
2500
80
PHE428RB4680JR06
0.0082
7.5
14.5
18.0
15.0
800
400
2.7
2500
80
PHE428RB4820JR06
0.010
8.5
16.0
18.0
15.0
600
400
3.4
2500
73
PHE428RB5100JR06
0.012
8.5
16.0
18.0
15.0
600
400
3.4
2500
73
PHE428RB5120JR06
LEAD SPACING 22.5 MM
0.010
6.5
14.5
26.0
22.5
234
3.2
1800
61
PHE428RD5100JR06L2
0.012
6.5
14.5
26.0
22.5
234
3.2
1800
61
PHE428RD5120JR06L2
0.015
7.0
16.5
26.0
22.5
216
3.9
1800
57
PHE428RD5150JR06L2
0.018
7.0
16.5
26.0
22.5
216
3.9
1800
55
PHE428RD5180JR06L2
0.022
9.0
18.5
26.0
22.5
168
5.6
1800
52
PHE428RD5220JR06L2
0.027
9.0
18.5
26.0
22.5
168
5.6
1800
50
PHE428RD5270JR06L2
0.033
10.5
19.0
26.0
22.5
264
6.7
1800
50
PHE428RD5330JR06L2
0.039
11.0
21.5
26.0
22.5
253
8.0
1800
45
PHE428RD5390JR06L2
LEAD SPACING 27.5 MM
0.033
10.5
20.5
31.5
27.5
216
8.8
1300
41
PHE428RF5330JR06L2
0.039
10.5
20.5
31.5
27.5
216
8.8
1300
41
PHE428RF5390JR06L2
0.047
10.5
20.5
31.5
27.5
216
8.8
1300
41
PHE428RF5470JR06L2
0.056
11.5
22.5
31.5
27.5
198
10.6
1300
39
PHE428RF5560JR06L2
0.068
11.5
22.5
31.5
27.5
198
10.6
1300
38
PHE428RF5680JR06L2
0.082
14.5
24.5
31.5
27.5
153
14.5
1300
35
PHE428RF5820JR06L2
0.10
17.5
28.0
31.5
27.5
126
19.7
1300
32
PHE428RF6100JR06L2
0.12
17.5
28.0
31.5
27.5
126
19.7
1300
31
PHE428RF6120JR06L2
LEAD SPACING 37.5 MM
0.10
13.0
24.0
41.0
37.5
140
16.6
800
30
PHE428RR6100JR06L2
0.12
15.0
26.0
41.0
37.5
119
20.8
800
28
PHE428RR6120JR06L2
0.15
15.0
26.0
41.0
37.5
119
20.8
800
28
PHE428RR6150JR06L2
0.18
16.5
32.0
41.0
37.5
105
28.1
800
24
PHE428RR6180JR06L2
0.22
16.5
32.0
41.0
37.5
105
28.1
800
23
PHE428RR6220JR06L2
0.27
19.0
36.0
41.0
37.5
91
36.5
800
21
PHE428RR6270JR06L2
0.33
21.0
38.0
41.0
37.5
84
42.5
800
19
PHE428RR6330JR06L2


Similar Part No. - PHE428

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE426 ETC2-PHE426 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Kemet Corporation
PHE426 KEMET-PHE426 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
List of Unclassifed Man...
PHE426DJ4100JR05 ETC2-PHE426DJ4100JR05 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Kemet Corporation
PHE426DJ4100JR05 KEMET-PHE426DJ4100JR05 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
List of Unclassifed Man...
PHE426DJ4120JR05 ETC2-PHE426DJ4120JR05 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
More results

Similar Description - PHE428

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE426 ETC2-PHE426 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Kemet Corporation
PHE426 KEMET-PHE426 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
List of Unclassifed Man...
PHE450 ETC2-PHE450 Datasheet
95Kb / 12P
   Double metallized film pulse capacitor
PHE427 ETC2-PHE427 Datasheet
79Kb / 7P
   Double metallized film pulse capacitor
logo
Vishay Siliconix
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
BFC238370682 VISHAY-BFC238370682 Datasheet
217Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
MKP383 VISHAY-MKP383 Datasheet
165Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com