Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PHE428 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. PHE428
Description  Double metallized film pulse capacitor, polypropylene dielectric
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

PHE428 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
227
ARTICLE TABLE
Capaci-
Max dimensions in mm
Quantity per package
Weight
Max
Rthha °C/W
Article code
tance
dU/dt
85 °C
µ F
B
H
L
p
Bulk
Tray
Reel
g
V/µs
0.2 m/s
630 VDC/400 VAC
LEAD SPACING 15 MM
1000 VDC/500 VAC
PHE428
Not
for
new
design
0.010
5.5
10.5
18.0
15.0
1000
600
1.5
2500
103
PHE428MB5100JR06
0.012
5.5
10.5
18.0
15.0
1000
600
1.5
2500
103
PHE428MB5120JR06
0.015
5.5
12.5
18.0
15.0
1000
600
1.7
2500
89
PHE428MB5150JR06
0.018
6.5
12.5
18.0
15.0
1000
500
2.0
2500
86
PHE428MB5180JR06
0.022
7.5
14.5
18.0
15.0
800
400
2.7
2500
77
PHE428MB5220JR06
0.027
7.5
14.5
18.0
15.0
800
400
2.7
2500
77
PHE428MB5270JR06
0.033
8.5
16.0
18.0
15.0
600
400
3.0
2500
70
PHE428MB5330JR06
LEAD SPACING 22.5 MM
0.033
6.5
14.5
26.0
22.5
234
3.2
1800
59
PHE428MD5330JR06L2
0.039
6.5
14.5
26.0
22.5
234
3.2
1800
59
PHE428MD5390JR06L2
0.047
7.0
16.5
26.0
22.5
216
3.9
1800
55
PHE428MD5470JR06L2
0.056
8.0
16.0
26.0
22.5
186
4.3
1800
55
PHE428MD5560JR06L2
0.068
9.0
18.5
26.0
22.5
168
5.6
1800
50
PHE428MD5680JR06L2
0.082
9.0
18.5
26.0
22.5
168
5.6
1800
50
PHE428MD5820JR06L2
0.10
10.5
19.0
26.0
22.5
264
6.7
1800
48
PHE428MD6100JR06L2
0.12
11.0
21.5
26.0
22.5
253
8.0
1800
44
PHE428MD6120JR06L2
LEAD SPACING 27.5 MM
0.15
10.5
20.5
31.5
27.5
216
8.8
1100
40
PHE428MF6150JR06L2
0.18
11.5
22.5
31.5
27.5
198
10.6
1100
37
PHE428MF6180JR06L2
0.22
14.5
24.5
31.5
27.5
153
14.5
1100
34
PHE428MF6220JR06L2
0.27
14.5
24.5
31.5
27.5
153
14.5
1100
33
PHE428MF6270JR06L2
0.33
17.5
28.0
31.5
27.5
126
19.7
1100
30
PHE428MF6330JR06L2
0.39
17.5
28.0
31.5
27.5
126
19.7
1100
29
PHE428MF6390JR06L2
LEAD SPACING 37.5 MM
0.33
13.0
24.0
41.0
37.5
140
16.6
700
29
PHE428MR6330JR06L2
0.39
15.0
26.0
41.0
37.5
119
20.8
700
27
PHE428MR6390JR06L2
0.47
15.0
26.0
41.0
37.5
119
20.8
700
27
PHE428MR6470JR06L2
0.56
16.5
32.0
41.0
37.5
105
28.1
700
24
PHE428MR6560JR06L2
0.68
16.5
32.0
41.0
37.5
105
28.1
700
22
PHE428MR6680JR06L2
0.82
19.0
36.0
41.0
37.5
91
36.5
700
20
PHE428MR6820JR06L2
1.0
19.0
36.0
41.0
37.5
91
36.5
700
20
PHE428MR7100JR06L2
1.2
21.0
38.0
41.0
37.5
84
42.5
700
18
PHE428MR7120JR06L2
LEAD SPACING 15 MM
0.0039
5.5
10.5
18.0
15.0
1000
600
1.5
2500
104
PHE428PB4390JR06
0.0047
5.5
10.5
18.0
15.0
1000
600
1.5
2500
104
PHE428PB4470JR06
0.0056
5.5
10.5
18.0
15.0
1000
600
1.5
2500
104
PHE428PB4560JR06
0.0068
5.5
10.5
18.0
15.0
1000
600
1.5
2500
104
PHE428PB4680JR06
0.0082
5.5
12.5
18.0
15.0
1000
600
1.7
2500
90
PHE428PB4820JR06
0.010
6.5
12.5
18.0
15.0
1000
500
1.7
2500
87
PHE428PB5100JR06
0.012
7.5
14.5
18.0
15.0
800
400
2.0
2500
79
PHE428PB5120JR06
0.015
7.5
14.5
18.0
15.0
800
400
2.0
2500
78
PHE428PB5150JR06
0.018
8.0
15.0
18.0
15.0
600
400
3.0
2500
75
PHE428PB5180JR06
0.022
8.5
16.0
18.0
15.0
600
400
3.4
2500
70
PHE428PB5220JR06
LEAD SPACING 22.5 MM
0.022
6.5
14.5
26.0
22.5
234
3.2
1800
60
PHE428PD5220JR06L2
0.027
6.5
14.5
26.0
22.5
234
3.2
1800
60
PHE428PD5270JR06L2
0.033
7.0
16.5
26.0
22.5
216
3.9
1800
55
PHE428PD5330JR06L2
0.039
8.0
16.0
26.0
22.5
186
4.3
1800
55
PHE428PD5390JR06L2
0.047
9.0
18.5
26.0
22.5
168
5.6
1800
51
PHE428PD5470JR06L2
0.056
9.0
18.5
26.0
22.5
168
5.6
1800
49
PHE428PD5560JR06L2
0.068
10.5
19.0
26.0
22.5
264
6.7
1800
49
PHE428PD5680JR06L2
0.082
11.0
21.5
26.0
22.5
253
8.0
1800
44
PHE428PD5820JR06L2
LEAD SPACING 27.5 MM
0.068
10.5
20.5
31.5
27.5
216
8.8
1300
40
PHE428PF5680JR06L2
0.082
10.5
20.5
31.5
27.5
216
8.8
1300
40
PHE428PF5820JR06L2
0.10
11.5
22.5
31.5
27.5
198
10.6
1300
38
PHE428PF6100JR06L2


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn