Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2N7000 Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. 2N7000
Description  N-channel enhancement mode vertical D-MOS transistor
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

2N7000 Datasheet(HTML) 4 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
April 1995
4
Philips Semiconductors
Product specification
N-channel enhancement mode vertical
D-MOS transistor
2N7000
CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX. UNIT
V(BR)DSS
drain-source breakdown voltage
ID = 10 µA
VGS = 0
60
90
V
IDSS
drain-source leakage current
VDS = 48 V
VGS = 0
−−
1
µA
±IGSS
gate-source leakage current
±VGS = 15 V
VDS = 0
−−
10
nA
VGS(th)
gate-source threshold voltage
ID = 1 mA
VGS = VDS
0.8
3V
RDS(on)
drain-source on-resistance
ID = 500 mA
VGS = 10 V
3.5
5
ID = 75 mA
VGS = 4.5 V
−−
5.3
 Y
fs
transfer admittance
ID = 200 mA
VDS = 10 V
100
200
mS
Ciss
input capacitance
VDS = 10 V
VGS = 0
f = 1 MHz
25
40
pF
Coss
output capacitance
VDS = 10 V
VGS = 0
f = 1 MHz
22
30
pF
Crss
feedback capacitance
VDS = 10 V
VGS = 0
f = 1 MHz
610
pF
Switching times (see Figs 2 and 3)
ton
turn-on time
ID = 200 mA
VDD = 50 V
VGS = 0 to 10 V
410
ns
toff
turn-off time
ID = 200 mA
VDD = 50 V
VGS = 0 to 10 V
410
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn