Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2N7000 Datasheet(PDF) 2 Page - NXP Semiconductors

Part No. 2N7000
Description  N-channel enhancement mode vertical D-MOS transistor
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

2N7000 Datasheet(HTML) 2 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
April 1995
2
Philips Semiconductors
Product specification
N-channel enhancement mode vertical
D-MOS transistor
2N7000
FEATURES
• Low RDS(on)
• Direct interface to C-MOS, TTL,
etc.
• High-speed switching
• No secondary breakdown.
DESCRIPTION
N-channel enhancement mode
vertical D-MOS transistor in a TO-92
variant envelope, intended for use in
relay, high-speed and line
transformer drivers.
PINNING - TO-92 VARIANT
PIN
DESCRIPTION
1
drain
2
gate
3
source
QUICK REFERENCE DATA
PIN CONFIGURATION
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
VDS
drain-source voltage
60
V
ID
drain current
DC value
280
mA
RDS(on)
drain-source on-resistance
ID = 500 mA
VGS = 10 V
5
VGS(th)
gate-source threshold voltage
ID = 1 mA
VGS = VDS
3V
Fig.1 Simplified outline and symbol.
handbook, halfpage
1
3
2
MAM146
s
d
g


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn