Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2N7000 Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. 2N7000
Description  N-channel enhancement mode vertical D-MOS transistor
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

2N7000 Datasheet(HTML) 6 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
April 1995
6
Philips Semiconductors
Product specification
N-channel enhancement mode vertical
D-MOS transistor
2N7000
Fig.6
Typical transfer characteristic; VDS =10V;
Tj =25 °C.
handbook, halfpage
04
ID
(A)
VGS (V)
812
1.6
1.2
0.4
0
0.8
MDA692
Fig.7
Typical on-resistance as a function of
drain current; Tj = 25 °C.
handbook, halfpage
0
20
4
8
12
16
MDA693
110
ID (mA)
RDSon
(
Ω)
102
103
104
VGS = 3 V
4 V
5 V
10 V
Fig.8
Typical capacitances as a function of
drain-source voltage; VGS = 0;
f = 1 MHz; Tj = 25 °C.
handbook, halfpage
0
60
80
40
20
0
510
25
20
15
MDA694
C
(pF)
VDS (V)
Crss
Ciss
Coss


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn