Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

G5114 Datasheet(PDF) 5 Page - Global Mixed-mode Technology Inc

Part No. G5114
Description  High Efficiency, Constant Current Output for 8 Series LEDs Driver
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GMT [Global Mixed-mode Technology Inc]
Homepage  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5114 Datasheet(HTML) 5 Page - Global Mixed-mode Technology Inc

  G5114 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G5114 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G5114 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G5114 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G5114 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G5114 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G5114 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G5114 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G5114 Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Ver: 1.1
Sep 13, 2004
TEL: 886-3-5788833
http://www.gmt.com.tw
5
G5114/G5116/G5118
Global Mixed-mode Technology Inc.
Typical Performance Characteristics (Continued)
PWM Dimming
OVP Waveform
60
65
70
75
80
85
90
0
5
10
15
20
25
Load Current (mA)
8LEDs, CO=1µF
VIN=4.2V
VIN=3.6V
VIN=3.0V
Efficiency vs. Output Current
G5118 Inrush Current Waveform


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn