Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

G5114 Datasheet(PDF) 4 Page - Global Mixed-mode Technology Inc

Part No. G5114
Description  High Efficiency, Constant Current Output for 8 Series LEDs Driver
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GMT [Global Mixed-mode Technology Inc]
Homepage  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5114 Datasheet(HTML) 4 Page - Global Mixed-mode Technology Inc

  G5114 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G5114 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G5114 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G5114 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G5114 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G5114 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G5114 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G5114 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G5114 Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Ver: 1.1
Sep 13, 2004
TEL: 886-3-5788833
http://www.gmt.com.tw
4
G5114/G5116/G5118
Global Mixed-mode Technology Inc.
Typical Performance Characteristics (Continued)
25
26
27
28
29
30
31
32
33
34
35
-40
-20
0
2040
6080
100
Temperature (°C)
20
21
22
23
24
25
26
27
28
29
30
-40
-20
0
204060
80
100
Temperature (°C)
26
27
28
29
30
31
1.52
2.53
3.544.5
55.5
66.5
Input Voltage (V)
22
22.5
23
23.5
24
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
Input Voltage (V)
0
5
10
15
20
25
30
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
Input Voltage (V)
CO=1µF
CO=0.1µF
6LEDs
0
5
10
15
20
25
0
10203040
50
60708090 100
Duty Cycle (%)
CO=0.1µF
CO=1µF
6LEDs
OVP Trigger Threshold vs. Input Voltage
OVP Trigger Threshold vs. Temperature
OVP Release Threshold vs. Input Voltage
OVP Release Threshold vs. Temperature
LED Current vs. Input Voltage
LED Current vs. Duty Cycle


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn