Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZY8.2V Datasheet(PDF) 1 Page - Continental Device India Limited

Part # ZY8.2V
Description  SILICON GLASS PASSIVATED 2.0 WATT ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

ZY8.2V Datasheet(HTML) 1 Page - Continental Device India Limited

  ZY8.2V Datasheet HTML 1Page - Continental Device India Limited ZY8.2V Datasheet HTML 2Page - Continental Device India Limited ZY8.2V Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SILICON GLASS PASSIVATED 2.0 WATT ZENER DIODES
ZY7.5V to ZY47V
DO- 41
Glass Axial Package
For use in Stabilizing and Clipping Circuits with High Power Rating
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
Power Dissipation @ Ta=25ºC
Junction Temperature
Storage Temperature Range
THERMAL RESISTANCE
Junction to ambient in free air
*Valid provided that leads are kept at ambient temperature at a distance of 10mm from case
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise) VF <1.1V @ 1A
Device #
Dynamic Resistance
Temp . Coeff
Test
Reverse
of Zener Voltage
Current
Voltage
@ IZ test
@ IZ test
@ IR = 1 µ
µA
min
max
α
α V
Z10
-4/K
IZT (mA)
VR (V)
ZY7.5
7.0
7.9
-0……+7
100
>2.0
ZY8.2
7.7
8.7
+3……+8
100
>3.5
ZY9.1
8.5
9.6
+3……+8
50
>7.4
ZY10
9.4
10.6
+5……+9
50
>8.2
ZY11
10.4
11.6
+5……+10
50
>9.2
ZY12
11.4
12.7
+5……+10
50
>10
ZY13
12.4
14.1
+5……+10
50
>10.7
ZY15
13.8
15.8
+5……+10
50
>12
ZY16
15.3
17.1
+6……+11
25
>13.3
ZY18
16.8
19.1
+6……+11
25
>14.7
ZY20
18.8
21.2
+6……+11
25
>16.5
ZY22
20.8
23.3
+6……+11
25
>18.3
ZY24
22.8
25.6
+6……+11
25
>20.1
ZY27
25.1
28.9
+6……+11
25
>22.5
ZY30
28
32
+6……+11
25
>25.1
ZY33
31
35
+6……+11
25
>27.8
ZY36
34
38
+6……+11
10
>30.2
ZY39
37
41
+6……+11
10
>32.9
ZY43
40
46
+7……+12
10
>35.6
ZY47
44
50
+7……+12
10
>39.2
**Tested with Pulse tp=5ms
*** Valid provided that leads are kept at ambient temperature at a distance of 10mm from case
ZY7.5_47V Rev _2 050604E
2
180
2
200
15
15
15
110
98
90
80
72
66
60
10
10
15
15
- 55 to+150
UNIT
W
ºC
ºC
VALUE
2
150
145
135
120
4
4
7
7
SYMBOL
*PD
Tj
Tstg
165
*Rth (j-a)
60
**Zener Voltage
@ IZT
VZ (V)
@ IZT
f=1KHz
15
53
K/W
(max)
rzj (Ω
Ω)
***Admissible
Zener Current
@ Ta=45ºC
IZ (mA)
15
48
15
4
40
40
40
37
45
33
45
30
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - ZY8.2V

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ZY8.2 DIOTEC-ZY8.2 Datasheet
111Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
logo
EIC discrete Semiconduc...
ZY8.2 EIC-ZY8.2 Datasheet
43Kb / 2P
   SILICON ZENER DIODES
logo
Vishay Siliconix
ZY8.2 VISHAY-ZY8.2 Datasheet
320Kb / 7P
   Zener Diodes
02-May-02
logo
Diotec Semiconductor
ZY8.2 DIOTEC-ZY8.2 Datasheet
90Kb / 2P
   Silicon-Power-Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
ZY8.2 SEMTECH_ELEC-ZY8.2 Datasheet
245Kb / 3P
   SILICON ZENER DIODES
More results

Similar Description - ZY8.2V

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
1N4728A TEL-1N4728A Datasheet
162Kb / 3P
   SILICON GLASS PASSIVATED 1.0 WATT ZENER DIODES
logo
Continental Device Indi...
1N4477 CDIL-1N4477 Datasheet
81Kb / 3P
   SILICON GLASS PASSIVATED 1.5 WATT ZENER DIODES
1N4728A CDIL-1N4728A Datasheet
154Kb / 4P
   SILICON GLASS PASSIVATED 1.0 WATT ZENER DIODES
logo
Taiwan Semiconductor Co...
2M11Z TSC-2M11Z Datasheet
320Kb / 4P
   2.0 Watts Glass Passivated Junction Silicon Zener Diodes
2M6.8Z TSC-2M6.8Z_13 Datasheet
260Kb / 6P
   2.0 Watts Glass Passivated Junction Silicon Zener Diodes
2M6.8Z TSC-2M6.8Z Datasheet
629Kb / 4P
   2.0 Watts Glass Passivated Junction Silicon Zener Diodes
logo
Microsemi Corporation
SMBG5913B MICROSEMI-SMBG5913B Datasheet
471Kb / 5P
   SILICON 2.0 Watt ZENER DIODES
Rev. 1
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A_13 Datasheet
279Kb / 7P
   1.0 Watt Glass Passivated Junction Silicon Zener Diodes
logo
Microsemi Corporation
SMBJ4742 MICROSEMI-SMBJ4742 Datasheet
197Kb / 3P
   SILICON 2.0 Watt ZENER DIODES
logo
Micro Commercial Compon...
ZY51 MCC-ZY51 Datasheet
224Kb / 3P
   Silicon 2.0 Watt Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com