Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CZMK9.1V Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CZMK9.1V
Description  SILIICON PLANAR ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CZMK9.1V Datasheet(HTML) 2 Page - Continental Device India Limited

  CZMK9.1V Datasheet HTML 1Page - Continental Device India Limited CZMK9.1V Datasheet HTML 2Page - Continental Device India Limited CZMK9.1V Datasheet HTML 3Page - Continental Device India Limited CZMK9.1V Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SILIICON PLANAR ZENER DIODES
CZMK3V3-39V
SOT-23
Formed SMD Package
ELECTRICAL CHARACTERISTICS Per Diode (Ta=25°C VF <0.9V max, IF=10mA)
Device
Working Voltage
Temperature
Marking
#
Coefficient
VZ(V)***
SZ (mV/K)
@ IZtest=5mA
@ IZtest=5mA
@ IZtest=5mA
@ IZtest=1mA
min
max
typ
max
µA
V
min
typ
max
typ
max
CZMK 11
10.40
11.60
10
20
0.1
8.0
5.4
7.4
9.0
50
150
ZY
CZMK 12
11.40
12.70
10
25
0.1
8.0
6.0
8.4
10
50
150
ZZ
CZMK 13
12.40
14.10
10
30
0.1
8.0
7.0
9.4
11
50
170
YB
CZMK 15
13.80
15.60
10
30
0.05 10.5
9.2
11.4
13
50
200
YC
CZMK 16
15.30
17.10
10
40
0.05 11.2
10.4
12.4
14
50
200
YD
CZMK 18
16.80
19.10
10
45
0.05 12.6
12.4
14.4
16
50
225
YE
CZMK 20
18.80
21.20
15
55
0.05 14.0
14.4
16.4
18
60
225
YF
CZMK 22
20.80
23.30
20
55
0.05 15.4
16.4
18.4
20
60
250
YG
CZMK 24
22.80
25.60
25
70
0.05 16.8
18.4
20.4
22
60
250
YH
@ IZtest=2mA
@ IZtest=2mA
@ IZtest=2mA
@ IZtest=0.5mA
CZMK 27
25.10
28.90
25
80
0.05
18.9
21.4
23.4 25.3
65
300
YJ
CZMK 30
28.00
32.00
30
80
0.05
21.0
24.4
26.6 29.4
70
300
YK
CZMK 33
31.00
35.00
35
80
0.05
23.1
27.4
29.7 33.4
75
325
YL
CZMK 36
34.00
38.00
35
90
0.05
25.2
30.4
33.0 37.4
80
350
YM
CZMK 39
37.00
41.00
40
130
0.05
27.3
33.4
36.4 41.2
80
350
YN
***Pulse test 20ms< tp <50ms.
rdiff (
Ω)
IR
rdiff (
Ω)
Resistance
Current
Resistance
Differential
Reverse
Differential
1
2
3
Pin Configuration
1 =
2 =
3 =
ANODE
ANODE
CATHODE
3
1
2
Continental Device India Limited
Data Sheet
Page 2 of
4


Similar Part No. - CZMK9.1V

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CZMK9.1 CDIL-CZMK9.1 Datasheet
312Kb / 4P
   SILIICON PLANAR ZENER DIODES
More results

Similar Description - CZMK9.1V

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
BZX55C2V4 CDIL-BZX55C2V4 Datasheet
104Kb / 4P
   SILIICON PLANAR ZENER DIODES
BZV55C3V6 CDIL-BZV55C3V6 Datasheet
302Kb / 4P
   SILIICON PLANAR ZENER DIODES
BZM55C CDIL-BZM55C Datasheet
191Kb / 4P
   SILIICON PLANAR ZENER DIODES
BZX83C CDIL-BZX83C Datasheet
223Kb / 4P
   SILIICON PLANAR ZENER DIODES
CMBZ5229B CDIL-CMBZ5229B Datasheet
108Kb / 4P
   SILIICON PLANAR ZENER DIODES
CZMA3V9-47V CDIL-CZMA3V9-47V Datasheet
203Kb / 4P
   SILIICON PLANAR ZENER DIODES
CLL5227 CDIL-CLL5227 Datasheet
133Kb / 4P
   SILIICON PLANAR ZENER DIODES
CZMA3V9 CDIL-CZMA3V9 Datasheet
107Kb / 4P
   SILIICON PLANAR ZENER DIODES
logo
New Jersey Semi-Conduct...
BZX83C NJSEMI-BZX83C Datasheet
132Kb / 2P
   SILIICON PLANAR ZENER DIODES
logo
Continental Device Indi...
CZMK3V3-39V CDIL-CZMK3V3-39V Datasheet
312Kb / 4P
   SILIICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com