Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADXL330 Datasheet(PDF) 4 Page - Analog Devices

Part # ADXL330
Description  Small, Low Power, 3-Axis 짹3 g i MEMS Accelerometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL330 Datasheet(HTML) 4 Page - Analog Devices

  ADXL330 Datasheet HTML 1Page - Analog Devices ADXL330 Datasheet HTML 2Page - Analog Devices ADXL330 Datasheet HTML 3Page - Analog Devices ADXL330 Datasheet HTML 4Page - Analog Devices ADXL330 Datasheet HTML 5Page - Analog Devices ADXL330 Datasheet HTML 6Page - Analog Devices ADXL330 Datasheet HTML 7Page - Analog Devices ADXL330 Datasheet HTML 8Page - Analog Devices ADXL330 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADXL330
Rev. 0 | Page 4 of 16
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Acceleration (Any Axis, Unpowered)
10,000 g
Acceleration (Any Axis, Powered)
10,000 g
VS
−0.3 V to +7.0 V
All Other Pins
(COM − 0.3 V) to (VS + 0.3 V)
Output Short-Circuit Duration
(Any Pin to Common)
Indefinite
Temperature Range (Powered)
−55°C to +125°C
Temperature Range (Storage)
−65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
tP
tL
t25°C TO PEAK
tS
PREHEAT
CRITICAL ZONE
TL TO TP
TIME
RAMP-DOWN
RAMP-UP
TSMIN
TSMAX
TP
TL
Figure 2. Recommended Soldering Profile
Table 3. Recommended Soldering Profile
Profile Feature
Sn63/Pb37
Pb-Free
Average Ramp Rate (TL to TP)
3°C/s max
3°C/s max
Preheat
Minimum Temperature (TSMIN)
100°C
150°C
Maximum Temperature (TSMAX)
150°C
200°C
Time (TSMIN to TSMAX), tS
60 s to 120 s
60 s to 180 s
TSMAX to TL
Ramp-Up Rate
3°C/s max
3°C/s max
Time Maintained Above Liquidous (TL)
Liquidous Temperature (TL)
183°C
217°C
Time (tL)
60 s to 150 s
60 s to 150 s
Peak Temperature (TP)
240°C + 0°C/−5°C
260°C + 0°C/−5°C
Time within 5°C of Actual Peak Temperature (tP)
10 s to 30 s
20 s to 40 s
Ramp-Down Rate
6°C/s max
6°C/s max
Time 25°C to Peak Temperature
6 minutes max
8 minutes max
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - ADXL330

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL330 AD-ADXL330 Datasheet
489Kb / 16P
   Small, Low Power, 3-Axis 짹3 g i MEMS짰 Accelerometer
REV. A
ADXL330KCPZ-RL1 AD-ADXL330KCPZ-RL1 Datasheet
489Kb / 16P
   Small, Low Power, 3-Axis 짹3 g i MEMS짰 Accelerometer
REV. A
ADXL330KCPZ1 AD-ADXL330KCPZ1 Datasheet
489Kb / 16P
   Small, Low Power, 3-Axis 짹3 g i MEMS짰 Accelerometer
REV. A
ADXL330 AD-ADXL330_07 Datasheet
489Kb / 16P
   Small, Low Power, 3-Axis 짹3 g i MEMS짰 Accelerometer
REV. A
ADXL330 AD-ADXL330_15 Datasheet
490Kb / 16P
   Small, Low Power, 3-Axis 3 g iMEMS Accelerometer
More results

Similar Description - ADXL330

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL323 AD-ADXL323 Datasheet
293Kb / 16P
   Small, Low Power, 2-Axis 짹3 g i MEMS Accelerometer
REV. 0
ADXL330 AD-ADXL330_07 Datasheet
489Kb / 16P
   Small, Low Power, 3-Axis 짹3 g i MEMS짰 Accelerometer
REV. A
ADXL335 AD-ADXL335 Datasheet
130Kb / 11P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
Rev. PrA
ADXL335 AD-ADXL335_10 Datasheet
430Kb / 16P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
REV. B
ADXL337BCPZ-RL AD-ADXL337BCPZ-RL Datasheet
357Kb / 16P
   Small, Low Power, 3-Axis 짹3 g Small, Low Power, 3-Axis 짹3 g
REV. 0
ADXL337 AD-ADXL337 Datasheet
357Kb / 16P
   Small, Low Power, 3-Axis 짹3 g
REV. 0
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
REV. 0
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
   Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
ADXL325 AD-ADXL325 Datasheet
309Kb / 16P
   Small, Low Power, 3-Axis 짹5 g Accelerometer
REV. 0
ADXL326 AD-ADXL326 Datasheet
308Kb / 16P
   Small, Low Power, 3-Axis 짹16 g Accelerometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com