Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSD8M32F4V Datasheet(PDF) 11 Page - Hanbit Electronics Co.,Ltd

Part # HSD8M32F4V
Description  Synchronous DRAM Module 32Mbyte ( 8M x 32-Bit ) SMM based on 8Mx8, 4Banks, 4K Ref., 3.3V
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HSD8M32F4V Datasheet(HTML) 11 Page - Hanbit Electronics Co.,Ltd

Back Button HSD8M32F4V Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HSD8M32F4V Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HSD8M32F4V Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HSD8M32F4V Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HSD8M32F4V Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HSD8M32F4V Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HSD8M32F4V Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd HSD8M32F4V Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd HSD8M32F4V Datasheet HTML 11Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
HANBit
HSD8M32F4V/VA
URL:www.hbe.co.kr
11
HANBit Electronics Co.,Ltd.
REV.1.0 (August.2002)
Part Number
Density
Org.
Package
Ref.
Vcc
Feature
MAX.frq
HSD8M32F4V-13
32MByte
8Mx 32
120 Pin SMM
4K
3.3V
CL=3
133MHz
HSD8M32F4V-12
32MByte
8Mx 32
120 Pin SMM
4K
3.3V
CL=3
125MHz
HSD8M32F4V-10
32MByte
8Mx 32
120 Pin SMM
4K
3.3V
CL=2
100MHz
HSD8M32F4V-10L
32MByte
8Mx 32
120 Pin SMM
4K
3.3V
CL=3
100MHz
HSD8M32F4VA-13
32MByte
8Mx 32
120 Pin SMM
4K
3.3V
CL=3
133MHz
HSD8M32F4VA-12
32MByte
8Mx 32
120 Pin SMM
4K
3.3V
CL=3
125MHz
HSD8M32F4VA-10
32MByte
8Mx 32
120 Pin SMM
4K
3.3V
CL=2
100MHz
HSD8M32F4VA-10L
32MByte
8Mx 32
120 Pin SMM
4K
3.3V
CL=3
100MHz


Similar Part No. - HSD8M32F4V

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD8M32B4 HANBIT-HSD8M32B4 Datasheet
108Kb / 11P
   Synchronous DRAM Module 32Mbyte ( 8M x 32-Bit ) 144pin SO-DIMM based on 4Mx16, 4Banks, 4K Ref., 3.3V
HSD8M32B4-10 HANBIT-HSD8M32B4-10 Datasheet
108Kb / 11P
   Synchronous DRAM Module 32Mbyte ( 8M x 32-Bit ) 144pin SO-DIMM based on 4Mx16, 4Banks, 4K Ref., 3.3V
HSD8M32B4-10L HANBIT-HSD8M32B4-10L Datasheet
108Kb / 11P
   Synchronous DRAM Module 32Mbyte ( 8M x 32-Bit ) 144pin SO-DIMM based on 4Mx16, 4Banks, 4K Ref., 3.3V
HSD8M32B4-12 HANBIT-HSD8M32B4-12 Datasheet
108Kb / 11P
   Synchronous DRAM Module 32Mbyte ( 8M x 32-Bit ) 144pin SO-DIMM based on 4Mx16, 4Banks, 4K Ref., 3.3V
HSD8M32B4-13 HANBIT-HSD8M32B4-13 Datasheet
108Kb / 11P
   Synchronous DRAM Module 32Mbyte ( 8M x 32-Bit ) 144pin SO-DIMM based on 4Mx16, 4Banks, 4K Ref., 3.3V
More results

Similar Description - HSD8M32F4V

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD8M64F8V HANBIT-HSD8M64F8V Datasheet
106Kb / 10P
   Synchronous DRAM Module 64Mbyte ( 8M x 64-Bit ) SMM based on 8Mx8, 4Banks, 4K Ref., 3.3V
HSD8M32M4V HANBIT-HSD8M32M4V Datasheet
89Kb / 10P
   Synchronous DRAM Module 32Mbyte ( 8M x 32-Bit ) 72pin-SIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD8M32B4 HANBIT-HSD8M32B4 Datasheet
108Kb / 11P
   Synchronous DRAM Module 32Mbyte ( 8M x 32-Bit ) 144pin SO-DIMM based on 4Mx16, 4Banks, 4K Ref., 3.3V
HSD16M32F4V HANBIT-HSD16M32F4V Datasheet
103Kb / 11P
   Synchronous DRAM Module 64Mbyte ( 16M x 32-Bit ) SMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD16M64D16A HANBIT-HSD16M64D16A Datasheet
155Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit), DIMM based on 8Mx8, 4Banks, 4K Ref., 3.3V
HSD16M64F8V HANBIT-HSD16M64F8V Datasheet
88Kb / 11P
   Synchronous DRAM Module, 128Mbyte ( 16M x 64-Bit ) SMM based on 16Mx8 4Banks, 4K Ref., 3.3V
HSD64M64F8K HANBIT-HSD64M64F8K Datasheet
204Kb / 12P
   Synchronous DRAM Module 512Mbyte (64Mx64bit), SMM, based on 32Mx8, 4Banks, 4K Ref., 3.3V
HSD64M64F8KA HANBIT-HSD64M64F8KA Datasheet
137Kb / 10P
   Synchronous DRAM Module 512Mbyte (64Mx64bit), SMM, based on 32Mx8 ,4Banks, 4K Ref., 3.3V
HSD16M32F4VP HANBIT-HSD16M32F4VP Datasheet
96Kb / 9P
   Synchronous DRAM Module, 64Mbyte ( 16M x 32-Bit ) SMM based on 2Mx16Bitx4Banks, 4K Ref., 3.3V
HSD4M64D4B HANBIT-HSD4M64D4B Datasheet
127Kb / 10P
   Synchronous DRAM Module 32Mbyte (4Mx64-Bit), DIMM, 4Banks, 4K Ref., 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com